Electronic Components Datasheet Search |
|
5962-8763308QA Datasheet(PDF) 1 Page - Texas Instruments |
|
5962-8763308QA Datasheet(HTML) 1 Page - Texas Instruments |
1 / 149 page SPRS009C – JANUARY 1987 – REVISED JULY 1991 TMS320C1x DIGITAL SIGNAL PROCESSORS POST OFFICE BOX 1443 • HOUSTON, TEXAS 77001 Copyright © 1991, Texas Instruments Incorporated 1 PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. • Performance Up to 8.77 MIPs • All TMS320C1x Devices are Object Code Compatible • 144/256-Word On-Chip Data RAM • 1.5K/4K/8K-Word On-Chip Program ROM • 4K-Word On-Chip Program EPROM (TMS320E14/P14/E15/P15/E17/P17) • One-Time Programmable (OTP) Versions Available (TMS320P14/P15/P17) • EPROM Code Protection for Copyright Security • 4K / 64K-Word Total External Memory at Full Speed • 32-Bit ALU/Accumulator • 16 × 16-Bit Multiplier With a 32-Bit Product • 0 to 16-Bit Barrel Shifter • Eight Input/Output Channels • Dual-Channel Serial Port • Simple Memory and I/O Interface • 5-V and 3.3-V Versions Available (TMS320LC15/LC17) • Commercial and Military Versions Available • Operating Free-Air Temperature . . . 0 °C to 70°C • Packaging: DIP, PLCC, Quad Flatpack, and CER-QUAD • CMOS Technology: Device Cycle Time — TMS320C10 200-ns . . . . . . . . . . . . . . . . . . . — TMS320C10-14 280-ns . . . . . . . . . . . . . . . . — TMS320C10-25 160-ns . . . . . . . . . . . . . . . . — TMS320C14 160-ns . . . . . . . . . . . . . . . . . . . — TMS320E14 160-ns . . . . . . . . . . . . . . . . . . . — TMS320P14 160-ns . . . . . . . . . . . . . . . . . . . — TMS320C15 200-ns . . . . . . . . . . . . . . . . . . . — TMS320C15-25 160-ns . . . . . . . . . . . . . . . . — TMS320E15 200-ns . . . . . . . . . . . . . . . . . . . — TMS320E15-25 160-ns . . . . . . . . . . . . . . . . — TMS320LC15 250-ns . . . . . . . . . . . . . . . . . . — TMS320P15 200-ns . . . . . . . . . . . . . . . . . . . — TMS320C16 114-ns . . . . . . . . . . . . . . . . . . . — TMS320C17 200-ns . . . . . . . . . . . . . . . . . . . — TMS320E17 200-ns . . . . . . . . . . . . . . . . . . . — TMS320LC17 278-ns . . . . . . . . . . . . . . . . . . — TMS320P17 200-ns . . . . . . . . . . . . . . . . . . . introduction The TMS32010 digital signal processor (DSP), introduced in 1983, was the first DSP in the TMS320 family. From it has evolved this TMS320C1x generation of 16-bit DSPs. All ′C1x DSPs are object code compatible with the TMS32010 DSP. The ′C1x DSPs combine the flexibility of a high-speed controller with the numerical capability of an array processor, thereby offering an inexpensive alternative to multichip bit-slice processors. The highly paralleled architecture and efficient instruction set provide speed and flexibility to produce a CMOS microprocessor generation capable of executing up to 8.77 MIPS (million instructions per second) ( ′C16). These ′C1x devices utilize a modified Harvard architecture to optimize speed and flexibility, implementing functions in hardware that other processors implement through microcode or software. The ′C1x generation’s powerful instruction set, inherent flexibility, high-speed number-handling capabilities, reduced power consumption, and innovative architecture have made these cost-effective DSPs the ideal solution for many telecommunications, computer, commercial, industrial, and military applications. This data sheet provides detailed design documentation for the ′C1x DSPs. It facilitates the selection of devices best suited for various user applications by providing specifications and special features for each ′C1x DSP. This data sheet is arranged as follows: introduction, quick reference table of device parameters and packages, summary overview of each device, architecture overview, and the ′C1x device instruction set summary. These are followed by data sheets for each ′C1x device providing available package styles, terminal function tables, block diagrams, and electrical and timing parameters. An index is provided to facilitate data sheet usage. |
Similar Part No. - 5962-8763308QA |
|
Similar Description - 5962-8763308QA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |