Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN55LBC180 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN55LBC180
Description  LOW-POWER RS-485 LINE DRIVER AND RECEIVER PAIRS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN55LBC180 Datasheet(HTML) 4 Page - Texas Instruments

  SN55LBC180 Datasheet HTML 1Page - Texas Instruments SN55LBC180 Datasheet HTML 2Page - Texas Instruments SN55LBC180 Datasheet HTML 3Page - Texas Instruments SN55LBC180 Datasheet HTML 4Page - Texas Instruments SN55LBC180 Datasheet HTML 5Page - Texas Instruments SN55LBC180 Datasheet HTML 6Page - Texas Instruments SN55LBC180 Datasheet HTML 7Page - Texas Instruments SN55LBC180 Datasheet HTML 8Page - Texas Instruments SN55LBC180 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
DRIVER SECTION
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
SWITCHING CHARACTERISTICS (SN55LBC180)
SN55LBC180
SN65LBC180
SN75LBC180
SLLS174G – FEBRUARY 1994 – REVISED APRIL 2009................................................................................................................................................... www.ti.com
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VIK
Input clamp voltage
II = -18 mA
–1.5
V
SN55LBC180
1
2.5
5
RL = 54 Ω,
SN65LBC180
1.1
2.5
5
See Figure 1
SN75LBC180
1.5
2.5
5
| VOD |
Differential output voltage magnitude(2)
V
SN55LBC180
1
2.5
5
RL = 60 Ω,
SN65LBC180
1.1
2
5
See Figure 2
SN75LBC180
1.5
2
5
Δ| VOD | Change in magnitude of differential output voltage
(3)
See Figure 1 and Figure 2
±0.2
V
VOC
Common-mode output voltage
1
2.5
3
V
RL = 54 Ω,
See Figure 1
Change in magnitude of common-mode output
Δ| VOC |
±0.2
V
voltage(3)
IO
Output current with power off
VCC = 0,
VO = –7 V to 12 V
±100
µA
IOZ
High-impedance-state output current
VO = –7 V to 12 V
±100
µA
IIH
High-level input current
VI = 2.4 V
100
µA
IIL
Low-level input current
VI = 0.4 V
100
µA
IOS
Short-circuit output current
–7 V
≤ VO ≤ 12 V
±250
mA
Outputs enabled
5
ICC
Supply current
Receiver disabled
mA
Outputs disabled
3
(1)
All typical values are at VCC = 5 V and TA = 25°C.
(2)
The minimum VOD specification may not fully comply with ANSI RS-485 at operating temperatures below 0°C. System designers should
take the possibly lower output signal into account in determining the maximum signal-transmission distance.
(3)
Δ|VOD| and Δ|VOC| are the changes in the steady-state magnitude of VOD and VOC, respectively, that occur when the input is changed
from a high level to a low level.
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(OD)
Differential output delay time
7
12
18
ns
RL = 54 Ω,
See Figure 3
tt(OD)
Differential output transition time
5
10
20
ns
tPZH
Output enable time to high level
RL = 110 Ω,
See Figure 4
35
ns
tPZL
Output enable time to low level
RL = 110 Ω,
See Figure 5
35
ns
tPHZ
Output disable time from high level
RL = 110 Ω,
See Figure 4
50
ns
tPLZ
Output disable time from low level
RL = 110 Ω,
See Figure 5
35
ns
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(OD)
Differential output delay time
15
ns
RL = 54 Ω,
See Figure 3
tt(OD)
Differential output transition time
21
ns
tPZH
Output enable time to high level
32
RL = 110 Ω,
See Figure 4
ns
tPHZ
Output disable time from high level
55
tPZL
Output enable time to low level
32
RL = 110 Ω,
See Figure 5
ns
tPLZ
Output disable time from low level
20
4
Submit Documentation Feedback
Copyright © 1994–2009, Texas Instruments Incorporated
Product Folder Link(s): SN55LBC180 SN65LBC180 SN75LBC180


Similar Part No. - SN55LBC180

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LBC172 TI-SN55LBC172 Datasheet
177Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC172 TI-SN55LBC172 Datasheet
392Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC172 TI1-SN55LBC172 Datasheet
1Mb / 18P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC172FK TI-SN55LBC172FK Datasheet
177Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC172J TI-SN55LBC172J Datasheet
177Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
More results

Similar Description - SN55LBC180

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC179A TI-SN65LBC179A Datasheet
195Kb / 13P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI1-SN65LBC179ADG4 Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI1-SN65LBC180A_15 Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180A TI-SN75LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179DR TI-SN65LBC179DR Datasheet
488Kb / 19P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
DS8922 NSC-DS8922 Datasheet
486Kb / 14P
   TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com