Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD11SKGDA Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD11SKGDA
Description  3.3-V RS-485 TRANSCEIVER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD11SKGDA Datasheet(HTML) 2 Page - Texas Instruments

  SN65HVD11SKGDA Datasheet HTML 1Page - Texas Instruments SN65HVD11SKGDA Datasheet HTML 2Page - Texas Instruments SN65HVD11SKGDA Datasheet HTML 3Page - Texas Instruments SN65HVD11SKGDA Datasheet HTML 4Page - Texas Instruments SN65HVD11SKGDA Datasheet HTML 5Page - Texas Instruments SN65HVD11SKGDA Datasheet HTML 6Page - Texas Instruments SN65HVD11SKGDA Datasheet HTML 7Page - Texas Instruments SN65HVD11SKGDA Datasheet HTML 8Page - Texas Instruments SN65HVD11SKGDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
SN65HVD11-HT
SLLS934E – NOVEMBER 2008 – REVISED JUNE 2012
www.ti.com
BARE DIE INFORMATION
BACKSIDE
BOND PAD
DIE THICKNESS
BACKSIDE FINISH
POTENTIAL
METALLIZATION COMPOSITION
15 mils.
Silicon with backgrind
GND
Cu-Ni-Pd
Table 1. Bond Pad Coordinates in Microns - Rev A
DESCRIPTION(1)
PAD NUMBER
a
b
c
d
R
1
69.30
372.15
185.30
489.15
~RE
2
388.75
71.50
503.75
186.50
DNC
3
722.40
55.40
839.40
172.40
DNC
4
891.40
55.40
1008.40
172.40
DE
5
1174.80
71.50
1289.80
186.50
DNC
6
1754.35
65.40
1869.35
180.40
DNC
7
1907.35
65.40
2022.35
180.40
D
8
2280.55
69.50
2395.55
184.50
DNC
9
2733.50
371.50
2848.50
486.50
GND
10
2691
1693.10
2808
1810.10
GND
11
2535
1693.10
2652
1810.10
DNC
12
2253.45
1685.65
2368.45
1800.65
A
13
1961.55
1693.10
2078.55
1810.10
B
14
799.55
1693.10
916.55
1810.10
DNC
15
498.35
1681.20
613.35
1796.20
VCC
16
244.80
1668.50
359.80
1783.50
VCC
17
91.80
1668.50
206.80
1783.50
(1)
DNC = Do Not Connect
2
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD11-HT


Similar Part No. - SN65HVD11SKGDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD11SKGDA TI1-SN65HVD11SKGDA Datasheet
610Kb / 34P
[Old version datasheet]   3.3-V RS-485 Transceiver
More results

Similar Description - SN65HVD11SKGDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD11-HT TI1-SN65HVD11-HT_15 Datasheet
610Kb / 34P
[Old version datasheet]   3.3-V RS-485 Transceiver
SN75HVD11DR TI-SN75HVD11DR Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10 TI-SN65HVD10_08 Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD11DR TI-SN65HVD11DR Datasheet
559Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI1-SN65HVD10-EP_14 Datasheet
691Kb / 26P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
logo
Analog Devices
ADM3493 AD-ADM3493 Datasheet
331Kb / 12P
   3.3 V Slew Rate Limited, Half Duplex RS-485/RS-422 Transceiver
REV. 0
ADM3493 AD-ADM3493_15 Datasheet
341Kb / 12P
   3.3 V Slew Rate Limited, Half Duplex RS-485/RS-422 Transceiver
Rev. 0
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
   RS-485 TRANSCEIVER
logo
Texas Instruments
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com