Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD21ADR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD21ADR
Description  6 Mbps, Extended Common-Mode RS-485 Transceiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD21ADR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65HVD21ADR Datasheet HTML 4Page - Texas Instruments SN65HVD21ADR Datasheet HTML 5Page - Texas Instruments SN65HVD21ADR Datasheet HTML 6Page - Texas Instruments SN65HVD21ADR Datasheet HTML 7Page - Texas Instruments SN65HVD21ADR Datasheet HTML 8Page - Texas Instruments SN65HVD21ADR Datasheet HTML 9Page - Texas Instruments SN65HVD21ADR Datasheet HTML 10Page - Texas Instruments SN65HVD21ADR Datasheet HTML 11Page - Texas Instruments SN65HVD21ADR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
VOD(PP)
VOD(RING)
VOD(RING)
VOD(SS)
0 V Differential
VOD(SS)
50
CL =50pF
Signal
Generator
DE
D
0Vor3V
3 V if Testing A Output
0 V if Testing B Output
A
B
RL = 110 Ω
Output
S1
tPZH
tPHZ
0.5V
DE
Output
1.5V
1.5V
2.5V
3V
0V
VOH
VOff 0
50
CL =50pF
Signal
Generator
DE
D
0Vor3V
0 V if Testing A Output
3 V if Testing B Output
RL = 110 Ω
Output
S1
tPZL
tPLZ
0.5V
DE
Output
1.5V
1.5V
2.5V
3V
0V
5V
VOL
5V
SN65HVD21A
SLLSE36 – DECEMBER 2010
www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
NOTE: VOD(RING) is measured at four points on the output waveform, corresponding to overshoot and undershoot from the
VOD(H) and VOD(L) steady state values.
Figure 5. VOD(RING) Waveform and Definitions
Figure 6. Driver Enable/Disable Test, High Output
Figure 7. Driver Enable/Disable Test, Low Output
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :SN65HVD21A


Similar Part No. - SN65HVD21ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD21 TI-SN65HVD21 Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD21 TI-SN65HVD21 Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD21 TI-SN65HVD21 Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD21 TI-SN65HVD21 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD21D TI-SN65HVD21D Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
More results

Similar Description - SN65HVD21ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD21M-EP TI1-SN65HVD21M-EP Datasheet
617Kb / 21P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20 TI-SN65HVD20_07 Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
logo
FutureWafer Tech Co.,Lt...
FM712 FUTUREWAFER-FM712 Datasheet
946Kb / 5P
   For extended common-mode RS-485
logo
Texas Instruments
SN65HVD23 TI-SN65HVD23_10 Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD20_101 TI-SN65HVD20_101 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD20 TI-SN65HVD20 Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
logo
StarHope
TESD712G2B SPSEMI-TESD712G2B Datasheet
501Kb / 3P
   Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Semtech Corporation
SM712 SEMTECH-SM712_04 Datasheet
147Kb / 6P
   Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
SHIKUES Electronics
SM712 SKTECHNOLGY-SM712 Datasheet
649Kb / 4P
   Asymmetrical TVS Diode for Extended Common-Mode RS-485
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com