Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD33MDREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD33MDREP
Description  3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD33MDREP Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD33MDREP Datasheet HTML 1Page - Texas Instruments SN65HVD33MDREP Datasheet HTML 2Page - Texas Instruments SN65HVD33MDREP Datasheet HTML 3Page - Texas Instruments SN65HVD33MDREP Datasheet HTML 4Page - Texas Instruments SN65HVD33MDREP Datasheet HTML 5Page - Texas Instruments SN65HVD33MDREP Datasheet HTML 6Page - Texas Instruments SN65HVD33MDREP Datasheet HTML 7Page - Texas Instruments SN65HVD33MDREP Datasheet HTML 8Page - Texas Instruments SN65HVD33MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
SN65HVD30-EP, SN65HVD31-EP, SN65HVD32-EP
SN65HVD33-EP, SN65HVD34-EP, SN65HVD35-EP
www.ti.com
SGLS367D – SEPTEMBER 2006 – REVISED MARCH 2012
3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
Check for Samples: SN65HVD30-EP, SN65HVD31-EP, SN65HVD32-EP, SN65HVD33-EP, SN65HVD34-EP, SN65HVD35-EP
1
FEATURES
APPLICATIONS
1/8 Unit-Load Option Available (up to 256
Utility Meters
Nodes on the Bus)
DTE/DCE Interfaces
Bus-Pin ESD Protection Exceeds 15-kV HBM
Industrial, Process, and Building Automation
Optional Driver Output Transition Times for
Point-of-Sale (POS) Terminals and Networks
Signaling Rates (1) of 1 Mbps, 5 Mbps, and
25 Mbps
SUPPORTS DEFENSE, AEROSPACE,
Low-Current Standby Mode: <1
μA
AND MEDICAL APPLICATIONS
Glitch-Free Power-Up and Power-Down
Controlled Baseline
Protection for Hot-Plugging Applications
One Assembly/Test Site
5-V-Tolerant Inputs
One Fabrication Site
Bus Idle, Open, and Short-Circuit Fail Safe
Available in Military (–55°C/125°C)
Driver Current Limiting and Thermal Shutdown
Temperature Range
Meet or Exceed the Requirements of ANSI
Extended Product Life Cycle
TIA/EIA-485-A and RS-422 Compatible
Extended Product-Change Notification
(1)
The signaling rate of a line is the number of voltage
Product Traceability
transitions that are made per second expressed in the units
bps (bits per second).
DESCRIPTION
The SN65HVD3x devices are 3-state differential line drivers and differential-input line receivers that operate with
3.3-V power supply.
Each driver and receiver has separate input and output pins for full-duplex bus communication designs. They are
designed for balanced transmission lines and interoperation with ANSI TIA/EIA-485A, TIA/EIA-422-B, ITU-T v.11,
and ISO 8482:1993 standard-compliant devices.
The SN65HVD30, SN65HVD31, and SN65HVD32 are fully enabled with no external enabling pins.
The SN65HVD33, SN65HVD34, and SN65HVD35 have active-high driver enables and active-low receiver
enables. A low (less than 1
μA) standby current can be achieved by disabling both the driver and receiver.
All devices are characterized for operation from –55°C to 125°C.
IMPROVED REPLACEMENT FOR:
Part Number
Replace With
xxx3491
SN65HVD33:
Better ESD protection (15 kV vs 2 kV or not specified), higher signaling rate (25 Mbps vs 20 Mbps),
xxx3490
SN65HVD30:
fractional unit load (64 nodes vs 32)
MAX3491E
SN65HVD33:
Higher signaling rate (25 Mbps vs 12 Mbps), fractional unit load (64 nodes vs 32)
MAX3490E
SN65HVD30:
MAX3076E
SN65HVD33:
Higher signaling rate (25 Mbps vs 16 Mbps), lower standby current (1
μA vs 10 μA)
MAX3077E
SN65HVD30:
MAX3073E
SN65HVD34:
Higher signaling rate (5 Mbps vs 500 kbps), lower standby current (1
μA vs 10 μA)
MAX3074E
SN65HVD31:
MAX3070E
SN65HVD35:
Higher signaling rate (1 Mbps vs 250 kbps), lower standby current (1
μA vs 10 μA)
MAX3071E
SN65HVD32:
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65HVD33MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD33MDREP TI1-SN65HVD33MDREP Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
SN65HVD33MDREPG4 TI1-SN65HVD33MDREPG4 Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
More results

Similar Description - SN65HVD33MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com