Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6MBP100VDA060-50 Datasheet(PDF) 3 Page - Fuji Electric

Part # 6MBP100VDA060-50
Description  IGBT MODULE (V series) 600V / 100A / IPM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

6MBP100VDA060-50 Datasheet(HTML) 3 Page - Fuji Electric

  6MBP100VDA060-50 Datasheet HTML 1Page - Fuji Electric 6MBP100VDA060-50 Datasheet HTML 2Page - Fuji Electric 6MBP100VDA060-50 Datasheet HTML 3Page - Fuji Electric 6MBP100VDA060-50 Datasheet HTML 4Page - Fuji Electric 6MBP100VDA060-50 Datasheet HTML 5Page - Fuji Electric 6MBP100VDA060-50 Datasheet HTML 6Page - Fuji Electric 6MBP100VDA060-50 Datasheet HTML 7Page - Fuji Electric 6MBP100VDA060-50 Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2
3
IGBT Modules
6MBP100VDA060-50
http://www.fujielectric.com/products/semiconductor/
Block Diagram
Vcc ⑭
VinX ⑯
GND ⑬
VinY ⑰
VinZ ⑱
ALM ⑲
VccV ⑧
GNDV ⑤
VccU ④
GNDU ①
VinU ③
VinV ⑦
VccW ⑫
GNDW ⑨
VinW ⑪
ALMU ②
ALM V ⑥
ALM W ⑩
Pre-Driver
Pre-Driver
Pre-Driver
Pre-Driver
Pre-Driver
Pre-Driver
RALM
RALM
RALM
RALM
U
V
W
P
N
Pre-drivers include following functions
1. Amplifier for driver
2. Short circuit protection
3. Under voltage lockout circuit
4. Over current protection
5. IGBT chip over heating protection


Similar Part No. - 6MBP100VDA060-50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBP100VDA120-50 FUJI-6MBP100VDA120-50 Datasheet
612Kb / 8P
   IGBT MODULE (V series) 1200V / 100A / IPM
More results

Similar Description - 6MBP100VDA060-50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBP100VDA060-50 FUJI-7MBP100VDA060-50 Datasheet
684Kb / 11P
   IGBT MODULE (V series) 600V / 100A / IPM
6MBP100VDA120-50 FUJI-6MBP100VDA120-50 Datasheet
612Kb / 8P
   IGBT MODULE (V series) 1200V / 100A / IPM
6MBP100VEA120-50 FUJI-6MBP100VEA120-50 Datasheet
592Kb / 8P
   IGBT MODULE (V series) 1200V / 100A / IPM
7MBP100VDA120-50 FUJI-7MBP100VDA120-50 Datasheet
690Kb / 11P
   IGBT MODULE (V series) 1200V / 100A / IPM
7MBP100VEA120-50 FUJI-7MBP100VEA120-50 Datasheet
821Kb / 11P
   IGBT MODULE (V series) 1200V / 100A / IPM
6MBP75VDA060-50 FUJI-6MBP75VDA060-50 Datasheet
582Kb / 8P
   IGBT MODULE (V series) 600V / 75A / IPM
7MBP150VDA060-50 FUJI-7MBP150VDA060-50 Datasheet
677Kb / 11P
   IGBT MODULE (V series) 600V / 150A / IPM
7MBP200VDA060-50 FUJI-7MBP200VDA060-50 Datasheet
689Kb / 11P
   IGBT MODULE (V series) 600V / 200A / IPM
6MBP200VEA060-50 FUJI-6MBP200VEA060-50 Datasheet
612Kb / 8P
   IGBT MODULE (V series) 600V / 200A / IPM
6MBP150VDA060-50 FUJI-6MBP150VDA060-50 Datasheet
587Kb / 8P
   IGBT MODULE (V series) 600V / 150A / IPM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com