Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD1050MDREPG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1050MDREPG4
Description  EMC OPTIMIZED CAN TRANSCEIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD1050MDREPG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65HVD1050MDREPG4 Datasheet HTML 4Page - Texas Instruments SN65HVD1050MDREPG4 Datasheet HTML 5Page - Texas Instruments SN65HVD1050MDREPG4 Datasheet HTML 6Page - Texas Instruments SN65HVD1050MDREPG4 Datasheet HTML 7Page - Texas Instruments SN65HVD1050MDREPG4 Datasheet HTML 8Page - Texas Instruments SN65HVD1050MDREPG4 Datasheet HTML 9Page - Texas Instruments SN65HVD1050MDREPG4 Datasheet HTML 10Page - Texas Instruments SN65HVD1050MDREPG4 Datasheet HTML 11Page - Texas Instruments SN65HVD1050MDREPG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
CANH
CANL
VID
VI (CANH) +VI (CANL)
2
VIC =
VI (CANH)
VI (CANL)
VO
IO
RXD
1.5 V
CANH
CANL
RXD
V
I
(See Note A)
S
CL = 15 pF + 20%
(See Note B)
IO
VO
VI
VO
tPLH
0.7 VCC
2 V
2.4 V
tPHL
0.3 VCC
90%
10%
3.5 V
1.5 V
VOH
VOL
tr
tf
SN65HVD1050-EP
SLLS772A – DECEMBER 2006 – REVISED OCTOBER 2009
www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 5. Receiver Voltage and Current Definitions
A.
The input pulse is supplied by a generator having the following characteristics: PRR
≤ 125 kHz, 50% duty cycle,
tr ≤ 6 ns, tf ≤ 6 ns, ZO = 50 Ω.
B.
CL includes instrumentation and fixture capacitance within ±20%.
Figure 6. Receiver Test Circuit and Voltage Waveforms
Table 3. Differential Input Voltage Threshold Test
INPUT
OUTPUT
VCANH
VCANL
|VID|
R
–11.1 V
–12 V
900 mV
L
12 V
11.1 V
900 mV
L
VOL
–6 V
–12 V
6 V
L
12 V
6 V
6 V
L
–11.5 V
–12 V
500 mV
H
12 V
11.5 V
500 mV
H
–12 V
–6 V
6 V
H
VOH
6 V
12 V
6 V
H
Open
Open
X
H
8
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s) :SN65HVD1050-EP


Similar Part No. - SN65HVD1050MDREPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1050 TI-SN65HVD1050 Datasheet
871Kb / 19P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050 TI-SN65HVD1050 Datasheet
587Kb / 20P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050-Q1 TI-SN65HVD1050-Q1 Datasheet
376Kb / 17P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050A-Q1 TI-SN65HVD1050A-Q1 Datasheet
591Kb / 18P
[Old version datasheet]   SN65HVD1050AQDRQ1
SN65HVD1050AQDRQ1 TI-SN65HVD1050AQDRQ1 Datasheet
591Kb / 18P
[Old version datasheet]   SN65HVD1050AQDRQ1
More results

Similar Description - SN65HVD1050MDREPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1050 TI-SN65HVD1050 Datasheet
871Kb / 19P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050 TI-SN65HVD1050_08 Datasheet
587Kb / 20P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1040-Q1 TI-SN65HVD1040-Q1 Datasheet
350Kb / 16P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050-Q1 TI-SN65HVD1050-Q1 Datasheet
376Kb / 17P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
359Kb / 17P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1050A-Q1 TI1-SN65HVDA1050A-Q1 Datasheet
601Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1040A-Q1 TI1-SN65HVDA1040A-Q1 Datasheet
764Kb / 24P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1_101 TI-SN65HVD1040A-Q1_101 Datasheet
526Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1_10 Datasheet
477Kb / 19P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1040B-Q1 TI1-SN65HVDA1040B-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   EMC-Optimized High-Speed CAN Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com