Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVDA195-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVDA195-Q1
Description  LIN AND MOST ECL PHYSICAL INTERFACE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVDA195-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  SN65HVDA195-Q1 Datasheet HTML 1Page - Texas Instruments SN65HVDA195-Q1 Datasheet HTML 2Page - Texas Instruments SN65HVDA195-Q1 Datasheet HTML 3Page - Texas Instruments SN65HVDA195-Q1 Datasheet HTML 4Page - Texas Instruments SN65HVDA195-Q1 Datasheet HTML 5Page - Texas Instruments SN65HVDA195-Q1 Datasheet HTML 6Page - Texas Instruments SN65HVDA195-Q1 Datasheet HTML 7Page - Texas Instruments SN65HVDA195-Q1 Datasheet HTML 8Page - Texas Instruments SN65HVDA195-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SN65HVDA195-Q1
www.ti.com
SLLS961A – JULY 2009 – REVISED OCTOBER 2009
Table 1. Operating Modes
LIN BUS
MODE
EN
RXD
INH
TRANSMITTER
COMMENTS
TERMINATION
Sleep
Low
Floating
Weak current pullup
High impedance
Off
Wake-up event detected, waiting
Standby
Low
Low
30 k
Ω (typ)
High
Off
on MCU to set EN
Normal
High
LIN bus data
30 k
Ω (typ)
High
On
LIN transmission up to 20 kbps
Normal Mode
This is the normal operational mode, in which the receiver and driver are active, and LIN transmission up to the
LIN specified maximum of 20 kbps is supported. The receiver detects the data stream on the LIN bus and
outputs it on RXD for the LIN controller, where recessive on the LIN bus is a digital high, and dominate on the
LIN bus is digital low. The driver transmits input data on TXD to the LIN bus. Normal mode is entered as EN
transitions high while the SN65HVDA195 is in sleep or standby mode.
Sleep Mode
Sleep mode is the power saving mode for the SN65HVDA195 and the default state after power up (assuming EN
is low during power up). Even with the extremely low current consumption in this mode, the SN65HVDA195 can
still wake up from LIN bus via a wake-up signal, a low on NWake, or if EN is set high. The LIN bus and NWake
are filtered to prevent false wake-up events. The wake-up events must be active for their respective time periods
(tLINBUS, tNWake).
The sleep mode is entered by setting EN low.
While the device is in sleep mode, the following conditions exist:
The LIN bus driver is disabled and the internal LIN bus termination is switched off (to minimize power loss if
LIN is short circuited to ground). However, the weak current pullup is active to prevent false wake-up events
in case an external connection to the LIN bus is lost.
The normal receiver is disabled.
INH is high impedance.
EN input, NWake input, and the LIN wake-up receiver are active.
Wake-Up Events
There are three ways to wake up the SN65HVDA195 from sleep mode:
Remote wake-up via recessive (high) to dominant (low) state transition on LIN bus. The dominant state must
be held for tLINBUS filter time and then the bus must return to the recessive state (to eliminate false wake-ups
from disturbances on the LIN bus or if the bus is shorted to ground).
Local wake-up via a low on NWake, which is asserted low longer than the filter time tNWake (to eliminate false
wake-ups from disturbances on NWake)
Local wake-up via EN being set high
Standby Mode
This mode is entered whenever a wake-up event occurs via LIN bus or NWake while the SN65HVDA195 is in
sleep mode. The LIN bus slave termination circuit and INH are turned on when standby mode is entered. The
application system powers up once INH is turned on, assuming the system is using a voltage regulator
connected via INH. Standby mode is signaled via a low level on RXD.
When EN is set high while the SN65HVDA195 is in standby mode the device returns to normal mode and the
normal transmission paths from TXD to LIN bus and LIN bus to RXD are enabled.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN65HVDA195-Q1


Similar Part No. - SN65HVDA195-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
[Old version datasheet]   LIN PHYSICAL INTERFACE
SN65HVDA100QDRQ1 TI1-SN65HVDA100QDRQ1 Datasheet
679Kb / 26P
[Old version datasheet]   LIN PHYSICAL INTERFACE
SN65HVDA1040A-Q1 TI1-SN65HVDA1040A-Q1 Datasheet
764Kb / 24P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1040AQDRQ1 TI1-SN65HVDA1040AQDRQ1 Datasheet
764Kb / 24P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1040B-Q1 TI1-SN65HVDA1040B-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   EMC-Optimized High-Speed CAN Bus Transceiver
More results

Similar Description - SN65HVDA195-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
[Old version datasheet]   LIN Physical Interface
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
logo
Motorola, Inc
MC33661 MOTOROLA-MC33661 Datasheet
377Kb / 20P
   LIN Enhanced Physical Interface
logo
Freescale Semiconductor...
33399 FREESCALE-33399 Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
logo
NXP Semiconductors
MC33399 NXP-MC33399 Datasheet
908Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
logo
Freescale Semiconductor...
MC33662LEF FREESCALE-MC33662LEF Datasheet
577Kb / 31P
   LIN 2.1 / SAEJ2602-2, LIN Physical Layer
MC33663 FREESCALE-MC33663 Datasheet
828Kb / 37P
   LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com