Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVDA1040AQDSJRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # HVDA1040AQDSJRQ1
Description  EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HVDA1040AQDSJRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button HVDA1040AQDSJRQ1 Datasheet HTML 6Page - Texas Instruments HVDA1040AQDSJRQ1 Datasheet HTML 7Page - Texas Instruments HVDA1040AQDSJRQ1 Datasheet HTML 8Page - Texas Instruments HVDA1040AQDSJRQ1 Datasheet HTML 9Page - Texas Instruments HVDA1040AQDSJRQ1 Datasheet HTML 10Page - Texas Instruments HVDA1040AQDSJRQ1 Datasheet HTML 11Page - Texas Instruments HVDA1040AQDSJRQ1 Datasheet HTML 12Page - Texas Instruments HVDA1040AQDSJRQ1 Datasheet HTML 13Page - Texas Instruments HVDA1040AQDSJRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
SN65HVDA1040A-Q1
SLLS995C
– FEBRUARY 2010 – REVISED FEBRUARY 2011
www.ti.com
THERMAL CHARACTERISTICS
over recommended operating conditions, TA = –40°C to 125°C (unless otherwise noted)
THERMAL METRIC(1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THERMAL METRIC - SOIC
'D' PACKAGE
12.1-D
Low-K thermal resistance(3)
140
Junction-to-air thermal
θJA
resistance(2)
12.2-D
High-K thermal resistance(4)
112
Junction-to-board thermal
12.3-D
θJB
50
resistance(5)
Junction-to-case (top) thermal
12.4-D
θJC(TOP)
56
resistance(6)
°C/W
Junction-to-case (bottom)
12.5-D
θJC(BOTTOM)
NA
thermal resistance(7)
Junction-to-top
12.6-D
ΨJT
13
characterization parameter(8)
Junction-to-board
12.7-D
ΨJB
55
characterization parameter(9)
THERMAL METRIC - VSON
'DSJ' PACKAGE
12.1-DSJ
Low-K thermal resistance(3)
290
Junction-to-air thermal
θJA
resistance(2)
12.2-DSJ
High-K thermal resistance(4)
52
Junction-to-board thermal
12.3-DSJ
θJB
14
resistance(5)
Junction-to-case (top) thermal
12.4-DSJ
θJC(TOP)
56
resistance(6)
°C/W
Junction-to-case (bottom)
12.5-DSJ
θJC(BOTTOM)
4.5
thermal resistance(7)
Junction-to-top
12.6-DSJ
ΨJT
6
characterization parameter(8)
Junction-to-board
12.7-DSJ
ΨJB
19
characterization parameter(9)
AVERAGE POWER DISSIPATION AND THERMAL SHUTDOWN
VCC = 5 V, TJ = 27°C, RL = 60 Ω, STB at 0 V,
12.5
Input to TXD at 500 kHz, 50% duty cycle
112
square wave, CL at RXD = 15 pF
PD
Average power dissipation
mW
VCC = 5.5 V, TJ = 130°C, RL = 45 Ω, STB at
0 V,
12.6
170
Input to TXD at 500 kHz, 50% duty cycle
square wave, CL at RXD = 15 pF
Thermal shutdown
12.7
185
°C
temperature
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction temperature (TJ) is calculated using the following TJ = TA + (PD × θJA). θJAis PCB dependent, both JEDEC-standard Low-K
and High-K values are given as reference points to standardized reference boards.
(3)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, Low-K board, as
specified in JESD51-3, in an environment described in JESD51-2a.
(4)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, High-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(5)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(6)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific
JEDEC-standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(8)
The junction-to-top characterization parameter,
ΨJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(9)
The junction-to-board characterization parameter,
ΨJB estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
10
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): SN65HVDA1040A-Q1


Similar Part No. - HVDA1040AQDSJRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HVDA5405QDRQ1 TI1-HVDA5405QDRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
HVDA5405QDRQ1 TI1-HVDA5405QDRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
HVDA540QDRQ1 TI1-HVDA540QDRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
HVDA540QDRQ1 TI1-HVDA540QDRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
HVDA540QDSJRQ1 TI1-HVDA540QDSJRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
More results

Similar Description - HVDA1040AQDSJRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1040A-Q1_101 TI-SN65HVD1040A-Q1_101 Datasheet
526Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1_10 Datasheet
477Kb / 19P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
359Kb / 17P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1050A-Q1 TI1-SN65HVDA1050A-Q1 Datasheet
601Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1040B-Q1 TI1-SN65HVDA1040B-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   EMC-Optimized High-Speed CAN Bus Transceiver
SN65HVD1050-EP TI1-SN65HVD1050-EP Datasheet
717Kb / 21P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050 TI-SN65HVD1050 Datasheet
871Kb / 19P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050 TI-SN65HVD1050_08 Datasheet
587Kb / 20P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1040-Q1 TI-SN65HVD1040-Q1 Datasheet
350Kb / 16P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050-Q1 TI-SN65HVD1050-Q1 Datasheet
376Kb / 17P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com