Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9306-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9306-Q1
Description  DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9306-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  PCA9306-Q1 Datasheet HTML 1Page - Texas Instruments PCA9306-Q1 Datasheet HTML 2Page - Texas Instruments PCA9306-Q1 Datasheet HTML 3Page - Texas Instruments PCA9306-Q1 Datasheet HTML 4Page - Texas Instruments PCA9306-Q1 Datasheet HTML 5Page - Texas Instruments PCA9306-Q1 Datasheet HTML 6Page - Texas Instruments PCA9306-Q1 Datasheet HTML 7Page - Texas Instruments PCA9306-Q1 Datasheet HTML 8Page - Texas Instruments PCA9306-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.ti.com
FEATURES
DCU PACKAGE
(TOP VIEW)
1
8
GND
2
7
V
REF1
3
6
SCL1
4
5
SDA1
EN
V
REF2
SCL2
SDA2
PCA9306-Q1
DUAL BIDIRECTIONAL I2C BUS AND SMBus
VOLTAGE-LEVEL TRANSLATOR
SCPS178 – JULY 2007
• Qualified for Automotive Applications
• High-Impedance SCL1, SDA1, SCL2, and
SDA2 Pins for EN = Low
• 2-Bit Bidirectional Translator for SDA and SCL
Lines in Mixed-Mode I2C Applications
• Lock-Up-Free Operation for Isolation When
EN = Low
• I2C and SMBus Compatible
• Flow-Through Pinout for Ease of Printed
• Less Than 1.5-ns Maximum Propagation Delay
Circuit Board Trace Routing
to Accommodate Standard-Mode and
Fast-Mode I2C Devices and Multiple Masters
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• Allows Voltage-Level Translation Between
• ESD Protection Exceeds JESD 22
1.2-V VREF1 and 1.8-V, 2.5-V, 3.3-V, or 5-V
VREF2
2000-V Human-Body Model (A114-A)
1.8-V VREF1 and 2.5-V, 3.3-V or 5-V VREF2
200-V Machine Model (A115-A)
2.5-V VREF1 and 3.3-V or 5-V VREF2
1000-V Charged-Device Model (C101)
3.3-V VREF1 and 5-V VREF2
• Provides Bidirectional Voltage Translation
With No Direction Pin
• Low 3.5-Ω ON-State Connection Between
Input and Output Ports Provides Less Signal
Distortion
• Open-Drain I2C I/O Ports (SCL1, SDA1, SCL2,
and SDA2)
• 5-V Tolerant I2C I/O Ports to Support
Mixed-Mode Signal Operation
PIN
SYMBOL
FUNCTION
1
GND
Ground, 0 V
2
VREF1
Low-voltage-side reference supply voltage for SCL1 and SDA1
3
SCL1
Serial clock, low-voltage side. Connect to VREF1 through a pullup resistor.
4
SDA1
Serial data, low-voltage side. Connect to VREF1 through a pullup resistor.
5
SDA2
Serial data, high-voltage side. Connect to VREF2 through a pullup resistor.
6
SCL2
Serial clock, high-voltage side. Connect to VREF2 through a pullup resistor.
7
VREF2
High-voltage-side reference supply voltage for SCL2 and SDA2
8
EN
Switch enable input. Connected to VREF2 and pulled up through a high resistor.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCA9306-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306-Q1 TI1-PCA9306-Q1 Datasheet
972Kb / 23P
[Old version datasheet]   Voltage-Level Translator
PCA9306-Q1 TI1-PCA9306-Q1_16 Datasheet
972Kb / 23P
[Old version datasheet]   Voltage-Level Translator
More results

Similar Description - PCA9306-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306DQER TI1-PCA9306DQER Datasheet
1Mb / 22P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212_15 Datasheet
285Kb / 11P
   Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
logo
ON Semiconductor
NLA9306 ONSEMI-NLA9306 Datasheet
235Kb / 12P
   Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2019 ??Rev. 1
logo
NXP Semiconductors
PCA9306 NXP-PCA9306_V01 Datasheet
580Kb / 37P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.2 - 25 October 2022
PCA9306_1011 NXP-PCA9306_1011 Datasheet
504Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
PCA9306 PHILIPS-PCA9306 Datasheet
123Kb / 21P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 02-21 February 2007
PCA9306 NXP-PCA9306_V02 Datasheet
619Kb / 38P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.3 - 14 November 2022
logo
Global Mixed-mode Techn...
G3401 GMT-G3401 Datasheet
46Kb / 1P
   Dual Bidirectional I2C Bus and SMBus Voltage- Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com