Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LV1023A-EP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LV1023A-EP
Description  10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LV1023A-EP Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65LV1023A-EP Datasheet HTML 5Page - Texas Instruments SN65LV1023A-EP Datasheet HTML 6Page - Texas Instruments SN65LV1023A-EP Datasheet HTML 7Page - Texas Instruments SN65LV1023A-EP Datasheet HTML 8Page - Texas Instruments SN65LV1023A-EP Datasheet HTML 9Page - Texas Instruments SN65LV1023A-EP Datasheet HTML 10Page - Texas Instruments SN65LV1023A-EP Datasheet HTML 11Page - Texas Instruments SN65LV1023A-EP Datasheet HTML 12Page - Texas Instruments SN65LV1023A-EP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
SN65LV1023A-EP
SN65LV1224B-EP
SGLS358 – SEPTEMBER 2006
over recommended operating supply and temperature ranges (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SERIALIZER LVCMOS/LVTTL DC SPECIFICATIONS(1)
VIH
High-level input voltage
2
VCC
V
VIL
Low-level input voltage
GND
0.8
V
VCL
Input clamp voltage
ICL = –18 mA
-0.86
–1.5
V
IIN
Input current, (2)
VIN = 0 V or 3.6 V
–200
±100
200
µA
DESERIALIZER LVCMOS/LVTTL DC SPECIFICATIONS(3)
VIH
High-level input voltage
2
VCC
V
VIL
Low-level input voltage
GND
0.8
V
VCL
Input clamp voltage
ICL = –18 mA
–0.62
–1.5
V
IIN
Input current (pull-up and
VIN = 0 V or 3.6 V
–200
200
µA
pull-down resistors on inputs)
VOH
High-level output voltage
IOH = –5 mA
2.2
3
VCC
V
VOL
Low-level output voltage
IOL = 5 mA
GND
0.25
0.5
V
IOS
Output short-circuit current
VOUT = 0 V
–47
–85
mA
IOZ
High-impedance output current
PWRDN or REN = 0.8 V, VOUT = 0 V or VCC
–10
±1
10
µA
SERIALIZER LVDS DC SPECIFICATIONS (Apply to Pins DO+ and DO–)
VOD
Output differential voltage
RL = 27 Ω, See Figure 20
350
450
mV
(DO+)–(DO–)
∆V
OD
Output differential voltage
35
mV
unbalance
VOS
Offset voltage
1.1
1.2
1.3
V
∆V
OS
Offset voltage unbalance
4.8
35
mV
IOS
Output short circuit current
D0 = 0 V, DINx = high,
–10
–90
mA
PWRDN and DEN = 2.4 V
IOZ
High-impedance output current
PWRDN or DEN = 0.8 V,
–10
±1
10
µA
DO = 0 V or VCC
IOX
Power-off output current
VCC = 0 V, DO = 0 V or 3.6 V
–20
±1
25
µA
CO
Output single-ended capacitance
1
pF
DESERIALIZER LVDS DC SPECIFICATIONS (Apply to Pins RI+ and RI–)
VTH
Differential threshold high voltage
VCM = 1.1 V
50
mV
VTL
Differential threshold low voltage
–50
mV
VIN = 2.4 V, VCC = 3.6 V or 0 V
–10
±1
15
IIN
Input current
µA
VIN = 0 V, VCC = 3.6 V or 0 V
–10
±0.05
10
CI
Input single-ended capacitance
0.5
pF
SERIALIZER SUPPLY CURRENT (Applies to Pins DVCC and AVCC)
f = 10 MHz
20
25
Serializer supply current worst
ICCD
RL = 27 Ω, See Figure 5
mA
case
f = 66 MHz
55
70
ICCXD
Serializer supply current
PWRDN = 0.8 V
200
500
µA
DESERIALIZER SUPPLY CURRENT (applies to pins DVCC and AVCC)
f = 10 MHz
15
35
Deserializer supply current, worst
ICCR
CL = 15 pF, See Figure 5
mA
case
f = 66 MHz
80
95
ICCXR
Deserializer supply current, power
PWRDN = 0.8 V, REN = 0.8 V
0.36
1
mA
down
(1)
Apply to DIN0–DIN9, TCLK, PWRDN, TCLK_R/F, SYNC1, SYNC2, and DEN
(2)
High IIN values are due to pullup and pulldown resistors on the inputs.
(3)
Apply to pins PWRDN, RCLK_R/F, REN, and REFCLK = inputs; apply to pins ROUTx, RCLK, and LOCK = outputs (see Deserializer truth
table)
9
Submit Documentation Feedback


Similar Part No. - SN65LV1023A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1023A-EP TI1-SN65LV1023A-EP Datasheet
938Kb / 29P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP_14 Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
More results

Similar Description - SN65LV1023A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1023A TI-SN65LV1023A Datasheet
314Kb / 22P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI1-SN65LV1023A_16 Datasheet
938Kb / 29P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI-SN65LV1023A_07 Datasheet
717Kb / 29P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP_14 Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI-SN65LV1021 Datasheet
266Kb / 19P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI1-SN65LV1021_08 Datasheet
409Kb / 22P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023 TI-SN65LV1023 Datasheet
292Kb / 20P
[Old version datasheet]   30 MHZ TO 66MHZ 10:1 LVDS SERIALIZER/DESERIALIZER
logo
National Semiconductor ...
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1023E TI1-DS92LV1023E_14 Datasheet
963Kb / 21P
[Old version datasheet]   30-66 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS92LV1224 NSC-DS92LV1224 Datasheet
799Kb / 16P
   30-66 MHz 10 Bit Bus LVDS Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com