Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LV1023A-EP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LV1023A-EP
Description  10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LV1023A-EP Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65LV1023A-EP Datasheet HTML 7Page - Texas Instruments SN65LV1023A-EP Datasheet HTML 8Page - Texas Instruments SN65LV1023A-EP Datasheet HTML 9Page - Texas Instruments SN65LV1023A-EP Datasheet HTML 10Page - Texas Instruments SN65LV1023A-EP Datasheet HTML 11Page - Texas Instruments SN65LV1023A-EP Datasheet HTML 12Page - Texas Instruments SN65LV1023A-EP Datasheet HTML 13Page - Texas Instruments SN65LV1023A-EP Datasheet HTML 14Page - Texas Instruments SN65LV1023A-EP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
www.ti.com
DESERIALIZER SWITCHING CHARACTERISTICS
SN65LV1023A-EP
SN65LV1224B-EP
SGLS358 – SEPTEMBER 2006
over recommended operating supply and temperature ranges (unless otherwise specified)
PARAMETER
TEST
PIN/FREQ
MIN
TYP
MAX
UNIT
CONDITIONS
t(RCP)
Receiver out clock period
t(RCP) = t(TCP), See
RCLK
15.15
100
ns
Figure 13
tTLH(C))
CMOS/TTL low-to-high
ROUT0–ROUT9
1.2
CL = 15 pF, CL =
transition time
,
15 pF, See
ns
LOCK, RCLK
tTHL(C))
CMOS/TTL high-to-low
1.1
Figure 7
transition time
td(D)(1)
Deserializer delay, See
Room temperature, 10 MHz
1.75
×t
(RCP)
1.75
×t
(RCP)
ns
Figure 14
3.3 V
+4.2
+12.6
66 MHz
1.75
×t
(RCP)
1.75
×t
(RCP)
ns
+7.4
+9.7
t(ROS)
ROUTx data valid before RCLK
RCLK 10 MHz
0.4
×t
(RCP)
0.5
×t
(RCP)
RCLK 66 MHz
0.4
×t
(RCP)
0.5
×t
(RCP)
See Figure 15
ns
t(ROH)
ROUTx data valid after RCLK
10 MHz
–0.4
×t
(RCP)
–0.5
×t
(RCP)
66 MHz
–0.4
×t
(RCP)
–0.5
×t
(RCP)
t(RDC)
RCLK duty cycle
40%
50%
60%
ns
td(HZ)
High-to-high impedance state
6.5
ns
delay
td(LZ)
Low-to-high impedance state
4.7
ns
delay
See Figure 16
ROUT0–ROUT9
td(HR)
High-impedance state to high
5.3
ns
delay
td(ZL)
High-impedance state to low
4.7
ns
delay
t(DSR1)
Deserializer PLL lock time from
10 MHz
850
× t
RFCP
PWRDN (with SYNCPAT)
66 MHz
850
× t
RFCP
µs
See Figure 17,
10 MHz
2
Figure 18,
t(DSR2)
Deserializer PLL lock time from
66 MHz
0.303
and (2)
SYNCPAT
td(ZHLK)
High-impedance state to high
LOCK
3
ns
delay (power up)
10 MHz
3680
See Figure 19 and
tRNM
Deserializer noise margin
ps
(3)
66 MHz
540
(1)
The deserializer delay time for all frequencies does not exceed two serial bit times.
(2)
t(DSR1) represents the time required for the deserializer to register that a lock has occurred upon powerup or when leaving the
powerdown mode. t(DSR2) represents the time required to register that a lock has occurred for the powered up and enabled deserializer
when the input (RI
±) conditions change from not receiving data to receiving synchronization patterns (SYNCPATs). In order to specify
deserializer PLL performance, tDSR1 and tDSR2 are specified with REFCLK active and stable and specific conditions of SYNCPATs.
(3)
tRNM represents the phase noise or jitter that the deserializer can withstand in the incoming data stream before bit errors occur.
11
Submit Documentation Feedback


Similar Part No. - SN65LV1023A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1023A-EP TI1-SN65LV1023A-EP Datasheet
938Kb / 29P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP_14 Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
More results

Similar Description - SN65LV1023A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1023A TI-SN65LV1023A Datasheet
314Kb / 22P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI1-SN65LV1023A_16 Datasheet
938Kb / 29P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI-SN65LV1023A_07 Datasheet
717Kb / 29P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP_14 Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI-SN65LV1021 Datasheet
266Kb / 19P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI1-SN65LV1021_08 Datasheet
409Kb / 22P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023 TI-SN65LV1023 Datasheet
292Kb / 20P
[Old version datasheet]   30 MHZ TO 66MHZ 10:1 LVDS SERIALIZER/DESERIALIZER
logo
National Semiconductor ...
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1023E TI1-DS92LV1023E_14 Datasheet
963Kb / 21P
[Old version datasheet]   30-66 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS92LV1224 NSC-DS92LV1224 Datasheet
799Kb / 16P
   30-66 MHz 10 Bit Bus LVDS Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com