Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LV1023AMDBREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LV1023AMDBREP
Description  10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LV1023AMDBREP Datasheet(HTML) 3 Page - Texas Instruments

  SN65LV1023AMDBREP Datasheet HTML 1Page - Texas Instruments SN65LV1023AMDBREP Datasheet HTML 2Page - Texas Instruments SN65LV1023AMDBREP Datasheet HTML 3Page - Texas Instruments SN65LV1023AMDBREP Datasheet HTML 4Page - Texas Instruments SN65LV1023AMDBREP Datasheet HTML 5Page - Texas Instruments SN65LV1023AMDBREP Datasheet HTML 6Page - Texas Instruments SN65LV1023AMDBREP Datasheet HTML 7Page - Texas Instruments SN65LV1023AMDBREP Datasheet HTML 8Page - Texas Instruments SN65LV1023AMDBREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.ti.com
FUNCTIONAL DESCRIPTION
SYNCHRONIZATION-PATTERN GENERATION (SN65LV1023A)
SN65LV1023A-EP
SN65LV1224B-EP
SGLS358 – SEPTEMBER 2006
The SN65LV1023A and SN65LV1224B are a 10-bit serializer/deserializer chipset designed to transmit data over
differential backplanes or unshielded twisted pair (UTP) at clock speeds from 10 MHz to 66 MHz. The chipset
has five states of operation: initialization mode, synchronization mode, data transmission mode, power-down
mode, and high-impedance mode. The following sections describe each state of operation.
The synchronization-pattern generation is designed to work, as follows:
After SYNC1 or SYNC2 is held high for at least 6T (T = 1 refclk cycle), the SYNC pattern is generated on the
serial line for 1026T. During this 1026-cycle SYNC pattern transmission, it is not required that SYNC1 or SYNC2
be held high.
There are two different cases in which this SYNC pattern generation might be used:
1. SYNC1 or SYNC2 is held high once at least 6T, but no more than 1026T:
In this case, the sync-pattern generation should generate 1026T of SYNC pattern only once, and the data
that follows the SYNC pattern on the serial line should reflect the parallel inputs. In this scenario, the sync
pattern generation is working as it is designed.
2. SYNC1 or SYNC2 is held high continuously at least 1038T (6T to invoke the first series of SYNC pattern,
and 1026T, which is the duration of the first series of the SYNC pattern, and 6T to invoke the second series
of the SYNC pattern):
If the sync-pattern generator operates as it is intended, the user should be able to observe the continuous
SYNC pattern on the serial line. For example, if the SYNC1 or SYNC2 is held high for 1039T, a user can
see the SYNC pattern being generated continuously for 2052T (=1026T+1026T). However, as shown in
Figure 1, the device behaves in a way that, if the SYNC1 or SYNC2 is held high for more than 1038T, it
sends out 1028T of SYNC pattern, plus 4T of data (which reflects the data that is present on the parallel
input at that time) and another 1026T of SYNC pattern. Figure 1 basically shows how the data on the serial
line would be affected if the SYNC1 or SYNC2 is held for an extended period of time.
Figure 1. Sync-Pattern Generation
3
Submit Documentation Feedback


Similar Part No. - SN65LV1023AMDBREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1023AMDBREP TI1-SN65LV1023AMDBREP Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
More results

Similar Description - SN65LV1023AMDBREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1023A TI-SN65LV1023A Datasheet
314Kb / 22P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI1-SN65LV1023A_16 Datasheet
938Kb / 29P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI-SN65LV1023A_07 Datasheet
717Kb / 29P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP_14 Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI-SN65LV1021 Datasheet
266Kb / 19P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI1-SN65LV1021_08 Datasheet
409Kb / 22P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023 TI-SN65LV1023 Datasheet
292Kb / 20P
[Old version datasheet]   30 MHZ TO 66MHZ 10:1 LVDS SERIALIZER/DESERIALIZER
logo
National Semiconductor ...
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1023E TI1-DS92LV1023E_14 Datasheet
963Kb / 21P
[Old version datasheet]   30-66 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS92LV1224 NSC-DS92LV1224 Datasheet
799Kb / 16P
   30-66 MHz 10 Bit Bus LVDS Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com