Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2054D4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2054D4
Description  1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2054D4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA2054D4 Datasheet HTML 7Page - Texas Instruments TPA2054D4 Datasheet HTML 8Page - Texas Instruments TPA2054D4 Datasheet HTML 9Page - Texas Instruments TPA2054D4 Datasheet HTML 10Page - Texas Instruments TPA2054D4 Datasheet HTML 11Page - Texas Instruments TPA2054D4 Datasheet HTML 12Page - Texas Instruments TPA2054D4 Datasheet HTML 13Page - Texas Instruments TPA2054D4 Datasheet HTML 14Page - Texas Instruments TPA2054D4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
−80
−70
−60
−50
−40
−30
−20
−10
0
f − Frequency − Hz
G028
20
100
1k
20k
10k
Total Gain = 6 dB
Input Level = 0.2 Vpp
RL = 32 Ω
VDD = 3.6 V
−140
−120
−100
−80
−60
−40
−20
0
f − Frequency − Hz
G029
20
100
1k
20k
10k
PO = 250 mW
RL = 8 Ω + 33 µH
VDD = 3.6 V
Stereo Single-Ended
Left to Right
Right to Left
−120
−100
−80
−60
−40
−20
0
f − Frequency − Hz
G030
20
100
1k
20k
10k
PO = 35 mW
RL = 32 Ω
VDD = 3.6 V
Stereo Single-Ended
Left to Right
Right to Left
0
5
10
15
20
25
30
35
40
45
50
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD − Supply Voltage − V
G031
Total Gain = 6 dB
HP Load = 32
RL = 8 Ω + 33 µH
Speaker Enabled Only
0
5
10
15
20
25
30
35
40
45
50
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD − Supply Voltage − V
G033
Total Gain = 6 dB
HP Load = 32
RL = 8 Ω + 33 µH
Speaker and Headphone Enabled
0
5
10
15
20
25
30
35
40
45
50
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD − Supply Voltage − V
G032
Total Gain = 6 dB
HP Load = 32
RL = 8 Ω + 33 µH
Headphone Enabled Only
TPA2054D4
www.ti.com ..................................................................................................................................................................................................... SLOS607 – APRIL 2009
TYPICAL CHARACTERISTIC GRAPHS (continued)
CI = 1 µF, Cbypass = 1 µF
COMMON-MODE REJECTION RATIO
(HP)
CROSSTALK (SP)
CROSSTALK (HP)
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 33.
Figure 34.
Figure 35.
SUPPLY CURRENT
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 36.
Figure 37.
Figure 38.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPA2054D4


Similar Part No. - TPA2054D4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2054D4A TI1-TPA2054D4A Datasheet
1Mb / 30P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
TPA2054D4AYZKR TI1-TPA2054D4AYZKR Datasheet
1Mb / 30P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
TPA2054D4AYZKT TI1-TPA2054D4AYZKT Datasheet
1Mb / 30P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
More results

Similar Description - TPA2054D4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2054D4A TI1-TPA2054D4A Datasheet
1Mb / 30P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
TPA2050D4 TI-TPA2050D4 Datasheet
917Kb / 29P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 2:1 INPUT MUX
TPA2051D3 TI-TPA2051D3 Datasheet
1Mb / 33P
[Old version datasheet]   2.9 W/Channel Mono Class-D Audio Subsystem with DirectPath??Headphone Amplifier & SpeakerGuard?
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Texas Instruments
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
TPA6047A4 TI1-TPA6047A4_16 Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6041A4 TI-TPA6041A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com