Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS349PWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS349PWR
Description  QUAD HIGH-SPEED DIFFERENTIAL RECEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS349PWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65LVDS349PWR Datasheet HTML 6Page - Texas Instruments SN65LVDS349PWR Datasheet HTML 7Page - Texas Instruments SN65LVDS349PWR Datasheet HTML 8Page - Texas Instruments SN65LVDS349PWR Datasheet HTML 9Page - Texas Instruments SN65LVDS349PWR Datasheet HTML 10Page - Texas Instruments SN65LVDS349PWR Datasheet HTML 11Page - Texas Instruments SN65LVDS349PWR Datasheet HTML 12Page - Texas Instruments SN65LVDS349PWR Datasheet HTML 13Page - Texas Instruments SN65LVDS349PWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
3
3.5
4
4.5
5
-50
0
50
100
VCC =3.3V
VCC =3V
VCC =3.6V
TA -Free-Air Temperature- °C
3
3.5
4
4.5
5
-50
0
50
100
VCC =3.3V
VCC =3V
VCC =3.6V
TA -Free-Air Temperature- °C
-40
-30
-20
-10
0
0
1
2
3
4
TA = 25°C,
VCC = 3.3 V
VOH - High-Level Output Voltage - V
0
10
20
30
40
0
1
2
3
4
VOL - Low-Level Output Voltage - V
TA = 25°C,
VCC = 3.3 V
5
SN65LVDS349
SLLSE23 – SEPTEMBER 2010
www.ti.com
TYPICAL CHARACTERISTICS
LOW-TO-HIGH PROPAGATION DELAY
HIGH-TO-LOW PROPAGATION DELAY
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 5.
Figure 6.
LOW-LEVEL OUTPUT CURRENT
HIGH-LEVEL OUTPUT CURRENT
vs
vs
LOW-LEVEL OUTPUT VOLTAGE
HIGH-LEVEL OUTPUT VOLTAGE
Figure 7.
Figure 8.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): SN65LVDS349


Similar Part No. - SN65LVDS349PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS34 TI-SN65LVDS34 Datasheet
419Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL RECEIVERS
SN65LVDS34 TI-SN65LVDS34 Datasheet
530Kb / 23P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS348 TI-SN65LVDS348 Datasheet
306Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS348 TI-SN65LVDS348 Datasheet
310Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS348 TI1-SN65LVDS348 Datasheet
874Kb / 28P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
More results

Similar Description - SN65LVDS349PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS33-EP TI1-SN65LVDS33-EP Datasheet
618Kb / 23P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVER
SN55LVDS33-SP TI1-SN55LVDS33-SP Datasheet
252Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVER
logo
Exar Corporation
SP26LV432 EXAR-SP26LV432 Datasheet
780Kb / 20P
   HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE RECEIVER
logo
NXP Semiconductors
PTN3332 PHILIPS-PTN3332 Datasheet
92Kb / 16P
   High speed differential line receiver
Rev. 01-07 January 2004
logo
Texas Instruments
SN55LVDS32-SP TI1-SN55LVDS32-SP Datasheet
383Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
SN65LVDS2 TI-SN65LVDS2 Datasheet
131Kb / 10P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
SN65LVDT2 TI-SN65LVDT2 Datasheet
133Kb / 10P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
logo
NXP Semiconductors
PTN3342 PHILIPS-PTN3342 Datasheet
91Kb / 16P
   High speed differential line receiver
Rev. 01-05 January 2004
logo
Sipex Corporation
SP26LV432 SIPEX-SP26LV432_06 Datasheet
171Kb / 11P
   High-Speed, Low-Power Quad RS-422 Differential Line Receiver
SP26LV432 SIPEX-SP26LV432 Datasheet
124Kb / 11P
   High Speed, Low Power Quad RS-422 Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com