Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A6301QPWPRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A6301QPWPRQ1
Description  300-mA 40-V LOW-DROPOUT REGULATOR WITH ULTRALOW Iq
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A6301QPWPRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS7A6301QPWPRQ1 Datasheet HTML 1Page - Texas Instruments TPS7A6301QPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPS7A6301QPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPS7A6301QPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS7A6301QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS7A6301QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS7A6301QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS7A6301QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS7A6301QPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
TPS7A6333-Q1
or
TPS7A6350-Q1
VIN
COUT
EN
nWD_EN
WD
VOUT
nRST
VIN
RDELAY
ROSC
GND
CIN
CDLY
ROSC
RRST
VOUT
WD_FLT/
WD_FLG
RFLT/FLAG
RESET
FAULT/
FLAG
TPS7A6x01-Q1
VIN
COUT
EN
WD
VOUT
nRST
VIN
RDELAY
ROSC
GND
CIN
CDLY
ROSC
RRST
R1
FB
R2
VOUT
WD_FLT/
WD_FLG
RESET
FAULT/
FLAG
nWD_EN
RFLT/FLAG
TPS7A6301-Q1, TPS7A6333-Q1
TPS7A6350-Q1, TPS7A6401-Q1
www.ti.com
SLVSAB1D – JUNE 2011 – REVISED JULY 2012
300-mA 40-V LOW-DROPOUT REGULATOR WITH ULTRALOW Iq
Check for Samples: TPS7A6301-Q1, TPS7A6333-Q1, TPS7A6350-Q1, TPS7A6401-Q1
1
FEATURES
Low Input-Voltage Tracking
Thermally Enhanced 14-pin TSSOP - PWP
Qualified for Automotive Applications
Package and 10-pin VSON - DRK Package
AEC-Q100 Test Guidance With the Following
Results:
APPLICATIONS
Device Temperature Grade 1: –40°C to
Infotainment Systems With Sleep Mode
125°C Ambient Operating Temperature
Body Control Modules
Device HBM ESD Classification Level H2
Always-On Battery Applications
Device CDM ESD Classification Level C2
Gateway Applications
Low Dropout Voltage
Remote Keyless Entry Systems
300 mV at IOUT = 150 mA
Immobilizers
4-V to 40-V Wide Input-Voltage Range
With up to 45-V Transients
DESCRIPTION
300-mA Maximum Output Current
The TPS7A63xx-Q1 and TPS7A6401-Q1 are a family
Ultralow Quiescent Current
of low-dropout linear voltage regulators designed for
IQUIESCENT = 35 µA (Typ.) at Light Loads
low power consumption and quiescent current less
than 35 µA in light-load applications. These devices,
ISLEEP < 2 µA When EN = Low
designed to achieve stable operation even with a low-
Fixed (3.3-V and 5-V) and Adjustable (2.5-V to
ESR ceramic output capacitor, feature an integrated
7-V) Output Voltages
programmable window watchdog and overcurrent
Integrated Watchdog With Fault/Flag
protection. Designers can program the output voltage
using
external
resistors.
A
low-voltage
tracking
Stable With Low-ESR Ceramic Output
feature allows for a smaller input capacitor and can
Capacitor
possibly
eliminate
the
need
of
using
a
boost
Integrated Power-On Reset
converter during cold-crank conditions. The power-
Programmable Delay
on-reset delay is fixed (250 µs typical), or an external
capacitor can program the delay. Because of such
Open-Drain Reset Output
features, these devices are well-suited in power
Integrated Fault Protection
supplies for various automotive applications.
Short-Circuit/Overcurrent Protection
Thermal Shutdown
TYPICAL APPLICATION SCHEMATIC
Figure 1. Fixed Output Voltage Option
Figure 2. Adjustable Output Voltage Option
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS7A6301QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6301QPWPRQ1 TI1-TPS7A6301QPWPRQ1 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator
TPS7A6301QPWPRQ1 TI1-TPS7A6301QPWPRQ1 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator With Ultra-Low IQ
More results

Similar Description - TPS7A6301QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6301-Q1 TI1-TPS7A6301-Q1_16 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator With Ultra-Low IQ
TPS7B82-Q1 TI1-TPS7B82-Q1_18 Datasheet
1,001Kb / 22P
[Old version datasheet]   300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TPS7B82-Q1 TI1-TPS7B82-Q1 Datasheet
263Kb / 15P
[Old version datasheet]   300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TPS7B82-Q1 TI1-TPS7B82-Q1_19 Datasheet
1Mb / 27P
[Old version datasheet]   300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
logo
Analog Devices
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. 0
ADP3333ARM-2.5 AD-ADP3333ARM-2.5 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, yCAP Low Dropout Regulator
REV. B
logo
Texas Instruments
TPS7A6033-Q1 TI1-TPS7A6033-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA, 40-V Low-Dropout Regulator
TPS7A6301-Q1 TI1-TPS7A6301-Q1_15 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com