Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A6333QPWPRQ1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A6333QPWPRQ1
Description  300-mA 40-V LOW-DROPOUT REGULATOR WITH ULTRALOW Iq
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A6333QPWPRQ1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS7A6333QPWPRQ1 Datasheet HTML 1Page - Texas Instruments TPS7A6333QPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPS7A6333QPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPS7A6333QPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS7A6333QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS7A6333QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS7A6333QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS7A6333QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS7A6333QPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
TPS7A6301-Q1, TPS7A6333-Q1
TPS7A6350-Q1, TPS7A6401-Q1
SLVSAB1D – JUNE 2011 – REVISED JULY 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
DESCRIPTION
VALUE
UNIT
VIN, VEN
Unregulated inputs(2)(3)
45
V
VOUT
Regulated output
7
V
FB
Sense voltage for error amplifier(2)
7
V
ROSC
Constant-voltage reference(2)
7
V
nWD_EN, WD,
WD_FLAG,
Watchdog inputs and outputs(2)
7
V
WD_FLT
nRST
Open-drain reset output(2)
7
V
RDELAY
Reset delay timer output(2)
7
V
Thermal impedance junction to exposed pad TSSOP-PWP package
4.1
°C/W
θJP
Thermal impedance junction to exposed pad VSON-DRK package
5.2
°C/W
Thermal impedance junction to ambient TSSOP-PWP package(4)
51
°C/W
θJA
Thermal impedance junction to ambient VSON-DRK package(4)
51.7
°C/W
ESD
Electrostatic discharge(5)
2
kV
TA
Operating ambient temperature
125
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to GND.
(2)
Absolute negative voltage on these pins not to go below –0.3 V.
(3)
Absolute maximum voltage for duration less than 480 ms.
(4)
The thermal data is based on JEDEC standard high-K profile – JESD 51-5. The copper pad is soldered to the thermal land pattern. Also,
the correct attachment procedure must be incorporated.
(5)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin.
2
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS7A6301-Q1 TPS7A6333-Q1 TPS7A6350-Q1 TPS7A6401-Q1


Similar Part No. - TPS7A6333QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6333QPWPRQ1 TI1-TPS7A6333QPWPRQ1 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator
TPS7A6333QPWPRQ1 TI1-TPS7A6333QPWPRQ1 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator With Ultra-Low IQ
More results

Similar Description - TPS7A6333QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6301-Q1 TI1-TPS7A6301-Q1_16 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator With Ultra-Low IQ
TPS7B82-Q1 TI1-TPS7B82-Q1_18 Datasheet
1,001Kb / 22P
[Old version datasheet]   300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TPS7B82-Q1 TI1-TPS7B82-Q1 Datasheet
263Kb / 15P
[Old version datasheet]   300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TPS7B82-Q1 TI1-TPS7B82-Q1_19 Datasheet
1Mb / 27P
[Old version datasheet]   300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
logo
Analog Devices
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. 0
ADP3333ARM-2.5 AD-ADP3333ARM-2.5 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, yCAP Low Dropout Regulator
REV. B
logo
Texas Instruments
TPS7A6033-Q1 TI1-TPS7A6033-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA, 40-V Low-Dropout Regulator
TPS7A6301-Q1 TI1-TPS7A6301-Q1_15 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com