Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2456ARHHR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2456ARHHR
Description  Dual 12 V Protection and Blocking Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2456ARHHR Datasheet(HTML) 3 Page - Texas Instruments

  TPS2456ARHHR Datasheet HTML 1Page - Texas Instruments TPS2456ARHHR Datasheet HTML 2Page - Texas Instruments TPS2456ARHHR Datasheet HTML 3Page - Texas Instruments TPS2456ARHHR Datasheet HTML 4Page - Texas Instruments TPS2456ARHHR Datasheet HTML 5Page - Texas Instruments TPS2456ARHHR Datasheet HTML 6Page - Texas Instruments TPS2456ARHHR Datasheet HTML 7Page - Texas Instruments TPS2456ARHHR Datasheet HTML 8Page - Texas Instruments TPS2456ARHHR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TPS2456A
www.ti.com
SLVSBI8 – JULY 2012
RECOMMENDED OPERATING CONDITIONS
Over recommended junction temperature range and all voltages referenced to GND, unless otherwise noted.
MIN
TYP
MAX
UNIT
VINx
8.5
12
15
V
IMONx
100
1000
µA
GAT1x, GAT2x board leakage current(1)
–1
1
µA
VINT bypass capacitance
1
100
250
nF
Operating junction temperature range, TJ
–40
125
°C
(1)
This condition applies to the PCB and is not a limit on the TPS2456A.
ELECTRICAL CHARACTERISTICS
Common conditions (unless otherwise noted) are: INA = INB = SENPA = SENPB = SENMA = SENMB = SETPA = SETPB =
12 V, ENA = ENB = ORENA = ORENB = 3 V, CTA = CTB = GND, RMONA = RMONB = 6.81kΩ, all other pins open,
–40°C
≤ TJ ≤ 125°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Enable Input – ENx, ORENx
Threshold voltage
VINx
1.25
1.35
1.45
V
Hysteresis
20
50
80
mV
Pullup current
ENx = ORENx = 0 V, current sourcing
5
8
15
µA
Input bias current
ENx = ORENx = 17 V, current sinking
6
15
µA
Turn off time(1) (2)
ENx deasserts to VOUTx < 1 V, COUT = 0 µF, QGAT1x = 33 nF
20
µs
Power Good Output – PGx
Output low voltage
IPGx = 2 mA sinking
0.14
0.25
V
Leakage current
PGx = 17 V (sinking)
1
µA
Threshold voltage
PGx, VOUTx
10.2
10.5
10.8
V
Hysteresis
PGx, VOUTx
130(2)
mV
Deglitch time
PGx falling
50
100
150
µs
Fault Output – FLTx
Output low voltage
IFLTx = 2 mA sinking
0.14
0.25
V
Leakage current
VFLTx = 17 V (sinking)
1
µA
Bias Supply – VINT
Output voltage
0 < IVINT < 50 µA
2
2.3
2.8
V
Fault Timer – CTx
Sourcing current
VCTx = 0 V, during fault
7
10
13
µA
Upper threshold voltage
1.30
1.35
1.40
V
Discharge pulldown(2)
200
Ω
(VGAT1x – VINx) when timer starts, with VGAT1x falling due to over
Timer start threshold
5
6
7
V
current
Channel Current Monitor – MONx
10.8 V
≤ VSENMx ≤ 13.2 V, VSENPx = VSENMx + 50 mV,
Input referred offset
–1.5
1.5
mV
measure VSETx – VSENMx
MONx threshold
VGAT1x = 15 V
0.66
0.675
0.69
V
Leakage current
VSETx = (VSENMx – 10 mV)
1
µA
(1)
Tested with HAT2156 MOSFET.
(2)
These parameters are provided for reference only, and do not constitute part of TI's published device specifications for purposes of TI's
product warranty.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS2456A


Similar Part No. - TPS2456ARHHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2456 TI-TPS2456 Datasheet
867Kb / 31P
[Old version datasheet]   Dual 12 V Protection / Blocking Controller
TPS2456RHH TI-TPS2456RHH Datasheet
867Kb / 31P
[Old version datasheet]   Dual 12 V Protection / Blocking Controller
TPS2456RHHR TI-TPS2456RHHR Datasheet
867Kb / 31P
[Old version datasheet]   Dual 12 V Protection / Blocking Controller
TPS2456RHHT TI-TPS2456RHHT Datasheet
867Kb / 31P
[Old version datasheet]   Dual 12 V Protection / Blocking Controller
More results

Similar Description - TPS2456ARHHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2456 TI-TPS2456 Datasheet
867Kb / 31P
[Old version datasheet]   Dual 12 V Protection / Blocking Controller
TPS2592AA TI1-TPS2592AA Datasheet
1Mb / 34P
[Old version datasheet]   12-V eFuse with Over Voltage Protection and Blocking FET Control
logo
STMicroelectronics
STEF512SRI STMICROELECTRONICS-STEF512SRI Datasheet
2Mb / 28P
   Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
Rev 1 - February 2023
STEF512SRX STMICROELECTRONICS-STEF512SRX Datasheet
3Mb / 27P
   Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
Rev 1 - January 2022
logo
Texas Instruments
TPS2592BA TI1-TPS2592BA Datasheet
2Mb / 34P
[Old version datasheet]   5-V eFuse with Over Voltage Protection and Blocking FET Control
logo
Kinetic Technologies.
KTS1676 KINETIC-KTS1676 Datasheet
988Kb / 20P
   Overvoltage Protector with Bidirectional Blocking and Surge Protection
August 2020 - Revision 04c
logo
ON Semiconductor
ESDU3121 ONSEMI-ESDU3121 Datasheet
290Kb / 6P
   12 V Unidirectional ESD and Surge Protection Device
September, 2018 ??Rev. 1
logo
Kinetic Technologies.
KTS1675 KINETIC-KTS1675 Datasheet
989Kb / 22P
   Overvoltage Protector with Bidirectional Blocking and Surge Protection
August 2020 - Revision 04e
KTS1675A KINETIC-KTS1675A Datasheet
840Kb / 18P
   Overvoltage Protector with Bidirectional Blocking and Surge Protection
August 2020 - Revision 04e
KTS1686 KINETIC-KTS1686 Datasheet
676Kb / 13P
   Overvoltage Protector with Bidirectional Blocking and Surge Protection
November 2016 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com