Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2530DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2530DBVT
Description  Current-Limited, Power-Distribution Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2530DBVT Datasheet(HTML) 2 Page - Texas Instruments

  TPS2530DBVT Datasheet HTML 1Page - Texas Instruments TPS2530DBVT Datasheet HTML 2Page - Texas Instruments TPS2530DBVT Datasheet HTML 3Page - Texas Instruments TPS2530DBVT Datasheet HTML 4Page - Texas Instruments TPS2530DBVT Datasheet HTML 5Page - Texas Instruments TPS2530DBVT Datasheet HTML 6Page - Texas Instruments TPS2530DBVT Datasheet HTML 7Page - Texas Instruments TPS2530DBVT Datasheet HTML 8Page - Texas Instruments TPS2530DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TPS2530
SLUSB67 – AUGUST 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
MIN
MAX
Voltage range on IN, OUT, EN, FLT(2)
–0.3
6
V
Voltage range from IN to OUT
–6
6
V
Maximum junction temperature, TJ
Internally Limited
HBM
2
kV
Electrostatic Discharge
CDM
500
V
IEC 6100-4-2, Contact / Air(3)
8
15
kV
(1)
Voltages are with respect to GND unless otherwise noted.
(2)
See the Input and Output Capacitance section.
(3)
VOUT was surged on a pcb with input and output bypassing per Figure 1 (except input capacitor was a 22 μF) with no device failures.
THERMAL INFORMATION
TPS2530
THERMAL METRIC(1)
UNITS
DBV (5 PINS)
θJA
Junction-to-ambient thermal resistance
224.9
θJCtop
Junction-to-case (top) thermal resistance
95.2
θJB
Junction-to-board thermal resistance
51.4
°C/W
ψJT
Junction-to-top characterization parameter
6.6
ψJB
Junction-to-board characterization parameter
50.3
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
spacer
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage, IN
2.7
5.5
V
VEN
Input voltage, EN
0
5.5
V
VIH
High-level input voltage, EN
2
V
VIL
Low-level input voltage, EN
0.7
V
IOUT
Continuous output current, OUT (TPS2530)
0.5
A
TJ
Operating junction temperature
–40
125
°C
IFLT
Sink current into FLT
0
5
mA
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links :TPS2530


Similar Part No. - TPS2530DBVT

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
TPS2534 PERKINELMER-TPS2534 Datasheet
294Kb / 1P
   Dual Channel Thermopile
TPS2534 PERKINELMER-TPS2534 Datasheet
103Kb / 2P
   Dual Channel Thermopile
TPS2534 PERKINELMER-TPS2534_04 Datasheet
103Kb / 2P
   Dual Channel Thermopile
More results

Similar Description - TPS2530DBVT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com