Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7MBP25VDA120-50 Datasheet(PDF) 11 Page - Fuji Electric

Part # 7MBP25VDA120-50
Description  IGBT MODULE (V series) 1200V / 25A / IPM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBP25VDA120-50 Datasheet(HTML) 11 Page - Fuji Electric

Back Button 7MBP25VDA120-50 Datasheet HTML 3Page - Fuji Electric 7MBP25VDA120-50 Datasheet HTML 4Page - Fuji Electric 7MBP25VDA120-50 Datasheet HTML 5Page - Fuji Electric 7MBP25VDA120-50 Datasheet HTML 6Page - Fuji Electric 7MBP25VDA120-50 Datasheet HTML 7Page - Fuji Electric 7MBP25VDA120-50 Datasheet HTML 8Page - Fuji Electric 7MBP25VDA120-50 Datasheet HTML 9Page - Fuji Electric 7MBP25VDA120-50 Datasheet HTML 10Page - Fuji Electric 7MBP25VDA120-50 Datasheet HTML 11Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
10
11
IGBT Modules
7MBP25VDA120-50
http://www.fujielectric.com/products/semiconductor/
WARNING
1. This Catalog contains the product specifications, characteristics, data, materials, and structures as of May 2011.
The contents are subject to change without notice for specification changes or other reasons. When using a product listed in this Catalog, be
sur to obtain the latest specifications.
2. All applications described in this Catalog exemplify the use of Fuji's products for your reference only. No right or license, either express or
implied, under any patent, copyright, trade secret or other intellectual property right owned by Fuji Electric Co., Ltd. is (or shall be deemed)
granted. Fuji Electric Co., Ltd. makes no representation or warranty, whether express or implied, relating to the infringement or alleged
infringement of other's intellectual property rights which may arise from the use of the applications described herein.
3. Although Fuji Electric Co., Ltd. is enhancing product quality and reliability, a small percentage of semiconductor products may become
faulty. When using Fuji Electric semiconductor products in your equipment, you are requested to take adequate safety measures to prevent
the equipment from causing a physical injury, fire, or other problem if any of the products become faulty. It is recommended to make your
design failsafe, flame retardant, and free of malfunction.
4. The products introduced in this Catalog are intended for use in the following electronic and electrical equipment which has normal reliability
requirements.
• Computers
• OA equipment
• Communications equipment (terminal devices)
• Measurement equipment
• Machine tools
• Audiovisual equipment
• Electrical home appliances
• Personal equipment • Industrial robots etc.
5. If you need to use a product in this Catalog for equipment requiring higher reliability than normal, such as for the equipment listed below,
it is imperative to contact Fuji Electric Co., Ltd. to obtain prior approval. When using these products for such equipment, take adequate
measures such as a backup system to prevent the equipment from malfunctioning even if a Fuji's product incorporated in the equipment
becomes faulty.
• Transportation equipment (mounted on cars and ships)
• Trunk communications equipment
• Traffic-signal control equipment
• Gas leakage detectors with an auto-shut-off feature
• Emergency equipment for responding to disasters and anti-burglary devices
• Safety devices
• Medical equipment
6. Do not use products in this Catalog for the equipment requiring strict reliability such as the following and equivalents to strategic equipment
(without limitation).
• Space equipment
• Aeronautic equipment
• Nuclear control equipment
• Submarine repeater equipment
7. Copyright ©1996-2011 by Fuji Electric Co., Ltd. All rights reserved.
No part of this Catalog may be reproduced in any form or by any means without the express permission of Fuji Electric Co., Ltd.
8. If you have any question about any portion in this Catalog, ask Fuji Electric Co., Ltd. or its sales agents before using the product.
Neither Fuji Electric Co., Ltd. nor its agents shall be liable for any injury caused by any use of the products not in accordance with instructions
set forth herein.


Similar Part No. - 7MBP25VDA120-50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBP25RA120 FUJI-7MBP25RA120 Datasheet
394Kb / 8P
   IGBT-IPM(1200V/25A)
logo
List of Unclassifed Man...
7MBP25RJ120 ETC2-7MBP25RJ120 Datasheet
374Kb / 9P
   IGBT IPM R-series 1200V class 1200V / 25A 7 in one-package
logo
Fuji Electric
7MBP25RJ120 FUJI-7MBP25RJ120 Datasheet
377Kb / 9P
   IGBT IPM R-series 1200V class
7MBP25TEA120 FUJI-7MBP25TEA120 Datasheet
1Mb / 23P
   IGBT - IPM
More results

Similar Description - 7MBP25VDA120-50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBP25VBA120-50 FUJI-6MBP25VBA120-50 Datasheet
871Kb / 8P
   IGBT MODULE (V series) 1200V / 25A / IPM
6MBP25VDA120-50 FUJI-6MBP25VDA120-50 Datasheet
589Kb / 8P
   IGBT MODULE (V series) 1200V / 25A / IPM
6MBP25VAA120-50 FUJI-6MBP25VAA120-50 Datasheet
1Mb / 8P
   IGBT MODULE (V series) 1200V / 25A / IPM
7MBP25RA120 FUJI-7MBP25RA120 Datasheet
394Kb / 8P
   IGBT-IPM(1200V/25A)
6MBP25RA120 FUJI-6MBP25RA120 Datasheet
350Kb / 7P
   IGBT-IPM(1200V/25A)
7MBP35VDA120-50 FUJI-7MBP35VDA120-50 Datasheet
693Kb / 11P
   IGBT MODULE (V series) 1200V / 35A / IPM
6MBP100VEA120-50 FUJI-6MBP100VEA120-50 Datasheet
592Kb / 8P
   IGBT MODULE (V series) 1200V / 100A / IPM
6MBP10VAA120-50 FUJI-6MBP10VAA120-50 Datasheet
1Mb / 8P
   IGBT MODULE (V series) 1200V / 10A / IPM
6MBP100VDA120-50 FUJI-6MBP100VDA120-50 Datasheet
612Kb / 8P
   IGBT MODULE (V series) 1200V / 100A / IPM
6MBP35VDA120-50 FUJI-6MBP35VDA120-50 Datasheet
586Kb / 8P
   IGBT MODULE (V series) 1200V / 35A / IPM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com