Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7MBP75VDA060-50 Datasheet(PDF) 9 Page - Fuji Electric

Part # 7MBP75VDA060-50
Description  IGBT MODULE (V series) 600V / 75A / IPM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBP75VDA060-50 Datasheet(HTML) 9 Page - Fuji Electric

Back Button 7MBP75VDA060-50 Datasheet HTML 3Page - Fuji Electric 7MBP75VDA060-50 Datasheet HTML 4Page - Fuji Electric 7MBP75VDA060-50 Datasheet HTML 5Page - Fuji Electric 7MBP75VDA060-50 Datasheet HTML 6Page - Fuji Electric 7MBP75VDA060-50 Datasheet HTML 7Page - Fuji Electric 7MBP75VDA060-50 Datasheet HTML 8Page - Fuji Electric 7MBP75VDA060-50 Datasheet HTML 9Page - Fuji Electric 7MBP75VDA060-50 Datasheet HTML 10Page - Fuji Electric 7MBP75VDA060-50 Datasheet HTML 11Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
8
9
IGBT Modules
7MBP75VDA060-50
http://www.fujielectric.com/products/semiconductor/
Switching Loss vs. Collector Current (typ.)
VDC=300V,VCC=15V
0
1
2
3
4
0
20
40
60
80
Collector current : IC [ A ]
Tj=125℃
Tj=25℃
Reversed biased safe operating area
VCC=15V,Tj≦125℃[Main Terminal] (min.)
0
50
100
150
200
0
200
400
600
800
Collector-Emitter voltage : VCE [ V ]
RBSOA
(Repetitive pulse)
Transient thermal resistance (max.)
0.01
0.1
1
10
0.001
0.01
0.1
1
10
Pulse width : PW [ sec ]
Power derating for IGBT (max.)
[per device]
0
100
200
300
0
50
100
150
Case Temperature : TC [ ℃ ]
Power derating for FWD (max.)
[per device]
0
50
100
150
200
0
50
100
150
Case Temperature : TC [ ℃ ]
FWD
IGBT


Similar Part No. - 7MBP75VDA060-50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBP75VDA120-50 FUJI-7MBP75VDA120-50 Datasheet
694Kb / 11P
   IGBT MODULE (V series) 1200V / 75A / IPM
More results

Similar Description - 7MBP75VDA060-50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBP75VBA060-50 FUJI-6MBP75VBA060-50 Datasheet
897Kb / 8P
   IGBT MODULE (V series) 600V / 75A / IPM
6MBP75VDA060-50 FUJI-6MBP75VDA060-50 Datasheet
582Kb / 8P
   IGBT MODULE (V series) 600V / 75A / IPM
6MBP75RA060 FUJI-6MBP75RA060 Datasheet
776Kb / 7P
   IGBT-IPM(600V/75A)
6MBP75VDA120-50 FUJI-6MBP75VDA120-50 Datasheet
590Kb / 8P
   IGBT MODULE (V series) 1200V / 75A / IPM
7MBP75VDA120-50 FUJI-7MBP75VDA120-50 Datasheet
694Kb / 11P
   IGBT MODULE (V series) 1200V / 75A / IPM
7MBP150VDA060-50 FUJI-7MBP150VDA060-50 Datasheet
677Kb / 11P
   IGBT MODULE (V series) 600V / 150A / IPM
7MBP200VDA060-50 FUJI-7MBP200VDA060-50 Datasheet
689Kb / 11P
   IGBT MODULE (V series) 600V / 200A / IPM
6MBP200VEA060-50 FUJI-6MBP200VEA060-50 Datasheet
612Kb / 8P
   IGBT MODULE (V series) 600V / 200A / IPM
6MBP150VDA060-50 FUJI-6MBP150VDA060-50 Datasheet
587Kb / 8P
   IGBT MODULE (V series) 600V / 150A / IPM
6MBP50VDA060-50 FUJI-6MBP50VDA060-50 Datasheet
574Kb / 8P
   IGBT MODULE (V series) 600V / 50A / IPM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com