Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS23851DCE Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS23851DCE
Description  Quad IEEE 802.3at Power-Over-Ethernet PSE Controller
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS23851DCE Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS23851DCE Datasheet HTML 7Page - Texas Instruments TPS23851DCE Datasheet HTML 8Page - Texas Instruments TPS23851DCE Datasheet HTML 9Page - Texas Instruments TPS23851DCE Datasheet HTML 10Page - Texas Instruments TPS23851DCE Datasheet HTML 11Page - Texas Instruments TPS23851DCE Datasheet HTML 12Page - Texas Instruments TPS23851DCE Datasheet HTML 13Page - Texas Instruments TPS23851DCE Datasheet HTML 14Page - Texas Instruments TPS23851DCE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
TPS23851
www.ti.com
SLUSAB3 – SEPTEMBER 2010
Detailed Pin Description
The following descriptions refer to the pinout and the functional block diagram.
RESET: Reset input, active low. When asserted, the TPS23851 will reset, turning off all ports and forcing the
registers to their power-up state. This pin is internally pulled up to VDD, with internal 1-µs to 5-µs deglitch filter.
External RC network can be used to delay the turn on. There is also an internal power-on reset which is
independent of the RESET input.
INT: Interrupt output. This pin asserts low when a bit in the interrupt register is asserted. This pin is updated
between I2C transactions. This output is open-drain. Interrupt functional diagram is shown in Figure 30.
SDAO: Open-drain I2C bus output data line requiring an external resistive pullup. The TPS23851 uses separate
SDAO and SDAI lines to allow optoisolated I2C interface. SDAO can be connected to SDAI for non-isolated
systems.
SCL: Serial clock input for I2C bus.
SDAI: Serial data input for I2C bus. This pin can be connected to SDAO for non-isolated systems. Note that the
data sent by the TPS23851 on SDAO must be mirrored on its SDAI line for correct operation. See Figure 34.
A3-A0: I2C bus address inputs. Can be directly tied to DGND but a resistor (at least 2 k
Ω) must be used if pulled
up. These pins are internally pulled up to VDD. See the Pin Status Register for more details.
SHDN1_A: Port 1 Manual Shutdown Input or Port 1-4 Multiplexed Shutdown, active low. This pin is internally
pulled up to VDD, with internal 1-µs to 5-µs deglitch filter.
When Multiplexed Shutdown is disabled, pulling low SHDN1_A turns off port 1, regardless of the state of
registers except the Multiplexed Shutdown Configuration Register.
When Multiplexed Shutdown is Enabled, pulling low SHDN1_A turns off the ports selected in the Multiplexed
Shutdown Configuration Register. This turn off action is triggered regardless of the state of registers except the
Multiplexed Shutdown Configuration Register.
SHDN2-4: Port 2-4 Manual Shutdown Logic Input, active low. These pins are internally pulled up to VDD, with
internal 1-µs to 5-µs deglitch filter. When Multiplexed Shutdown is disabled, pulling low SHDNn turns off port n,
regardless of the state of registers except the Multiplexed Shutdown Configuration Register.
NOTE
If the Multiplexed Shutdown function is Enabled, the SHDN2 to SHDN4 inputs must be at
logic High.
DET1-DET4: Port 1-4 detect sense.
Used during AC disconnect detection and powered device discovery. Connect to output port through a 1 k
Ω in
series with a 0.47 µF, both in parallel with a diode. AC disconnect consists in sensing the load impedance by
injecting an AC voltage at DETn pin and measuring the resultant current through the same pin. If the impedance
is higher than a defined threshold, the port will automatically be turned off. The DET pin sine wave output voltage
typically has a 2.5-V offset above the VEE supply, with a 2 V peak-to-peak amplitude under a no load condition.
The TPS23851 uses an innovative 4-point technique in order to provide a reliable PD detection. The discovery is
performed by sinking two different current levels via the DETn pin, while the PD voltage is measured from DGND
to DET. The 4-point measurement provides the capability to avoid powering a capacitive or legacy load.
The resistor and capacitor are not needed if AC disconnect is not used. If the port is not used, the DETn pin can
be floated or tied to VEE.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS23851


Similar Part No. - TPS23851DCE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2383 TI-TPS2383 Datasheet
394Kb / 27P
[Old version datasheet]   OCTAL POWER SOURCING EQUIPMENT POWER MANAGER
TPS2383PM TI-TPS2383PM Datasheet
394Kb / 27P
[Old version datasheet]   OCTAL POWER SOURCING EQUIPMENT POWER MANAGER
TPS2384 TI-TPS2384 Datasheet
727Kb / 46P
[Old version datasheet]   QUAD INTEGRATED POWER SOURCING EQUIPMENT POWER MANAGER
TPS23841 TI-TPS23841 Datasheet
1,014Kb / 45P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS23841 TI-TPS23841 Datasheet
1Mb / 52P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
More results

Similar Description - TPS23851DCE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5980A MAXIM-MAX5980A Datasheet
2Mb / 50P
   Quad, IEEE 802.3at/af PSE Controller for Power-over-Ethernet
19-7422; Rev 1; 4/15
logo
Texas Instruments
TPS2388 TI1-TPS2388 Datasheet
1Mb / 82P
[Old version datasheet]   IEEE 802.3at 8-Channel Power-over-Ethernet PSE Controller
logo
Linear Technology
LTC4266 LINER-LTC4266 Datasheet
374Kb / 30P
   Quad IEEE 802.3at Power over Ethernet Controller
LTC4266 LINER-LTC4266_15 Datasheet
394Kb / 32P
   Quad IEEE 802.3at Power over Ethernet Controller
logo
Maxim Integrated Produc...
MAX5980 MAXIM-MAX5980 Datasheet
3Mb / 49P
   Quad, IEEE 802.3at/af PSE Controller
Rev 1; 9/11
logo
Skyworks Solutions Inc.
SI3454 SKYWORKS-SI3454 Datasheet
1Mb / 57P
   QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
logo
Silicon Laboratories
SI3454 SILABS-SI3454 Datasheet
1Mb / 57P
   QUAD IEEE 802.3AT POE PSE CONTROLLER
logo
Linear Technology
LTC4274 LINER-LTC4274 Datasheet
118Kb / 2P
   Single IEEE 802.3at Power Over Ethernet Controller
logo
Texas Instruments
TPS23861 TI1-TPS23861 Datasheet
1Mb / 110P
[Old version datasheet]   Quad Port Power-over-Ethernet PSE Controller
logo
Silicon Laboratories
SI3459 SILABS-SI3459 Datasheet
1Mb / 57P
   OCTAL IEEE 802.3AT POE PSE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com