Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4212A Datasheet(PDF) 5 Page - Texas Instruments

Part # PT4212A
Description  5-7 Watt Low-Profile Isolated DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT4212A Datasheet(HTML) 5 Page - Texas Instruments

  PT4212A Datasheet HTML 1Page - Texas Instruments PT4212A Datasheet HTML 2Page - Texas Instruments PT4212A Datasheet HTML 3Page - Texas Instruments PT4212A Datasheet HTML 4Page - Texas Instruments PT4212A Datasheet HTML 5Page - Texas Instruments PT4212A Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
28-Aug-2012
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
PT4212A
OBSOLETE DIP MODULE
EGH
6
TBD
Call TI
Call TI
PT4212C
NRND
DIP MODULE
EGJ
6
18
TBD
Call TI
Level-1-215C-UNLIM
PT4213A
NRND
DIP MODULE
EGH
6
18
TBD
Call TI
Level-1-215C-UNLIM
PT4213C
NRND
DIP MODULE
EGJ
6
18
TBD
Call TI
Level-1-215C-UNLIM
PT4214A
OBSOLETE DIP MODULE
EGH
6
TBD
Call TI
Call TI
PT4214C
NRND
DIP MODULE
EGJ
6
18
TBD
Call TI
Level-1-215C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - PT4212A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4212A TI-PT4212A Datasheet
211Kb / 5P
[Old version datasheet]   5-7 Watt Low-Profile Isolated DC-DC Converter
More results

Similar Description - PT4212A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4212 TI-PT4212 Datasheet
211Kb / 5P
[Old version datasheet]   5-7 Watt Low-Profile Isolated DC-DC Converter
PT4205 TI-PT4205 Datasheet
187Kb / 3P
[Old version datasheet]   3-7 WATT 24V INPUT ISOLATED DC-DC CONVERTER
PT4200 TI1-PT4200 Datasheet
213Kb / 4P
[Old version datasheet]   3-7 Watt 48V-Input Isolated DC/DC Converter
PT4200 TI-PT4200 Datasheet
215Kb / 3P
[Old version datasheet]   3-7 WATT 48V INPUT ISOLATED DC-DC CONVERTER
logo
List of Unclassifed Man...
ASD07H-12S3 ETC1-ASD07H-12S3 Datasheet
781Kb / 3P
   Isolated and Regulated 7 WATT Open Frame DC/DC Converter
logo
Astrodyne Corporation
ASD07H ASTRODYNE-ASD07H Datasheet
781Kb / 3P
   Isolated and Regulated 7 WATT Open Frame DC/DC Converter
ASD07H ASTRODYNE-ASD07H_16 Datasheet
348Kb / 3P
   Isolated and Regulated 7 WATT Open Frame DC/DC Converter
logo
Bothhand USA, LP.
BMA1 BOTHHAND-BMA1 Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
BA-2LF BOTHHAND-BA-2LF Datasheet
342Kb / 6P
   2 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-2V EATON-EPM6-2V Datasheet
716Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com