Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4212A Datasheet(PDF) 1 Page - Texas Instruments

Part # PT4212A
Description  5-7 Watt Low-Profile Isolated DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT4212A Datasheet(HTML) 1 Page - Texas Instruments

  PT4212A Datasheet HTML 1Page - Texas Instruments PT4212A Datasheet HTML 2Page - Texas Instruments PT4212A Datasheet HTML 3Page - Texas Instruments PT4212A Datasheet HTML 4Page - Texas Instruments PT4212A Datasheet HTML 5Page - Texas Instruments PT4212A Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
PT4210 Series —48V
Features
Wide Input Voltage Range:
38V to 75V
1,500 VDC Isolation
6 Pin DIP Package
Low-Profile (8mm)
Pin-compatible with PT4200 Series
No External Components Required 2
Safety Approvals —Pending
Description
The PT4210 series of low-power
isolated DC-DC converters are pin-
compatible with Power Trends’ popular
PT4200 series. The PT4210 series has
improved load regulation over the
PT4200, and is a compatible alternative
for both new and existing designs.
Applications include Telecom and
Datacom systems where both board
space and height are a premium.
The PT4210 series is offered in both
through-hole or SMD-DIP package
types with single non-adjustable output
voltages of 3.3V, 5V, and 12V.
Ordering Information
PT4212
G = 3.3V/1.5A
PT4213
G = 5V/1.2A
PT4214
G = 12V/0.6A
Pin-Out Information
Pin
Function
1+Vout
2–Vout
8
N/C
11
Remote On/Off
*
17
–Vin
18
+Vin
5-7 Watt Low-Profile
Isolated DC-DC Converter
(For dimensions and PC board
layout, see Package Style 910)
Package Top View
SLTS137A
(Revised 4/19/2001)
PT4210
11
17
18
1
2
8
+Vin
–Vin
Remote
On/Off
*
+Vout
–Vout
N/C
Package Suffix (PT1234X)
Case/Pin
Configuration
Through-Hole
A
Surface Mount
C
Specifications
C
C
C
C
Characteristics
PT4210 SERIES
(T
a = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
PT4212 (3.3V)
0
1.5
PT4213 (5.0V)
0
1.2
A
PT4214 ( 12V)
0
0.6
Output Voltage Tolerance
∆Vo
Over Vin range,
PT4212
3.17
3.5
10%Iomax ≤ Io ≤Iomax,
PT4213
4.85
5.25
V
–40°C < Ta <85°C
PT4214
11.5
12.5
Idling Voltage
Vo
Io = 0A
PT4212
3.7
3.9
PT4213
5.4
5.9
V
PT4214
12.7
17
Line Regulation
Regline
Over Vin range @ max Io
PT4212/4213
±20
mV
PT4214
±45
Load Regulation
Regload
Vin =53V
PT4212/13
±100
mV
10%Iomax ≤ Io ≤Iomax
PT4214
±150
Current Limit
Ilim
Over Vin range
PT4212
3.0
PT4213
3.0
A
PT4214
1.5
Short Circuit Current
Isc
Over Vin range
PT4212
2.4
PT4213
1.5
A
PT4214
1.0
Inrush Current
Iir
Vin = 53V @ max Io
—0.5
A
tir
On start-up
1.0
mSec
Input Voltage Range
Vin
Over Io range
38
75
V
Vo Ripple/Noise
Vn
Vin= 53V, Io=Io max
30
70
mVpp
Transient Response
ttr
Vin =53V, 10%..100%Iomax, 50% load step
200
µSec
Vo over/undershoot:
PT4212/4213
+150/–250
mV
PT4214
+250/–500
Efficiency
η
Vin=53V, Io=1.5A,
PT4212
80
Vin=53V, Io=1.2A,
PT4213
82
%
Vin=53V, Io=0.6A,
PT4214
84
Switching Frequency
ƒo
Over Vin and Io ranges
400
500
kHz
Operating Temperature
Ta
Over Vin range
-40
+85 (1)
°C
Storage Temperature
Ts
-40
+125
°C
Mechanical Shock—
Per Mil-STD-202F, Method 213B,
TBD
G’s
6mS half-sine, mounted to a PCB
Mechanical Vibration
Per Mil-STD-202F, Method 204D,
TBD
G’s
10-500Hz, mounted to a PCB
Weight
10
grams
Isolation
1500
VDC
Flammability
Materials meet UL 94V-0
Notes: (1) See SOA curves or consult the factory for the appropriate derating.
(2) The maximum output capacitance must not exceed 150µF for the PT4212, 120µF for the PT4213, and 47µF for the PT4214.
Not Recommended For New Designs


Similar Part No. - PT4212A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4212A TI-PT4212A Datasheet
211Kb / 5P
[Old version datasheet]   5-7 Watt Low-Profile Isolated DC-DC Converter
More results

Similar Description - PT4212A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4212 TI-PT4212 Datasheet
211Kb / 5P
[Old version datasheet]   5-7 Watt Low-Profile Isolated DC-DC Converter
PT4205 TI-PT4205 Datasheet
187Kb / 3P
[Old version datasheet]   3-7 WATT 24V INPUT ISOLATED DC-DC CONVERTER
PT4200 TI1-PT4200 Datasheet
213Kb / 4P
[Old version datasheet]   3-7 Watt 48V-Input Isolated DC/DC Converter
PT4200 TI-PT4200 Datasheet
215Kb / 3P
[Old version datasheet]   3-7 WATT 48V INPUT ISOLATED DC-DC CONVERTER
logo
List of Unclassifed Man...
ASD07H-12S3 ETC1-ASD07H-12S3 Datasheet
781Kb / 3P
   Isolated and Regulated 7 WATT Open Frame DC/DC Converter
logo
Astrodyne Corporation
ASD07H ASTRODYNE-ASD07H Datasheet
781Kb / 3P
   Isolated and Regulated 7 WATT Open Frame DC/DC Converter
ASD07H ASTRODYNE-ASD07H_16 Datasheet
348Kb / 3P
   Isolated and Regulated 7 WATT Open Frame DC/DC Converter
logo
Bothhand USA, LP.
BMA1 BOTHHAND-BMA1 Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
BA-2LF BOTHHAND-BA-2LF Datasheet
342Kb / 6P
   2 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-2V EATON-EPM6-2V Datasheet
716Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com