Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51123ARGER Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51123ARGER
Description  Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51123ARGER Datasheet(HTML) 1 Page - Texas Instruments

  TPS51123ARGER Datasheet HTML 1Page - Texas Instruments TPS51123ARGER Datasheet HTML 2Page - Texas Instruments TPS51123ARGER Datasheet HTML 3Page - Texas Instruments TPS51123ARGER Datasheet HTML 4Page - Texas Instruments TPS51123ARGER Datasheet HTML 5Page - Texas Instruments TPS51123ARGER Datasheet HTML 6Page - Texas Instruments TPS51123ARGER Datasheet HTML 7Page - Texas Instruments TPS51123ARGER Datasheet HTML 8Page - Texas Instruments TPS51123ARGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
TPS51123A
www.ti.com
SLUSAA6B – APRIL 2011 – REVISED MARCH 2012
Dual-Synchronous, Step-Down Controller with Out-of-Audio™ Operation and 100-mA
LDOs for Notebook System Power
Check for Samples: TPS51123A
1
FEATURES
APPLICATIONS
2
Wide-Input Voltage Range: 5.5 V to 28 V
Notebook Computers
Output Voltage Range: 2 V to 5.5 V
I/O Supplies
Built-in 100-mA 5-V/3.3-V LDO with Switches
System Power Supplies
Built-in 1% 2-V Reference Output
DESCRIPTION
With/Without Out-of-Audio™ Mode Selectable
The TPS51123A is a cost effective, dual-synchronous
Light-Load and PWM-Only Operation
buck controller targeted for notebook system power
Internal 1.6-ms Voltage Servo Soft-Start
supply solutions. It provides 5-V and 3.3-V LDOs and
Adaptive On-Time Control Architecture with
requires few external components. The TPS51123A
supports high-efficiency, fast transient responses and
Four Selectable Frequency Setting
provides a combined power-good signal. Out-of-
4500 ppm/°C RDS(on) Current Sensing
Audio™
mode
light-load
operation
enables
low
Built-In Output Discharge
acoustic
noise
at
much
higher
efficiency
than
Power Good Output
conventional forced PWM operation. Adaptive on-
time
D-CAP™
control
provides
convenient
and
Built-in OVP/UVP/OCP
efficient operation. The part operates with supply
Thermal Shutdown (Non-latch)
input voltages ranging from 5.5 V to 28 V and
24-Pin QFN (RGE) Package
supports output voltages from 2 V to 5.5 V. The
TPS51123A is available in a 24-pin QFN package
and is specified from -40°C to 85°C ambient
temperature range.
Table 1. Differences Between the TPS51123 and TPS51123A
TPS51123
TPS51123A
VREG5: at least 33 µF
VREG5: 10 µF or larger (X5R or X7R)
VREG3: at most 10 µF
VREG3: 10 µF or larger (X5R or X7R)
LDO Output Capacitance Requirement
(1 µF acceptable at no load)
(1 µF acceptable at no load)
VREF: 0.22 µF to 1 µF
VREF: 0.22 µF to 1 µF (X5R or X7R)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Out-of-Audio, D-CAP are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS51123ARGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51123 TI-TPS51123 Datasheet
909Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123RGER TI-TPS51123RGER Datasheet
909Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123RGET TI-TPS51123RGET Datasheet
909Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123 TI-TPS51123_15 Datasheet
1Mb / 37P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
More results

Similar Description - TPS51123ARGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51125 TI-TPS51125 Datasheet
870Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123 TI-TPS51123 Datasheet
909Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125A TI-TPS51125A_15 Datasheet
1Mb / 39P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125A TI1-TPS51125A Datasheet
1Mb / 37P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125 TI1-TPS51125_16 Datasheet
1Mb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller With Out-of-Audio Operation and 100-mA LDOS for Notebook System Power
TPS51123 TI-TPS51123_15 Datasheet
1Mb / 37P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125A TI1-TPS51125A_17 Datasheet
1Mb / 39P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio Operation and 100-mA LDOs for Notebook System Power
TPS51120 TI-TPS51120_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS51120 Dual, Synchronous Step-Down Controller With 100-mA Standby Regulators for Notebook System Power
TPS51120 TI-TPS51120 Datasheet
618Kb / 10P
[Old version datasheet]   DUAL CURRENT MODE, SYNCHRONOUS STEP-DOWN CONTROLLER WITH 100-mA STANDBY REGULATORS FOR NOTEBOOK SYSTEM POWER
logo
uPI Group Inc.
UP1590 UPI-UP1590 Datasheet
316Kb / 18P
   Dual Synchronous Buck Controller with 5V/3.3V 100mA LDOs for Notebook System Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com