Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP2G02DCUR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP2G02DCUR
Description  LOW-POWER DUAL 2-INPUT POSITIVE-NOR GATE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP2G02DCUR Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUP2G02DCUR Datasheet HTML 1Page - Texas Instruments SN74AUP2G02DCUR Datasheet HTML 2Page - Texas Instruments SN74AUP2G02DCUR Datasheet HTML 3Page - Texas Instruments SN74AUP2G02DCUR Datasheet HTML 4Page - Texas Instruments SN74AUP2G02DCUR Datasheet HTML 5Page - Texas Instruments SN74AUP2G02DCUR Datasheet HTML 6Page - Texas Instruments SN74AUP2G02DCUR Datasheet HTML 7Page - Texas Instruments SN74AUP2G02DCUR Datasheet HTML 8Page - Texas Instruments SN74AUP2G02DCUR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DCU PACKAGE
(TOP VIEW)
1
8
2
7
3
6
1A
1B
2Y
GND
4
5
V
CC
1Y
2B
2A
RSE PACKAGE
(TOP VIEW)
1
7
2
6
8
3
5
4
V
CC
1Y
2B
2A
GND
1A
1B
2Y
YFP PACKAGE
(TOP VIEW)
1 8
V
CC
2 7
1Y
3 6
2B
1A
1B
2Y
GND
4 5
2A
1
8
2
7
3
6
1A
1B
2Y
GND
4
5
V
CC
1Y
2B
2A
DQE PACKAGE
(TOP VIEW)
D1
D2
C1
C2
B1
B2
A1
A2
(A)
Single, dual, and triple gates
Static-Power Consumption
(µA)
AUP
AUP
3.3-V
Logic
(A)
0%
20%
40%
60%
80%
100%
Dynamic-Power Consumption
(pF)
AUP
AUP
3.3-V
Logic
(A)
0%
20%
40%
60%
80%
100%
Switching Characteristics
at 25 MHz
(A)
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
5
10
15
20
25
30
35
40
45
Time (ns)
Output
Input
(A) SN74AUP2Gxx data at C = 15 pF.
L
SN74AUP2G02
www.ti.com
SCES753C – SEPTEMBER 2009 – REVISED MAY 2010
LOW-POWER DUAL 2-INPUT POSITIVE-NOR GATE
Check for Samples: SN74AUP2G02
1
FEATURES
Available in the Texas Instruments NanoStar™
Optimized for 3.3-V Operation
Package
3.6-V I/O Tolerant to Support Mixed-Mode
Low Static-Power Consumption
Signal Operation
(ICC = 0.9 mA Maximum)
tpd = 4.3 ns Maximum at 3.3 V
Low Dynamic-Power Consumption
Suitable for Point-to-Point Applications
(Cpd = 4.3 pF Typ at 3.3 V)
Latch-Up Performance Exceeds 100 mA Per
Low Input Capacitance (Ci = 1.5 pF Typical)
JESD 78, Class II
Low Noise – Overshoot and Undershoot
ESD Performance Tested Per JESD 22
<10% of VCC
2000-V Human-Body Model
Ioff Supports Partial-Power-Down Mode
(A114-B, Class II)
Operation
1000-V Charged-Device Model (C101)
Wide Operating VCC Range of 0.8 V to 3.6 V
See mechanical drawings for dimensions.
DESCRIPTION/ORDERING INFORMATION
The AUP family is TI's premier solution to the industry's low-power needs in battery-powered portable
applications. This family ensures a very low static- and dynamic-power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in increased battery life (see Figure 1). This product also maintains excellent signal
integrity (see the very low undershoot and overshoot characteristics shown in Figure 2).
Figure 1. AUP – The Lowest-Power Family
Figure 2. Excellent Signal Integrity
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74AUP2G02DCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP2G00 TI1-SN74AUP2G00 Datasheet
695Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUP2G00-Q1 TI1-SN74AUP2G00-Q1 Datasheet
406Kb / 14P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUP2G00DCUR TI1-SN74AUP2G00DCUR Datasheet
695Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUP2G00DQER TI1-SN74AUP2G00DQER Datasheet
695Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUP2G00QDCURQ1 TI1-SN74AUP2G00QDCURQ1 Datasheet
406Kb / 14P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
More results

Similar Description - SN74AUP2G02DCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC2G02 TI1-SN74AHC2G02 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74AUC2G02 TI-SN74AUC2G02_09 Datasheet
537Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Unisonic Technologies
74LVC2G02 UTC-74LVC2G02 Datasheet
171Kb / 5P
   DUAL 2-INPUT POSITIVE-NOR GATE
U74LVC2G86 UTC-U74LVC2G86_15 Datasheet
199Kb / 5P
   DUAL 2-INPUT POSITIVE-NOR GATE
74LVC2G02 UTC-74LVC2G02_15 Datasheet
165Kb / 5P
   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Texas Instruments
SN74AUC2G02 TI-SN74AUC2G02 Datasheet
259Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74LVC2G02 TI-SN74LVC2G02 Datasheet
319Kb / 12P
[Old version datasheet]   DUAL 2 INPUT POSITIVE NOR GATE
SN74LVC2G02DCURE4 TI-SN74LVC2G02DCURE4 Datasheet
822Kb / 15P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74LVC2G02-EP TI1-SN74LVC2G02-EP Datasheet
298Kb / 9P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Unisonic Technologies
U74LVC2G00 UTC-U74LVC2G00_15 Datasheet
166Kb / 6P
   DUAL 2-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com