Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT5524N Datasheet(PDF) 4 Page - Texas Instruments

Part # PT5524N
Description  1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT5524N Datasheet(HTML) 4 Page - Texas Instruments

  PT5524N Datasheet HTML 1Page - Texas Instruments PT5524N Datasheet HTML 2Page - Texas Instruments PT5524N Datasheet HTML 3Page - Texas Instruments PT5524N Datasheet HTML 4Page - Texas Instruments PT5524N Datasheet HTML 5Page - Texas Instruments PT5524N Datasheet HTML 6Page - Texas Instruments PT5524N Datasheet HTML 7Page - Texas Instruments PT5524N Datasheet HTML 8Page - Texas Instruments PT5524N Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
PT5500/5520 Series
Adjusting the Output Voltage of the PT5500/20
Series of Excalibur
 Step-Down ISRs
The output voltage of both the PT5500 and PT5520
series ISRs may be adjusted higher or lower than the
factory trimmed pre-set voltage with the addition of a
single external resistor. Table 1 accordingly gives the
allowable adjustment range for each model for either
series as Va (min) and Va (max).
Adjust Up:
An increase in the output voltage is obtained by
adding a resistor R2, between pin 5 (Vo adj) and pin 3 (GND).
Adjust Down:
Add a resistor (R1), between pin 5 (Vo adj) and
pin 4 (Vout).
Figure 1
The values of (R
1) [adjust down], and R2 [adjust up], can
also be calculated using the following formulas. Refer to
Figure 1 and Table 2 for both the placement and value of the
required resistor; either (R
1) or R2 as appropriate.
(R1)
=
Ro (Va – 0.9)
– Rs
k
Vo – Va
R2
=
0.9 Ro
– Rs
k
Va – Vo
Where:
Vo = Original output voltage
Va = Adjusted output voltage
Ro = The resistance value from Table 1
Rs = The series resistance from Table 1
Table 1
ISR ADJUSTMENT RANGE AND FORMULA PARAMETERS
3.0 Adc Rated
PT5501
PT5502
PT5503
PT5504
PT5505
PT5506
PT5507
1.5 Adc Rated
PT5521
PT5522
PT5523
PT5524
PT5525
PT5526
PT5527
Vo (nom)
3.3
2.5
2.0
1.8
1.5
1.2
1.0
Va (min)
2.88
1.97
1.64
1.5
1.3
1.08
0.97
Va (max)
3.5
2.95
2.45
2.25
1.95
1.65
1.45
Ro (k
Ω)
10.0
10.0
10.0
10.0
10.0
10.0
10.2
Rs (k
Ω)
49.9
20.0
20.0
20.0
20.0
20.0
20.0
R2
Adjust Up
C1
1
µF Ceramic
(Optional)
C2
100
µF
(Req'd)
+V
O
COM
COM
+V
IN
+
(R1)
Adj Down
PT5500
2
35
4
Vin
V o
Vo(adj)
GND
Notes:
1. Use only a single 1% resistor in either the (R1) or R2
location. Place the resistor as close to the ISR as possible.
2. Never connect capacitors from Vo adj to either GND or
Vout. Any capacitance added to the Vo adjust pin will
affect the stability of the ISR.
3. For each model, adjustments to the output voltage may
place additional limits on the minimum input voltage.
The revised minimum input voltage must comply with the
following requirement.
Vin(min) = (Va + 0.5)V or as specified in the data sheet,
whichever is greater.


Similar Part No. - PT5524N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5524 TI-PT5524 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT5524N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5521 TI-PT5521 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5810 TI-PT5810 Datasheet
202Kb / 11P
[Old version datasheet]   20-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
PTH04070W TI-PTH04070W_07 Datasheet
436Kb / 16P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W_15 Datasheet
380Kb / 17P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04000W TI-PTH04000W Datasheet
1Mb / 20P
[Old version datasheet]   3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W Datasheet
402Kb / 15P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com