Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6343C Datasheet(PDF) 4 Page - Texas Instruments

Part # PT6343C
Description  6-A 12-V Input Adjustable Integrated Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6343C Datasheet(HTML) 4 Page - Texas Instruments

  PT6343C Datasheet HTML 1Page - Texas Instruments PT6343C Datasheet HTML 2Page - Texas Instruments PT6343C Datasheet HTML 3Page - Texas Instruments PT6343C Datasheet HTML 4Page - Texas Instruments PT6343C Datasheet HTML 5Page - Texas Instruments PT6343C Datasheet HTML 6Page - Texas Instruments PT6343C Datasheet HTML 7Page - Texas Instruments PT6343C Datasheet HTML 8Page - Texas Instruments PT6343C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes
Using the Inhibit Function on the PT6340
12V Bus Excalibur™ Series Converters
The PT6340 series are high efficiency regulators that
are designed to operate off a 12V input bus. These devices
incorporate an inhibit function, which may be used in
applications that require a power-up/shutdown feature.
The inhibit function is provided by the Inhibit* control,
pin 1. If pin 1 is left open-circuit the regulator operates
normally, and provides a regulated output whenever a valid
supply voltage is applied to Vin (pins 2– 4) with respect
to GND (pins 5–8). If a low voltage 2 is then applied to
pin 1 the regulator output will be disabled and the input
current drawn by the ISR will typically drop to 0.5mA 4.
The standby control may also be used to hold-off the
regulator output during the period that input power is
applied.
The Inhibit* input can be controlled with an open-collector
(or open-drain) discrete transistor (See Figure 1). The
input is internally pulled-up to the input voltage, Vin 1.
Table 1 gives the control voltage requirements.
Table 1 Inhibit Control Requirements 3
Parameter
Min
Typ
Max
VIL
-0.1V
0.6V
VIH
2.0V
Vin
IIL
0.5mA
Notes:
1. The inhibit control input requires no external pull-up
resistor. The open-circuit voltage of the Inhibit* input is
typically the input voltage, Vin.
2. The inhibit control input is Not compatible with TTL
devices. An open-collector device, preferably a discrete
bipolar transistor (or MOSFET) is recommended. To
ensure the regulator output is disabled, the control pin
must be pulled to less than 0.6Vdc with a low-level
0.5mA sink to ground.
3. An external source voltage can be used to control the
Inhibit* pin. To guarantee the inhibit and enable status
of the regulator, the source must be capable of meeting
the voltage requirements in Table 1 .
4. When the regulator output is disabled the current drawn
from the input source is typically reduced to 0.5mA.
Figure 1
Turn-On Time:
In the circuit of Figure 1, turning Q1 on
applies a low voltage to the Inhibit* control (pin 1) and
disables the regulator ouput. Correspondingly, turning
Q1 off removes the low-voltage signal and enables the
output. Once enabled, the output will typically experience
a 10–15ms delay followed by a predictable ramp-up of
voltage. The regulator should provide a fully regulated
output voltage within 30ms. The waveform of Figure 2
shows the output voltage response of a PT6342 (3.3V)
following the turn-off of Q1. The turn off of Q1 corre-
sponds to the rise in Vinh. The waveforms were measured
with a 12Vdc input voltage, and 2 ½ Adc load.
Figure 2
C
in
+
C
out
+
Inhibit
+12V
+3.3V
COM
COM
Q1
BSS138
PT6342
2,3,4
5–8
1 2
9,10,11
Vin
V o
V o(adj)
GND
1
Inhibit*
PT6340 Series
Vo (2V/Div)
Iin (0.5A/Div)
Vinh (10V/Div)
HORIZ SCALE: 5ms/Div


Similar Part No. - PT6343C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6343 TI-PT6343 Datasheet
174Kb / 9P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT6343C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6341 TI-PT6341 Datasheet
174Kb / 9P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT5820 TI-PT5820 Datasheet
173Kb / 10P
[Old version datasheet]   16-A 12-V Input Adjustable Integrated Switching Regulator
PT6360 TI-PT6360 Datasheet
317Kb / 14P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT6364 TI-PT6364 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT6650 TI1-PT6650_13 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
logo
List of Unclassifed Man...
PT5800 ETC-PT5800 Datasheet
203Kb / 11P
   18-A 5-V Input Adjustable Integrated Switching Regulator
logo
Texas Instruments
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6460 TI-PT6460 Datasheet
192Kb / 10P
[Old version datasheet]   14-A 5-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com