Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6346A Datasheet(PDF) 6 Page - Texas Instruments

Part # PT6346A
Description  6-A 12-V Input Adjustable Integrated Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6346A Datasheet(HTML) 6 Page - Texas Instruments

Back Button PT6346A Datasheet HTML 2Page - Texas Instruments PT6346A Datasheet HTML 3Page - Texas Instruments PT6346A Datasheet HTML 4Page - Texas Instruments PT6346A Datasheet HTML 5Page - Texas Instruments PT6346A Datasheet HTML 6Page - Texas Instruments PT6346A Datasheet HTML 7Page - Texas Instruments PT6346A Datasheet HTML 8Page - Texas Instruments PT6346A Datasheet HTML 9Page - Texas Instruments PT6346A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes continued
/
r
o
d
n
e
V
r
o
t
i
c
a
p
a
C
t
n
e
n
o
p
m
o
C
s
e
i
r
e
S
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
o
t
i
c
a
p
a
Cy
t
i
t
n
a
u
Q
g
n
i
k
r
o
W
e
g
a
t
l
o
V)
F
µ
(
e
u
l
a
V
t
n
e
l
a
v
i
u
q
E
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
t
n
e
r
r
u
C
e
l
p
p
i
R
x
a
M
)
s
m
r
I
(
C
°
5
8
@
l
a
c
i
s
y
h
P
)
m
m
(
e
z
i
S
t
u
p
n
I
s
u
B
t
u
p
t
u
O
s
u
B
r
e
b
m
u
N
r
o
d
n
e
V
)
l
a
i
d
a
R
(
C
F
c
i
n
o
s
a
n
a
P
)
t
n
u
o
M
e
c
a
f
r
u
S
(
C
F
V
5
3
V
5
3
V
0
5
V
3
6
V
5
3
V
5
3
F
µ
0
2
2
F
µ
0
8
1
F
µ
0
8
6
F
µ
0
2
2
F
µ
0
3
3
F
µ
0
7
4
9
0
.
0
Ω÷2
9
0
.
0
Ω÷2
8
4
0
.
0
9
0
.
0
Ω÷2
2
1
.
0
Ω÷3
3
4
0
.
0
A
m
5
5
7
A
m
5
5
7
A
m
5
3
8
1
A
m
0
1
4
1
A
m
5
0
2
1
A
m
0
9
6
1
0
1
× 5
.
2
1
0
1
× 5
.
2
1
6
1
× 0
2
6
1
× 5
.
6
1
5
.
2
1
× 6
1
6
1
× 5
.
6
1
1
1
1
1
1
1
2
2
1
2
3
1
1
2
2
V
1
C
F
U
E
E
1
8
1
V
1
C
F
U
E
E
1
8
6
H
1
C
F
U
E
E
N
1
2
2
J
1
C
F
V
E
E
Q
L
1
3
3
V
1
C
F
V
E
E
N
1
7
4
V
1
C
F
V
E
E
,
n
o
C
-
i
m
e
h
C
d
e
t
i
n
U
Z
X
L
/
V
X
L
S
F
V
0
5
V
5
3
V
0
1
V
0
2
F
µ
0
2
1
F
µ
0
2
2
F
µ
0
3
3
F
µ
0
5
1
2
1
.
0
Ω÷3
9
0
.
0
Ω÷2
5
2
0
.
0
3
0
.
0
÷
Ω 2
A
m
5
5
7
A
m
0
6
7
A
m
0
0
5
3
A
m
0
0
2
3
0
1
× 6
1
0
1
× 5
.
2
1
0
1
× 5
.
0
1
0
1
× 5
.
0
1
1
1
R
/
N
1
3
2
1
2
L
L
6
1
X
0
1
M
1
2
1
B
V
0
5
V
X
L
L
L
2
1
X
0
1
M
1
2
2
B
V
5
3
Z
X
L
M
0
3
3
S
F
0
1
M
0
5
1
S
F
0
2
L
P
,
n
o
c
i
h
c
i
N
M
P
V
5
3
V
5
3
V
0
5
F
µ
0
6
5
F
µ
0
3
3
F
µ
0
7
4
8
4
0
.
0
5
6
0
.
0
Ω÷2
6
4
0
.
0
A
m
0
6
3
1
A
m
0
2
0
1
A
m
0
7
4
1
6
1
× 5
1
5
.
2
1
× 5
1
8
1
× 5
1
1
1
1
1
2
1
6
H
H
M
1
6
5
V
1
L
P
U
6
H
H
M
1
3
3
V
1
L
P
U
6
H
H
M
1
1
7
4
H
1
M
P
U
)
l
a
i
d
a
R
(
S
S
,
n
o
c
s
O
)
t
n
u
o
M
e
c
a
f
r
u
S
(
V
S
V
0
1
V
0
1
V
0
2
F
µ
0
3
3
F
µ
0
3
3
F
µ
0
5
1
5
2
0
.
0
5
2
0
.
0
4
2
0
.
0
Ω÷2
A
m
0
0
5
3
>
A
m
0
0
8
3
>
A
m
0
0
6
3
0
.
0
1
× 5
.
0
1
3
.
0
1
× 3
.
0
1
3
.
0
1
× 3
.
0
1
R
/
N
R
/
N
1
1
1
2
M
0
3
3
S
S
0
1
M
0
0
3
V
S
0
1
M
0
5
1
V
S
0
2
S
P
T
m
u
l
a
t
n
a
T
X
V
AV
0
1
V
0
1
V
5
2
F
µ
0
3
3
F
µ
0
3
3
F
µ
8
6
1
.
0
Ω÷2
1
.
0
Ω÷2
5
9
0
.
0
A
m
0
0
5
2
>
A
m
0
0
0
3
>
A
m
0
0
0
2
>
L
3
.
7
× W
3
.
4
× H
1
.
4
R
/
N
R
/
N
2
2
2
R
/
N
0
0
1
0
R
0
1
0
M
7
3
3
V
S
P
T
0
6
0
0
R
0
1
0
M
7
3
3
V
S
P
T
5
9
0
0
R
5
2
0
M
6
8
6
V
S
P
T
0
1
5
T
,
t
e
m
e
K
5
9
4
T
V
0
1
V
0
1
F
µ
0
3
3
F
µ
0
2
2
3
3
0
.
0
7
0
.
0
Ω÷2
A
m
0
0
4
1
A
m
0
0
0
2
>
L
3
.
7
× W
7
.
5
× H
0
.
4
R
/
N
R
/
N
1
2
S
A
0
1
0
M
7
3
3
X
0
1
5
T
S
A
0
1
0
M
7
2
2
X
5
9
4
T
D
4
9
5
,
e
u
g
a
r
p
SV
0
1
V
5
2
F
µ
0
3
3
F
µ
8
6
0
5
4
0
.
0
5
9
0
.
0
A
m
0
5
3
2
A
m
0
0
6
1
L
3
.
7
×
W
0
.
6
× H
1
.
4
R
/
N
2
1
R
/
N
T
2
R
0
1
0
0
X
7
3
3
D
4
9
5
T
2
R
5
2
0
0
X
6
8
6
D
4
9
5
/
r
o
d
n
e
V
r
o
t
i
c
a
p
a
C
t
n
e
n
o
p
m
o
C
s
e
i
r
e
S
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
o
t
i
c
a
p
a
Cy
t
i
t
n
a
u
Q
g
n
i
k
r
o
W
e
g
a
t
l
o
V)
F
µ
(
e
u
l
a
V
t
n
e
l
a
v
i
u
q
E
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
t
n
e
r
r
u
C
e
l
p
p
i
R
x
a
M
)
s
m
r
I
(
C
°
5
8
@
l
a
c
i
s
y
h
P
)
m
m
(
e
z
i
S
t
u
p
n
I
s
u
B
t
u
p
t
u
O
s
u
B
r
e
b
m
u
N
r
o
d
n
e
V
)
l
a
i
d
a
R
(
C
F
,
c
i
n
o
s
a
n
a
P
)
t
n
u
o
M
e
c
a
f
r
u
S
(
C
F
V
5
3
V
5
3
V
0
5
V
3
6
V
5
3
V
5
3
F
µ
0
8
6
F
µ
0
6
5
F
µ
0
8
6
F
µ
0
2
2
F
µ
0
3
3
F
µ
0
7
4
3
4
0
.
0
8
3
0
.
0
8
4
0
.
0
9
0
.
0
÷2Ω
2
1
.
0
÷3Ω
3
4
0
.
0
A
m
5
5
6
1
A
m
5
5
6
1
A
m
5
3
8
1
A
m
0
1
4
1
A
m
5
0
2
1
A
m
0
9
6
1
5
.
2
1
× 0
2
5
.
2
1
× 0
2
6
1
× 0
2
6
1
× 5
.
6
1
5
.
2
1
× 6
1
6
1
× 5
.
6
1
1
1
1
1
1
1
1
1
1
2
3
1
1
8
6
V
1
C
F
U
E
E
S
1
6
5
V
1
C
F
U
E
E
1
8
6
H
1
C
F
U
E
E
N
1
2
2
J
1
C
F
V
E
E
Q
L
1
3
3
V
1
C
F
V
E
E
N
1
7
4
V
1
C
F
V
E
E
d
e
t
i
n
U
n
o
c
-
i
m
e
h
C
/
Z
X
L
/
V
X
L
S
F
/
X
F
V
5
3
V
5
2
V
0
1
V
0
2
F
µ
0
3
3
F
µ
0
2
8
F
µ
0
9
3
F
µ
0
5
1
8
6
0
.
0
6
4
0
.
0
0
3
0
.
0
4
2
0
.
0
A
m
0
5
0
1
A
m
0
4
3
1
A
m
0
8
0
3
A
m
0
0
2
3
0
1
× 6
1
2
1
× 0
2
8
× 5
.
0
1
8
× 5
.
0
1
1
1
R
/
N
1
2
1
1
2
L
L
6
1
X
0
1
1
M
1
3
3
B
V
5
3
Z
X
L
L
L
0
2
X
2
1
M
0
2
8
B
V
5
2
V
X
L
M
0
9
3
X
F
0
1
M
0
5
1
X
F
0
2
L
P
,
n
o
c
i
h
c
i
N
M
P
V
5
3
V
5
3
V
5
3
F
µ
0
6
5
F
µ
0
3
3
F
µ
0
6
5
8
4
0
.
0
6
0
.
0
÷2Ω
8
4
0
0
.
0
A
m
0
6
3
1
A
m
0
2
0
1
A
m
0
6
3
1
6
1
× 5
1
5
.
2
1
× 5
1
6
1
× 5
1
1
1
1
1
2
1
6
H
H
M
1
6
5
V
1
L
P
U
6
H
H
M
1
3
3
V
1
L
P
U
6
H
H
M
1
6
5
V
1
M
P
U
)
l
a
i
d
a
R
(
S
S
,
n
o
c
s
O
)
t
n
u
o
M
e
c
a
f
r
u
S
(
V
S
V
0
1
V
0
1
V
0
2
F
µ
0
3
3
F
µ
0
3
3
F
µ
0
5
1
5
2
0
.
0
5
2
0
.
0
2
0
.
0
÷2Ω
A
m
0
0
5
3
>
A
m
0
0
8
3
>
A
m
0
0
6
3
0
.
0
1
× 5
.
0
1
3
.
0
1
× 3
.
0
1
3
.
0
1
× 3
.
0
1
R
/
N
R
/
N
1
1
1
2
M
0
3
3
S
S
0
1
M
0
3
3
V
S
0
1
M
0
5
1
V
S
0
2
S
P
T
,
m
u
l
a
t
n
a
T
X
V
AV
0
1
V
0
1
V
5
2
F
µ
0
3
3
F
µ
0
3
3
F
µ
8
6
1
.
0
÷2Ω
1
.
0
÷2Ω
5
9
0
.
0
A
m
0
0
5
2
>
A
m
0
0
0
3
>
A
m
0
0
0
2
>
L
3
.
7
× W
3
.
4
× H
1
.
4
R
/
N
R
/
N
2
2
2
R
/
N
0
0
1
0
R
0
1
0
M
7
3
3
V
S
P
T
0
6
0
0
R
0
1
0
M
7
3
3
V
S
P
T
5
9
0
0
R
5
2
0
M
6
8
6
V
S
P
T
0
1
5
T
,
t
e
m
e
K
5
9
4
T
V
0
1
V
0
1
F
µ
0
3
3
F
µ
0
2
2
3
3
0
.
0
7
0
.
0
÷
Ω 2
A
m
0
0
4
1
A
m
0
0
0
2
>
W
7
.
5
x
L
3
.
7
× H
0
.
4
R
/
N
R
/
N
1
2
S
A
0
1
0
M
7
3
3
X
0
1
5
T
S
A
0
1
0
M
7
2
2
X
5
9
4
T
D
4
9
5
,
e
u
g
a
r
p
SV
0
1
V
5
2
F
µ
0
3
3
F
µ
8
6
5
4
0
.
0
5
9
0
.
0
A
m
0
5
3
2
A
m
0
0
6
1
L
3
.
7
× W
0
.
6
× H
1
.
4
R
/
N
2
1
R
/
N
T
2
R
0
1
0
0
X
7
3
3
D
4
9
5
T
2
R
5
2
0
0
X
6
8
6
D
4
9
5
Table 2: Input/Output Capacitors (Output Current >4 Amperes Continuous)
N/R –Not recommended. The voltage rating does not meet the minimin operating limits.
Table 1: Input/Output Capacitors (Output Current
≤4 Amperes Continuous)
N/R –Not recommended. The voltage rating does not meet the minimin operating limits.
PT6340 Series


Similar Part No. - PT6346A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6346 TI-PT6346 Datasheet
174Kb / 9P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT6346A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6341 TI-PT6341 Datasheet
174Kb / 9P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT5820 TI-PT5820 Datasheet
173Kb / 10P
[Old version datasheet]   16-A 12-V Input Adjustable Integrated Switching Regulator
PT6360 TI-PT6360 Datasheet
317Kb / 14P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT6364 TI-PT6364 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT6650 TI1-PT6650_13 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
logo
List of Unclassifed Man...
PT5800 ETC-PT5800 Datasheet
203Kb / 11P
   18-A 5-V Input Adjustable Integrated Switching Regulator
logo
Texas Instruments
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6460 TI-PT6460 Datasheet
192Kb / 10P
[Old version datasheet]   14-A 5-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com