Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT5523C Datasheet(PDF) 1 Page - Texas Instruments

Part # PT5523C
Description  1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT5523C Datasheet(HTML) 1 Page - Texas Instruments

  PT5523C Datasheet HTML 1Page - Texas Instruments PT5523C Datasheet HTML 2Page - Texas Instruments PT5523C Datasheet HTML 3Page - Texas Instruments PT5523C Datasheet HTML 4Page - Texas Instruments PT5523C Datasheet HTML 5Page - Texas Instruments PT5523C Datasheet HTML 6Page - Texas Instruments PT5523C Datasheet HTML 7Page - Texas Instruments PT5523C Datasheet HTML 8Page - Texas Instruments PT5523C Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT5520 Series
1.5-A 5-V/3.3-V Input Adjustable
Integrated Switching Regulator
SLTS147A
(Revised 10/5/2001)
Standard Application
C
1
C
2
+V
O
COM
COM
+V
IN
+
PT5520
2
3
5
4
1
INH
V
O ADJ
C1 = Optional 1µF ceramic
C2 = Required 100µF (See Notes)
Ordering Information
PT5521
¨ =3.3 Volts
PT5522
¨ =2.5 Volts
PT5523
¨ =2.0 Volts
PT5524
¨ =1.8 Volts
PT5525
¨ =1.5 Volts
PT5526
¨ =1.2 Volts
PT5527
¨ =1.0 Volts
Pin
Function
1
Inhibit *
2Vin
3
GND
4Vo
5Vo Adjust
Pin-Out Information
* For Inhibit pin:
Open = output enabled
Ground = output disabled
PT Series Suffix (PT1234 x )
Case/Pin
Order
Package
Configuration
Suffix
Code
Vertical
N
(EFK)
Horizontal
A
(EFL)
SMD
C
(EFM)
(Reference the applicable package code draw-
ing for the dimensions and PC board layout)
Description
The PT5520 Excalibur™ power modules
are a series of high-performance Integrated
Switching Regulators (ISRs). Rated 1.5A,
these modules operate from input voltages as
low as 3.1V to provide a local step-down
power source. They are an ideal compliment
to the industry’s latest high-performance DSPs
and microprocessors. The series includes
output voltage options as low as 1.0VDC.
The PT5520 series is packaged in a 5-pin
thermally efficient copper case. The case is
solderable, has a small footprint, and can
accommodate both through-hole and surface
mount pin configurations.
The product features external output
voltage adjustment, an inhibit function, and
short circuit protection. A 100µF capacitor
is required for proper operation.
Features
Single-Device: 5V/3.3V Input
DSP Compatible
89% Efficiency
Small Footprint
Space-Saving package
Adjustable Output Voltage
Output Inhibit Function
Short Circuit Protection
Solderable Copper Case


Similar Part No. - PT5523C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5523 TI-PT5523 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT5523C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5521 TI-PT5521 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5810 TI-PT5810 Datasheet
202Kb / 11P
[Old version datasheet]   20-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
PTH04070W TI-PTH04070W_07 Datasheet
436Kb / 16P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W_15 Datasheet
380Kb / 17P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04000W TI-PTH04000W Datasheet
1Mb / 20P
[Old version datasheet]   3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W Datasheet
402Kb / 15P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com