Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6341 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT6341
Description  6-A 12-V Input Adjustable Integrated Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6341 Datasheet(HTML) 2 Page - Texas Instruments

  PT6341 Datasheet HTML 1Page - Texas Instruments PT6341 Datasheet HTML 2Page - Texas Instruments PT6341 Datasheet HTML 3Page - Texas Instruments PT6341 Datasheet HTML 4Page - Texas Instruments PT6341 Datasheet HTML 5Page - Texas Instruments PT6341 Datasheet HTML 6Page - Texas Instruments PT6341 Datasheet HTML 7Page - Texas Instruments PT6341 Datasheet HTML 8Page - Texas Instruments PT6341 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT6340 Series
6-A 12-V Input Adjustable
Integrated Switching Regulator
Specifications (Unless otherwise stated, Ta =25°C, Vin =12V, Cin =100µF, Cout =330µF, and Io =Iomax)
PT6340 SERIES
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Output Current
Io
Ta =+60°C, 200LFM
0.1 (1)
—6
A
Ta =+25°C, natural convection
0.1 (1)
—6
Input Voltage Range
Vin
Over Io Range
10.8
13.2
VDC
Set Point Voltage Tolerance
Vo tol
±1±2%Vo
Temperature Variation
Regtemp
–40°
≤Ta≤ +85°C, Io =Iomin
±0.5
%Vo
Line Regulation
Regline
Over Vin range
±5
±10
mV
Load Regulation
Regload
Over Io range
±5
±15
mV
Total Output Voltage Variation
∆Votot
Includes set-point, line, load,
±2±3%Vo
–40°
≤Ta ≤ +85°C
Efficiency
η
Io =4A
Vo =5.0V
93
Vo =3.3V
92
Vo =2.5V
91
%
Vo =1.8V
89
Vo =1.5V
87
Vo =1.2V
85
Vo Ripple (pk-pk)
Vr
20MHz bandwidth
20
mVpp
Transient Response
ttr
1A/µs load step, 50% to 100% Iomax—
50
µs
∆Vtr
Vo over/undershoot
±60
mV
Short Circuit Threshold
Isc threshold
8.5
A
Switching Frequency
ƒs
Over Vin and Io range
300
350
400
kHz
Inhibit (Pin 1)
Referenced to GND (pin 5)
High-Level Input Voltage
VIH
Vin–0.5
Open (2)
V
Low-Level Input Voltage
VIL
–0.2
+0.5
Low-Level Input Current
IIL
–0.5
mA
Standby Input Current
Iin standby
pins 1 & 5 connected
+0.5
mA
External Output Capacitance
Cout
See application schematic
330
1,000
µF
External Input Capacitance
Cin
See application schematic
100
µF
Operating Temperature Range
Ta
Over Vin range
–40 (3)
+85 (4)
°C
Storage Temperature
Ts
–40
+125
°C
Reliability
MTBF
Per Bellcore TR-332
8.8
106 Hrs
50% stress, Ta =40°C, ground benign
Mechanical Shock
Per Mil-Std-883D, method 2002.3,
500
G’s
1ms, half-sine, mounted to a fixture
Mechanical Vibration
Mil-Std-883D, Method 2007.2,
20 (5)
G’s
20-2000Hz, soldered in PCB
Weight
23
grams
Flammability
Materials meet UL 94V-0
Notes:
(1) The ISR will operate at no load with reduced specifications.
(2) The Inhibit control (pin 1) has an internal pull-up and if it is left open circuit the module will operate when input power is applied. The open-circuit
voltage is the input voltage Vin. Use a discrete MOSFET to control the Inhibit pin, and ensure a transitioin time of less than ≤10µs. Consult the related
application note for other interface considerations.
(3) For operation below 0°C, Cin and Cout must have stable characteristics. Use either low ESR tantalum or Oscon® capacitors.
(4) See Safe Operating Area curves or contact the factory for the appropriate derating.
(5) The case pins on through-hole package types (suffixes N & A) must be soldered. For more information consult the applicable package outline drawing.
Input/Output Capacitors:
The PT6340 regulator series requires a 100µF electrolytic (or tantalum) capacitor at the input and 330µF at the output for proper
operation in all applications. In addition, the input capacitance, Cin, must be rated for a minimum of 740mArms of ripple current, and the ESR of the output
capacitor, Cout, must less than 50mΩ @100kHz. For transient or dynamic load applications additional output capacitance may be necessary. For more information
consult the related application note on capacitor recommendations.


Similar Part No. - PT6341

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6341 TI-PT6341 Datasheet
174Kb / 9P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT6341

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6341 TI-PT6341 Datasheet
174Kb / 9P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT5820 TI-PT5820 Datasheet
173Kb / 10P
[Old version datasheet]   16-A 12-V Input Adjustable Integrated Switching Regulator
PT6360 TI-PT6360 Datasheet
317Kb / 14P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT6364 TI-PT6364 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT6650 TI1-PT6650_13 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
logo
List of Unclassifed Man...
PT5800 ETC-PT5800 Datasheet
203Kb / 11P
   18-A 5-V Input Adjustable Integrated Switching Regulator
logo
Texas Instruments
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6460 TI-PT6460 Datasheet
192Kb / 10P
[Old version datasheet]   14-A 5-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com