Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54678RTE Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS54678RTE
Description  2.95 V to 6 V INPUT, 6 A OUTPUT, 2 MHz, SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54678RTE Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54678RTE Datasheet HTML 2Page - Texas Instruments TPS54678RTE Datasheet HTML 3Page - Texas Instruments TPS54678RTE Datasheet HTML 4Page - Texas Instruments TPS54678RTE Datasheet HTML 5Page - Texas Instruments TPS54678RTE Datasheet HTML 6Page - Texas Instruments TPS54678RTE Datasheet HTML 7Page - Texas Instruments TPS54678RTE Datasheet HTML 8Page - Texas Instruments TPS54678RTE Datasheet HTML 9Page - Texas Instruments TPS54678RTE Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
ERROR
AMPLIFIER
R
Q
S
Boot
Charge
Boot
UVLO
UVLO
Current
Sense
Oscillator
with PLL
Logic
Slope
Compensation
Logic
PWM
Latch
PWM
Comparator
Minimum
COMP Clamp
Maximum
Clamp
Voltage
Reference
Overload
Recovery
VSENSE
SS/TR
COMP
RT/CLK
PH
BOOT
VIN
GND
Thermal
Shutdown
EN
Enable
Comparator
Shutdown
Logic
Shutdown
Enable
Threshold
Logic
Shutdown
PWRGD
POWERPAD
PGND
Logic
Shutdown
105 %
93%
TPS54678 Block Diagram
S
TPS54678
SLVSBF3 – JUNE 2012
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
Overview
The TPS54678 is a 6-V, 6-A, synchronous step-down (buck) converter with two integrated n-channel MOSFETs.
To improve the performance during line and load transients the device implements a constant frequency, peak
current mode control which reduces output capacitance and simplifies external frequency compensation design.
The wide switching frequency range of 200 kHz to 2000 kHz allows for efficiency and size optimization when
selecting the output filter components. The switching frequency is adjusted using a resistor to ground on the
RT/CLK pin. The device has an internal phase lock loop (PLL) on the RT/CLK pin that is used to synchronize the
power switch turn on to a falling edge of an external system clock.
The TPS54678 has a typical default start up voltage of 2.4 V. The EN pin has an internal pull-up current source
that can be used to adjust the input voltage under voltage lockout (UVLO) with two external resistors. In addition,
the pull up current provides a default condition when the EN pin is floating for the device to operate. The total
operating current for the TPS54678 is typically 570 µA when not switching and under no load. When the device
is disabled, the supply current is less than 3 µA.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS54678


Similar Part No. - TPS54678RTE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54678RTER TI1-TPS54678RTER Datasheet
1Mb / 42P
[Old version datasheet]   2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54678RTER TI1-TPS54678RTER Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54678RTET TI1-TPS54678RTET Datasheet
1Mb / 42P
[Old version datasheet]   2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54678RTET TI1-TPS54678RTET Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
More results

Similar Description - TPS54678RTE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54678 TI-TPS54678_15 Datasheet
1Mb / 39P
[Old version datasheet]   2.95 V to 6 V INPUT, 6 A OUTPUT, 2 MHz, SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54618-Q1 TI1-TPS54618-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54618-Q1 TI1-TPS54618-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54678 TI1-TPS54678_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57112-Q1 TI1-TPS57112-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319 Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI1-TPS54418_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
TPS54478 TI-TPS54478_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com