Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54719 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54719
Description  2.95 V to 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54719 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54719 Datasheet HTML 7Page - Texas Instruments TPS54719 Datasheet HTML 8Page - Texas Instruments TPS54719 Datasheet HTML 9Page - Texas Instruments TPS54719 Datasheet HTML 10Page - Texas Instruments TPS54719 Datasheet HTML 11Page - Texas Instruments TPS54719 Datasheet HTML 12Page - Texas Instruments TPS54719 Datasheet HTML 13Page - Texas Instruments TPS54719 Datasheet HTML 14Page - Texas Instruments TPS54719 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
TPS54719
www.ti.com
SLVSB69 – JUNE 2012
The TPS54719 minimizes excessive output overvoltage transients by taking advantage of the overvoltage power
good comparator. When the regulated output voltage is greater than 110% of the nominal voltage, the
overvoltage comparator is activated, and the high side MOSFET is turned off and masked from turning on until
the output voltage is lower than 108%.
The SS/TR pin is used to minimize inrush currents or provide power supply sequencing during power up. A small
value capacitor should be coupled to the pin for slow start. The SS/TR pin is discharged before the output power
up to ensure a repeatable restart after an over-temperature fault, UVLO fault or disabled condition.
The use of a frequency foldback circuit reduces the switching frequency during startup and over current fault
conditions to help limit the inductor current.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS54719


Similar Part No. - TPS54719

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54719 TI-TPS54719 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54719 2.95 V To 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS54719RTER TI1-TPS54719RTER Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
TPS54719RTET TI1-TPS54719RTET Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
TPS54719 TI-TPS54719_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54719 2.95 V To 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
More results

Similar Description - TPS54719

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54719 TI-TPS54719_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54719 2.95 V To 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS54519RTER TI-TPS54519RTER Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54519 TI1-TPS54519 Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54519 TI-TPS54519_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT??Converter
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
TPS54618-Q1 TI1-TPS54618-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54618-Q1 TI1-TPS54618-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54678 TI1-TPS54678_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS50601VTDC2 TI-TPS50601VTDC2 Datasheet
168Kb / 5P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com