Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT7673 Datasheet(PDF) 6 Page - Texas Instruments

Part # PT7673
Description  30-A 5-Bit Programmable Integrated Switching Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT7673 Datasheet(HTML) 6 Page - Texas Instruments

  PT7673 Datasheet HTML 1Page - Texas Instruments PT7673 Datasheet HTML 2Page - Texas Instruments PT7673 Datasheet HTML 3Page - Texas Instruments PT7673 Datasheet HTML 4Page - Texas Instruments PT7673 Datasheet HTML 5Page - Texas Instruments PT7673 Datasheet HTML 6Page - Texas Instruments PT7673 Datasheet HTML 7Page - Texas Instruments PT7673 Datasheet HTML 8Page - Texas Instruments PT7673 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes
Table 2-1: Input/Output Capacitors
Capacitor Recommendations for the PT7670
Series of 30-A Switching Regulators
Input Capacitor:
The recommended input capacitor is determined by a
minimum of 1,500 µF of capacitance with a ripple cur-
rent rating of 1.1 Arms.
Ripple current and <100 m
Ω equivalent series resistance
(ESR) values are the major considerations, along with
temperature, when designing with different types of
capacitors. Tantalum capacitors have a recommended
minimum voltage rating of twice 2
× (the maximum
DC voltage + AC ripple). This is necessary to insure
reliability for input voltage bus applications.
Output Capacitors:
The ESR of the required capacitors is less than 100 m
Ω.
Electrolytic capacitors have marginal ripple performance
at frequencies greater than 400 kHz but excellent low
frequency transient response. Above the ripple frequency,
ceramic capacitors are necessary to improve the transient
response and reduce any high frequency noise components
apparent during higher current excursions. Preferred
low ESR type capacitor part numbers are identified in
Table 2-1.
PT7670 Series
Tantalum Capacitors( Optional Output Capacitors)
Tantalum type capacitors can be used for the output but
only the AVX TPS, Sprague 593D/594/595, or Kemet
T495/T510 series. These capacitors are recommended
over many other tantalum types due to their higher rated
surge, power dissipation, and ripple current capability.
As a caution the TAJ series by AVX is not recommended.
This series has considerably higher ESR, reduced power
dissipation, and lower ripple current capability. The TAJ
series is also less reliable than the AVX TPS series when
determining power dissipation capability. Tantalum or
Oscon® types are recommended for applications where
ambient temperatures fall below 0 °C.
Capacitor Table
Table 2-1 identifies the characteristics of capacitors from a
number of vendors with acceptable ESR and ripple cur-
rent (rms) ratings. The number of capacitors required at
both the input and output buses is identified for each
capacitor type.
This is not an extensive capacitor list. Capacitors from other
vendors are available with comparable specifications. Those listed
are for guidance. The RMS ripple current rating and ESR
(at 100 kHz) are critical parameters necessary to insure both
optimum regulator performance and long capacitor life.
/
r
o
d
n
e
V
r
o
t
i
c
a
p
a
C
s
e
i
r
e
S
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
o
t
i
c
a
p
a
Cy
t
i
t
n
a
u
Q
g
n
i
k
r
o
W
e
g
a
t
l
o
V
)
F
µ
(
e
u
l
a
Vt
n
e
l
a
v
i
u
q
E
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
e
l
p
p
i
R
m
u
m
i
x
a
M
C
°
5
0
1
@
t
n
e
r
r
u
C
)
s
m
r
I
(
e
z
i
S
l
a
c
i
s
y
h
P
)
m
m
(
t
u
p
n
I
s
u
B
t
u
p
t
u
O
s
u
B
r
e
b
m
u
N
r
o
d
n
e
V
)
T
M
S
(
K
F
c
i
n
o
s
a
n
a
P
)
l
a
i
d
a
R
(
C
F
V
5
2
V
5
3
V
6
1
V
6
1
0
0
2
2
0
3
3
0
7
4
0
0
5
1
8
3
0
.
0
0
8
0
.
0
0
9
0
.
0
3
4
0
.
0
A
m
0
0
8
1
A
m
0
5
8
A
m
5
5
7
A
m
0
9
6
1
6
1
× 5
.
6
1
0
1
× 2
.
0
1
0
1
× 5
.
2
1
6
1
× 5
1
1
1
1
1
1
1
M
2
2
2
E
1
K
F
V
E
E
P
1
3
3
V
1
K
F
V
E
E
1
7
4
C
1
C
F
U
E
E
S
2
5
1
C
1
C
F
U
E
E
n
o
C
-
i
m
e
h
C
d
e
t
i
n
U
Z
X
L
X
F
V
5
2
V
6
1
V
0
1
0
3
3
0
0
5
1
0
8
6
0
9
0
.
0
8
3
0
.
0
5
1
0
.
0
A
m
0
6
7
A
m
0
6
6
1
A
m
5
3
7
4
0
1
× 5
.
2
1
5
.
2
1
× 0
2
0
1
× 5
.
0
1
1
2
1
1
1
L
L
2
1
X
0
1
M
1
3
3
B
V
5
2
Z
X
L
L
L
0
2
X
2
1
M
2
5
1
B
V
6
1
Z
X
L
M
0
8
6
X
F
0
1
s
e
i
r
e
S
L
P
n
o
c
i
h
c
i
N
)
T
M
S
(
X
N
V
5
2
V
0
1
V
0
1
0
9
3
0
0
5
1
0
3
3
0
8
0
.
0
0
5
0
.
0
4
2
0
.
0
A
m
0
2
7
A
m
0
3
3
1
A
m
0
7
7
3
5
.
2
1
× 5
1
6
1
× 5
1
0
1
×8
1
5
1
1
1
6
H
H
M
1
9
3
E
1
L
P
U
6
H
H
M
2
5
1
A
1
L
P
U
S
G
1
R
C
M
1
3
3
A
1
X
N
P
)
l
a
i
d
a
R
(
P
S
n
o
c
-
s
O
)
T
M
S
(
P
V
S
V
0
1
V
0
1
0
7
4
0
3
3
5
1
0
.
0
7
1
0
.
0
A
m
0
1
5
4
>
A
m
0
5
9
3
>
0
1
× 5
.
0
1
9
× 2
1
× 3
.
8
3
4
1
1
M
0
7
4
P
S
0
1
M
0
3
3
P
V
S
0
1
m
u
l
a
t
a
n
a
T
X
V
A
s
e
i
r
e
S
-
S
P
T
V
0
1
V
0
1
0
3
3
0
3
3
0
1
.
0
6
0
.
0
A
m
4
1
4
1
A
m
6
2
8
1
L
3
.
7
× W
3
.
4
× H
1
.
4
5
5
1
1
0
0
1
0
R
0
1
0
M
7
3
3
V
S
P
T
0
6
0
0
R
0
1
0
M
7
3
3
V
S
P
T
m
u
l
a
t
n
a
T
e
u
g
a
r
p
S
D
4
9
5
/
D
5
9
5
V
0
1
V
0
1
0
3
3
0
8
6
4
0
.
0
÷
5
1
1
0
.
0
=
4
9
0
.
0
A
m
0
0
5
4
>
A
m
0
1
5
1
>
L
3
.
7
× W
7
.
5
× H
0
.
4
5
2
1
1
T
2
R
0
1
0
0
X
7
3
3
D
4
9
5
T
2
R
0
1
0
0
X
7
8
6
D
5
9
5
m
u
l
a
t
n
a
T
t
e
m
e
K
)
T
M
S
(
5
9
4
T
/
0
1
5
T
V
0
1
V
0
1
0
3
3
0
2
2
5
3
0
.
0
0
.
0
÷
7
5
3
0
.
0
=
2
A
m
0
0
0
2
A
m
0
0
0
2
>
W
3
.
4
× L
3
.
7
× H
0
.
4
5
6
1
2
S
A
0
1
0
M
7
3
3
X
0
1
5
S
A
0
1
0
M
7
2
2
X
5
9
4
T
p
a
c
s
o
P
o
y
n
a
S
)
T
M
S
(
B
P
T
V
0
10
2
24
0
.
0
A
m
0
0
0
3L
2
.
7
× W
3
.
4
× H
1
.
3
62
M
0
2
2
B
P
T
0
1


Similar Part No. - PT7673

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7671 TI1-PT7671 Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671-5V TI1-PT7671-5V Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671A TI1-PT7671A Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671C TI1-PT7671C Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671N TI1-PT7671N Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
More results

Similar Description - PT7673

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7675 TI1-PT7675 Datasheet
191Kb / 9P
[Old version datasheet]   30-A 5-Bit Programmable Integrated Switching Regulator
PT8139 TI1-PT8139 Datasheet
190Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671 TI1-PT7671 Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT8125 TI-PT8125 Datasheet
192Kb / 10P
[Old version datasheet]   30-A 12-V Input Programmable Integrated Switching Regulator
PT8120 TI1-PT8120 Datasheet
202Kb / 11P
[Old version datasheet]   30-A 12-V Input Programmable Integrated Switching Regulator
PT7711 TI-PT7711 Datasheet
184Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7713 TI1-PT7713 Datasheet
189Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7712 TI-PT7712 Datasheet
165Kb / 8P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT8100 TI-PT8100 Datasheet
231Kb / 14P
[Old version datasheet]   40-A 3.3/5-V Input Programmable Integrated Switching Regulator
PT7761-5V TI-PT7761-5V Datasheet
179Kb / 8P
[Old version datasheet]   40-A Programmable Integrated Switching Regulator Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com