Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT7673C Datasheet(PDF) 8 Page - Texas Instruments

Part # PT7673C
Description  30-A 5-Bit Programmable Integrated Switching Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT7673C Datasheet(HTML) 8 Page - Texas Instruments

  PT7673C Datasheet HTML 1Page - Texas Instruments PT7673C Datasheet HTML 2Page - Texas Instruments PT7673C Datasheet HTML 3Page - Texas Instruments PT7673C Datasheet HTML 4Page - Texas Instruments PT7673C Datasheet HTML 5Page - Texas Instruments PT7673C Datasheet HTML 6Page - Texas Instruments PT7673C Datasheet HTML 7Page - Texas Instruments PT7673C Datasheet HTML 8Page - Texas Instruments PT7673C Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes
PT7670 Series
Pin-Coded Output Voltage Adjustment of the
PT7670 Series of 30-A Switching Regulators
The PT7670 Excalibur™ family of converters use a pin
code to adjust the output voltage. This feature uses the
control inputs, VID0–VID4 (pins 1–6). When these pins
are left open-circuit, the ISR regulates at its default output
voltage. Each of the programming pins are internally
connected to a precision resistor, and when pulled low 1
applies a weighted change to the output voltage. By
selectively connecting VID0–VID4 to Sense(–) 2, the
output voltage of these ISRs can be programmed in
incremental steps over their specified output voltage
range. The program codes and output voltages offered
by these ISRs are compatible with the Voltage ID
specifications used by popular microprocessors. See
Figure 4-1 for the connection schematic, and the
respective device data sheet for the programming code
information.
Notes:
1. The programming convention is as follows:-
Logic 0:Connect to pin 12; Sense(–).
Logic 1:Open circuit/open drain (See Note 2)
2. For optimal output voltage accuracy Sense(–) (pin 12)
should always be used as the logic ‘0’ reference. The
input/output ground (pins 13-19) can also be used if
pin 12 is connected to pin 13 external to the module.
3. Do not connect pull-up resistors to the voltage
programming pins.
Figure 4-1
4. If active devices are used to ground the voltage control
pins, low-level open drain MOSFET devices should be
used over bipolar transistors. The inherent Vce(sat) in
bipolar devices introduces errors in the device’s internal
divider network. Discrete transistors such as the BSS138,
2N7002, or IRLML2402 are examples of appropriate
devices.
Active Voltage Programming:
Special precautions should be taken when making changes
to the output voltage progam code while the unit is
powered. This activity can induce current transients
through the device as a result of the electrolytic output
capacitors being either charged or discharged to the new
output voltage set-point. The transient current can be
minimized by making only incremental changes to the
binary code, i.e. one LSB at a time. A minimum of 100µs
settling time between each program state is also recom-
mended. Making non-incremental changes to VID3 or
VID4 is discouraged.
When active devices are used to program the output
voltage, their state should be asserted prior to the input
power being applied. One approach is to pull STBY (pin 5)
control to GND prior to power up. After the host board
has then asserted the program code, the ground signal
to pin 5 can be removed. This will allow the regulator to
intiate a clean soft-start power-up to the desired program
voltage. For more information on the use of the Standby
function, consult the related application note, “Using
the Standby Function on the PT7670 Series of 30-A
Switching Regulators.”
C
out
+
C
in
+
1 µH
(Optional)
V
IN
COM
STBY
L
O
A
D
Q
1
L
1
Sense(–)
V
OUT
Power GND
PT7671
43
1
26
20–25
12
513–19
7–11
V
OUT
V
IN
GND
SNS(+)
SNS(–)
STBY
VID4 - VID0
2
6


Similar Part No. - PT7673C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7671 TI1-PT7671 Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671-5V TI1-PT7671-5V Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671A TI1-PT7671A Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671C TI1-PT7671C Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671N TI1-PT7671N Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
More results

Similar Description - PT7673C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7675 TI1-PT7675 Datasheet
191Kb / 9P
[Old version datasheet]   30-A 5-Bit Programmable Integrated Switching Regulator
PT8139 TI1-PT8139 Datasheet
190Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671 TI1-PT7671 Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT8125 TI-PT8125 Datasheet
192Kb / 10P
[Old version datasheet]   30-A 12-V Input Programmable Integrated Switching Regulator
PT8120 TI1-PT8120 Datasheet
202Kb / 11P
[Old version datasheet]   30-A 12-V Input Programmable Integrated Switching Regulator
PT7711 TI-PT7711 Datasheet
184Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7713 TI1-PT7713 Datasheet
189Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7712 TI-PT7712 Datasheet
165Kb / 8P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT8100 TI-PT8100 Datasheet
231Kb / 14P
[Old version datasheet]   40-A 3.3/5-V Input Programmable Integrated Switching Regulator
PT7761-5V TI-PT7761-5V Datasheet
179Kb / 8P
[Old version datasheet]   40-A Programmable Integrated Switching Regulator Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com