Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS57114QRTERQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS57114QRTERQ1
Description  2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS57114QRTERQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS57114QRTERQ1 Datasheet HTML 7Page - Texas Instruments TPS57114QRTERQ1 Datasheet HTML 8Page - Texas Instruments TPS57114QRTERQ1 Datasheet HTML 9Page - Texas Instruments TPS57114QRTERQ1 Datasheet HTML 10Page - Texas Instruments TPS57114QRTERQ1 Datasheet HTML 11Page - Texas Instruments TPS57114QRTERQ1 Datasheet HTML 12Page - Texas Instruments TPS57114QRTERQ1 Datasheet HTML 13Page - Texas Instruments TPS57114QRTERQ1 Datasheet HTML 14Page - Texas Instruments TPS57114QRTERQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =5V
I
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
150
T - Junction Temperature - °C
J
Vin = 5 V,
SS = 0.4 V
TPS57114-Q1
www.ti.com
SLVSAH5B – DECEMBER 2010 – REVISED APRIL 2012
TYPICAL CHARACTERISTICS CURVES (continued)
PWRGD ON-RESISTANCE vs TEMPERATURE
SS/TR to VSENSE OFFSET vs TEMPERATURE
Figure 19.
Figure 20.
OVERVIEW
The TPS57114-Q1 is a 6-V, 4-A, synchronous step-down (buck) converter with two integrated n-channel
MOSFETs. To improve performance during line and load transients the device implements a constant frequency,
peak current mode control which reduces output capacitance and simplifies external frequency compensation
design. The wide switching frequency of 200 kHz to 2000 kHz allows for efficiency and size optimization when
selecting the output filter components. The switching frequency is adjusted using a resistor to ground on the
RT/CLK pin. The device has an internal phase lock loop (PLL) on the RT/CLK pin that is used to synchronize the
power switch turn on to a falling edge of an external system clock.
The TPS57114-Q1 has a typical default start up voltage of 2.45 V. The EN pin has an internal pull-up current
source that can be used to adjust the input voltage under voltage lockout (UVLO) with two external resistors. In
addition, the pull up current provides a default condition when the EN pin is floating for the device to operate.
The total operating current for the TPS57114-Q1 is typically 515
μA when not switching and under no load.
When the device is disabled, the supply current is less than 5.5
μA.
The integrated 12 m
Ω MOSFETs allow for high efficiency power supply designs with continuous output currents
up to 4 A.
The TPS57114-Q1 reduces the external component count by integrating the boot recharge diode. The bias
voltage for the integrated high side MOSFET is supplied by a capacitor between the BOOT and PH pins. The
boot capacitor voltage is monitored by an UVLO circuit and turns off the high side MOSFET when the voltage
falls below a preset threshold. This BOOT circuit allows the TPS57114-Q1 to operate approaching 100%. The
output voltage can be stepped down to as low as the 0.800 V reference.
The TPS57114-Q1 has a power good comparator (PWRGD) with 2% hysteresis.
The TPS57114-Q1 minimizes excessive output overvoltage transients by taking advantage of the overvoltage
power good comparator. When the regulated output voltage is greater than 109% of the nominal voltage, the
overvoltage comparator is activated, and the high side MOSFET is turned off and masked from turning on until
the output voltage is lower than 107%.
The SS/TR (slow start/tracking) pin is used to minimize inrush currents or provide power supply sequencing
during power up. A small value capacitor should be coupled to the pin for slow start. The SS/TR pin is
discharged before the output power up to ensure a repeatable restart after an overtemperature fault, UVLO fault
or disabled condition.
The use of a frequency fold-back circuit reduces the switching frequency during startup and over current fault
conditions to help limit the inductor current.
Copyright © 2010–2012, Texas Instruments Incorporated
11


Similar Part No. - TPS57114QRTERQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS57114-EP TI-TPS57114-EP Datasheet
1Mb / 43P
[Old version datasheet]   TPS57114-EP 2.95-V to 6-V Input, 3.5-A Output, 2-MHz, Synchronous Step-Down SWIFT??Converter
TPS57114-EP TI-TPS57114-EP_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS57114-EP 2.95-V to 6-V Input, 3.5-A Output, 2-MHz, Synchronous Step-Down SWIFT??Converter
TPS57114-Q1 TI-TPS57114-Q1_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS57114-Q1 2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down SWIFT??Switcher
TPS57114C-Q1 TI1-TPS57114C-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   TPS57114C-Q1 Automotive 2.95-V to 6-V, 4-A 2-MHz Synchronous Buck Converter
TPS57114CQRTERQ1 TI1-TPS57114CQRTERQ1 Datasheet
1Mb / 40P
[Old version datasheet]   TPS57114C-Q1 Automotive 2.95-V to 6-V, 4-A 2-MHz Synchronous Buck Converter
More results

Similar Description - TPS57114QRTERQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54418 TI1-TPS54418_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
TPS54478 TI-TPS54478_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418A TI1-TPS54418A Datasheet
1Mb / 40P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57112-Q1 TI1-TPS57112-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54418 2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54319 TI-TPS54319 Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_1 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com