Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT7675C Datasheet(PDF) 4 Page - Texas Instruments

Part # PT7675C
Description  30-A 5-Bit Programmable Integrated Switching Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT7675C Datasheet(HTML) 4 Page - Texas Instruments

  PT7675C Datasheet HTML 1Page - Texas Instruments PT7675C Datasheet HTML 2Page - Texas Instruments PT7675C Datasheet HTML 3Page - Texas Instruments PT7675C Datasheet HTML 4Page - Texas Instruments PT7675C Datasheet HTML 5Page - Texas Instruments PT7675C Datasheet HTML 6Page - Texas Instruments PT7675C Datasheet HTML 7Page - Texas Instruments PT7675C Datasheet HTML 8Page - Texas Instruments PT7675C Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Performance Characteristics, Vin =5 V (See Note A)
Safe Operating Area Curves (See Note B)
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
PT7675—5 V
30-A 5-Bit Programmable
Integrated Switching Regulator
Typical Characteristics
Note A: All characteristic data in the above graphs has been developed from actual products tested at 25°C. This data is considered typical for the ISR.
Note B: SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
50
60
70
80
90
100
0
5
10
15
20
25
30
Iout - Amps
1.8V
1.5V
1.2V
VOUT
0
20
40
60
80
100
0
5
10
15
20
25
30
Iout - Amps
1.8V
1.5V
1.2V
VOUT
0
2
4
6
8
10
12
0
5
10
15
20
25
30
Iout - Amps
1.8V
1.5V
1.2V
VOUT
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
Iout (A)
400LFM
200LFM
100LFM
Nat conv
Airflow
PT7675, VIN =5 VDC, VOUT =1.2 V
SLTS186A - FEBRUARY 2003 - REVISED JUNE 2003


Similar Part No. - PT7675C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7671 TI1-PT7671 Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671-5V TI1-PT7671-5V Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671A TI1-PT7671A Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671C TI1-PT7671C Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671N TI1-PT7671N Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
More results

Similar Description - PT7675C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7673 TI1-PT7673 Datasheet
187Kb / 9P
[Old version datasheet]   30-A 5-Bit Programmable Integrated Switching Regulator
PT8139 TI1-PT8139 Datasheet
190Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671 TI1-PT7671 Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT8125 TI-PT8125 Datasheet
192Kb / 10P
[Old version datasheet]   30-A 12-V Input Programmable Integrated Switching Regulator
PT8120 TI1-PT8120 Datasheet
202Kb / 11P
[Old version datasheet]   30-A 12-V Input Programmable Integrated Switching Regulator
PT7711 TI-PT7711 Datasheet
184Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7713 TI1-PT7713 Datasheet
189Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7712 TI-PT7712 Datasheet
165Kb / 8P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT8100 TI-PT8100 Datasheet
231Kb / 14P
[Old version datasheet]   40-A 3.3/5-V Input Programmable Integrated Switching Regulator
PT7761-5V TI-PT7761-5V Datasheet
179Kb / 8P
[Old version datasheet]   40-A Programmable Integrated Switching Regulator Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com