Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR25 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MCR25
Description  Silicon Controlled Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCR25 Datasheet(HTML) 4 Page - Motorola, Inc

  MCR25 Datasheet HTML 1Page - Motorola, Inc MCR25 Datasheet HTML 2Page - Motorola, Inc MCR25 Datasheet HTML 3Page - Motorola, Inc MCR25 Datasheet HTML 4Page - Motorola, Inc MCR25 Datasheet HTML 5Page - Motorola, Inc MCR25 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MCR25 SERIES
4
Motorola Thyristor Device Data
200
300
400
500
600
700
800
0
200
400
600
800
1000
1200
Figure 9. Typical Exponential Static dv/dt
Versus Peak Voltage.
Gate–Cathode Open,
(dv/dt does not depend on RGK)
VPK , Peak Voltage (Volts)
110
°C
100
°C
85
°C
TJ = 125°C
80
85
90
95
100
105
110
115
120
125
0
500
1000
1500
2000
2500
Figure 10. Typical Exponential Static dv/dt
Versus Junction Temperature.
TJ, Junction Temperature (°C )
Gate Cathode Open,
(dv/dt does not depend on RGK )
VPK = 800
VPK = 600
VPK = 400
VPK = 275
1
2
3
4
5
6
7
8
9
10
160
180
200
220
240
260
280
300
Figure 11. Maximum Non–Repetitive
Surge Current
NUMBER OF CYCLES
TJ=125
° C f=60 Hz
1 CYCLE


Similar Part No. - MCR25

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR25 ROHM-MCR25 Datasheet
108Kb / 6P
   Thick film rectangular
MCR25 ROHM-MCR25 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR25 ROHM-MCR25 Datasheet
65Kb / 5P
   Thick film rectangular Low Resistance Series
MCR25 ROHM-MCR25 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR25 ROHM-MCR25 Datasheet
81Kb / 5P
   Low Ohmic Thick Film Chip Resistors
More results

Similar Description - MCR25

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com