Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6684B Datasheet(PDF) 1 Page - Texas Instruments

Part # PT6684B
Description  5 Amp 18-36V Input Integrated Switching Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6684B Datasheet(HTML) 1 Page - Texas Instruments

  PT6684B Datasheet HTML 1Page - Texas Instruments PT6684B Datasheet HTML 2Page - Texas Instruments PT6684B Datasheet HTML 3Page - Texas Instruments PT6684B Datasheet HTML 4Page - Texas Instruments PT6684B Datasheet HTML 5Page - Texas Instruments PT6684B Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Single Device: 5A Output
Input Voltage Range: 18V to 36V
Adjustable Output Voltage
80% Efficiency
Remote Sense Capability
Standby Function
The PT6680 series is a new addi-
tion to Power Trends’ line of 24V bus
Integrated Switching Regulators (ISRs).
Designed for general purpose indus-
5 Amp 18-36V Input
Integrated Switching Regulator
PT6680 Series
Standard Application
C1 = Required 560µF electrolytic (1)
C2 = Required 330µF electrolytic
Q1= NFET-or Open Collector Gate
PT6680
4,5,6
7,8,9,10
11,12,13
V
IN
COM
COM
V
OUT
C
2
+
C
1
+
1
3
STBY
Q
1
REMOTE SENSE
LOAD
Ordering Information
PT6681! = +3.3 Volts
PT6682! = +2.5 Volts
PT6683! = +5.0 Volts
PT6684! = +9.0 Volts
PT6685! = +15.0 Volts
PT6686! = +12.0 Volts
PT Series Suffix (PT1234X)
Case/Pin
Heat
Heat Spreader
Configuration
Spreader with Side Tabs
Vertical Through-Hole
PR
Horizontal Through-Hole DG
Horizontal Surface Mount EB
1
Remote Sense
2
Do Not Connect
3
STBY*- Standby
4Vin
5Vin
6Vin
7
GND
8
GND
9
GND
10GND
11
Vout
12
Vout
13
Vout
14
Vout Adjust
Pin-Out Information
trial applications requiring as much as
36V input and 5A of output current,
the PT6680 is packaged in a 14-Pin
SIP (Single In-line Package) and is
available in a surface-mount configu-
ration.
Only two external capacitors are
required for proper operation. Please
note that this product does not include
short circuit protection.
Note: Back surface
of product is
conducting metal
Pkg Style 400
Specifications
Characteristics
PT6680 SERIES
(T
a = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Ta = 60°C, 200 LFM, pkg P
0.1 (2)
5.0
A
Ta = 25°C, natural convection
0.1 (2)
5.0
Input Voltage Range
Vin
0.1A
≤ Io ≤ Iomax
+18V
+36V
V
Output Voltage Tolerance
∆Vo
Over Vin range
Ta = -40°C to +65°C
Vo-0.1
Vo+0.1
V
Output Voltage Adjust Range
Voadj
Pin 14 to Vo or ground
Vo = +3.3V
2.2
4.7
Vo = +2.5V
1.8
4.3
Vo = +5.0V
3.0
6.5
V
Vo = +9.0V
6.0
10.2
Vo = +12V
9.0—
13.6
Vo = +15V
10.0
17.0
Line Regulation
Regline
+18V
≤Vin≤+36V, Io = Iomax
±0.5
±1.0
%Vo
Load Regulation
Regload
Vin = +28V, 0.1≤ Io≤ Iomax
±0.5
±1.0
%Vo
Vo Ripple/Noise
Vn
Vin = +28V, Io = Iomax
Vo < +6V
50—
mVpp
Vo > +6V
1.0%Vo
Transient Response
ttr
Io step between 2.5A and 5.0A
100
µSec
with C2 = 330µF
Vos
Vo over/undershoot
100
mV
Efficiency
η
Vin = +28V, Io = Io max
Vo = +3.3V
78
Vo = +2.5V
73
Vo = +5.0V
82
%
Vo = +9.0V
87
Vo = +12.0V
88
Vo = +15.0V
90
Switching Frequency
ƒo
+18V
≤ Vin ≤ +36V
50
055060
0kHz
Over Io range
Maximum Operating
Ta
Over Vin range
-40—
+85 (3)
°C
Temperature Range
Storage Temperature
Ts
-40—
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
500
G’s
Mechanical Vibration
Per Mil-STD-883D, Method 2007.2,
7.5
G’s
20-2000 Hz, soldered in a PC board
Weight
14
grams
Notes (1) The 560µF electrolytic input capacitor must be rated for 1.5Arms ripple current. Both an input and output capacitor is required for proper operation.
(2) The ISR will operate down to no load with reduced specifications.
(3) Consult the SOA curves or contact the factory to determine the appropriate derating.
SLTS098
(Revised 6/30/2000)
PT6680


Similar Part No. - PT6684B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6684 TI1-PT6684 Datasheet
161Kb / 7P
[Old version datasheet]   Single Device: 5A Output
More results

Similar Description - PT6684B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6650 TI-PT6650 Datasheet
242Kb / 5P
[Old version datasheet]   5 AMP 24V INPUT INTEGRATED SWITCHING REGULATOR
logo
List of Unclassifed Man...
PT5800 ETC-PT5800 Datasheet
203Kb / 11P
   18-A 5-V Input Adjustable Integrated Switching Regulator
logo
Texas Instruments
PT6620 TI-PT6620 Datasheet
237Kb / 5P
[Old version datasheet]   6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR
PT7706 TI-PT7706 Datasheet
180Kb / 3P
[Old version datasheet]   18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7705 TI-PT7705 Datasheet
200Kb / 4P
[Old version datasheet]   18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7707 TI-PT7707 Datasheet
199Kb / 4P
[Old version datasheet]   18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT6405D TI1-PT6405D Datasheet
527Kb / 7P
[Old version datasheet]   3 Amp 5V Input Adjustable Integrated Switching Regulator
PT5120 TI1-PT5120 Datasheet
474Kb / 4P
[Old version datasheet]   1 AMP LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6120 TI-PT6120 Datasheet
512Kb / 6P
[Old version datasheet]   1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6705 TI-PT6705 Datasheet
358Kb / 6P
[Old version datasheet]   13 Amp 5V/3.3V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com