Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP2G17DRYR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP2G17DRYR
Description  LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP2G17DRYR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AUP2G17DRYR Datasheet HTML 3Page - Texas Instruments SN74AUP2G17DRYR Datasheet HTML 4Page - Texas Instruments SN74AUP2G17DRYR Datasheet HTML 5Page - Texas Instruments SN74AUP2G17DRYR Datasheet HTML 6Page - Texas Instruments SN74AUP2G17DRYR Datasheet HTML 7Page - Texas Instruments SN74AUP2G17DRYR Datasheet HTML 8Page - Texas Instruments SN74AUP2G17DRYR Datasheet HTML 9Page - Texas Instruments SN74AUP2G17DRYR Datasheet HTML 10Page - Texas Instruments SN74AUP2G17DRYR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
SN74AUP2G17
www.ti.com
SCES750A – SEPTEMBER 2009 – REVISED MAY 2010
OPERATING CHARACTERISTICS
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
0.8 V
4
1.2 V ± 0.1 V
4
1.5 V ± 0.1 V
4
Cpd
Power dissipation capacitance
f = 10 MHz
pF
1.8 V ± 0.15 V
4
2.5 V ± 0.2 V
4.1
3.3 V ± 0.3 V
4.3
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN74AUP2G17


Similar Part No. - SN74AUP2G17DRYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP2G17 TI1-SN74AUP2G17 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
SN74AUP2G17 TI1-SN74AUP2G17_15 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
More results

Similar Description - SN74AUP2G17DRYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP2G17 TI1-SN74AUP2G17_15 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74AUP1G17 PHILIPS-74AUP1G17 Datasheet
96Kb / 20P
   Low-power Schmitt-trigger buffer
Rev. 01-26 July 2005
logo
Diodes Incorporated
74LVC2G17 DIODES-74LVC2G17 Datasheet
242Kb / 10P
   DUAL SCHMITT TRIGGER BUFFER
logo
Texas Instruments
SN74LVC2G17 TI-SN74LVC2G17_09 Datasheet
599Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17-Q1 TI-SN74LVC2G17-Q1 Datasheet
129Kb / 7P
[Old version datasheet]   DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17 TI-SN74LVC2G17_10 Datasheet
600Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17 TI-SN74LVC2G17 Datasheet
326Kb / 13P
[Old version datasheet]   DUAL SCHMITT TRIGGER BUFFER
logo
ON Semiconductor
NLX2G17 ONSEMI-NLX2G17 Datasheet
97Kb / 8P
   Dual Schmitt-Trigger Buffer
March, 2008 - Rev. 0
logo
Texas Instruments
SN74LVC2G17-EP TI1-SN74LVC2G17-EP Datasheet
542Kb / 12P
[Old version datasheet]   DUAL SCHMITT-TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC2G17 UTC-U74LVC2G17 Datasheet
141Kb / 5P
   DUAL SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com