Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP2G14DCKR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP2G14DCKR
Description  LOW-POWER DUAL SCHMITT-TRIGGER INVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP2G14DCKR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74AUP2G14DCKR Datasheet HTML 5Page - Texas Instruments SN74AUP2G14DCKR Datasheet HTML 6Page - Texas Instruments SN74AUP2G14DCKR Datasheet HTML 7Page - Texas Instruments SN74AUP2G14DCKR Datasheet HTML 8Page - Texas Instruments SN74AUP2G14DCKR Datasheet HTML 9Page - Texas Instruments SN74AUP2G14DCKR Datasheet HTML 10Page - Texas Instruments SN74AUP2G14DCKR Datasheet HTML 11Page - Texas Instruments SN74AUP2G14DCKR Datasheet HTML 12Page - Texas Instruments SN74AUP2G14DCKR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
5,10,15,30pF
VCC/2
VCC
0.15V
VCC =1.2V
± 0.1V
VCC =0.8V
VCC =1.5V
± 0.1V
VCC =1.8V
± 0.15V
VCC =2.5V
± 0.2V
VCC =3.3V
± 0.3V
5,10,15,30pF
VCC/2
VCC
0.1V
5,10,15,30pF
VCC/2
VCC
0.1V
5,10,15,30pF
VCC/2
VCC
0.1V
CL
VM
VI
V
5,10,15,30pF
VCC/2
VCC
0.15V
5,10,15,30pF
VCC/2
VCC
0.3V
Output
Waveform1
S1at2 x VCC
(seeNoteB)
Output
Waveform2
S1atGND
(seeNoteB)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VCC
0V
VOL +V
VOH -V
≈0V
VCC
VOLTAGEWAVEFORMS
ENABLE ANDDISABLETIMES
LOW- ANDHIGH-LEVEL ENABLING
Output
Control
VCC/2
VCC/2
VCC/2
VCC/2
tPLZ/tPZL
tPHZ/tPZH
2 x VCC
GND
TEST
S1
FromOutput
UnderTest
CL
(seeNote A)
LOADCIRCUIT
S1
GND
5k
5k
2 x VCC
SN74AUP2G14
www.ti.com
SCES749C – SEPTEMBER 2009 – REVISED FEBRUARY 2012
PARAMETER MEASUREMENT INFORMATION
(Enable and Disable Times)
A.
CL includes probe and jig capacitance.
B.
Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output
control. Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the
output control.
C.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr/tf = 3 ns.
D.
The outputs are measured one at a time, with one transition per measurement.
E.
tPLZ and tPHZ are the same as tdis.
F.
tPLH and tPHL are the same as tpd.
G.
All parameters and waveforms are not applicable to all devices.
Figure 4. Load Circuit and Voltage Waveforms
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN74AUP2G14


Similar Part No. - SN74AUP2G14DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP2G125 TI-SN74AUP2G125 Datasheet
869Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OTPUTS
SN74AUP2G125DCUR TI-SN74AUP2G125DCUR Datasheet
869Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OTPUTS
SN74AUP2G125DQER TI-SN74AUP2G125DQER Datasheet
869Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OTPUTS
SN74AUP2G125RSER TI-SN74AUP2G125RSER Datasheet
869Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OTPUTS
SN74AUP2G125YFPR TI-SN74AUP2G125YFPR Datasheet
869Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OTPUTS
More results

Similar Description - SN74AUP2G14DCKR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G14 PHILIPS-74AUP2G14_15 Datasheet
217Kb / 21P
   Low-power dual Schmitt trigger inverter
Rev. 5-4 December 2012
74AXP2G14 PHILIPS-74AXP2G14_15 Datasheet
181Kb / 16P
   Low-power dual Schmitt trigger inverter
Rev. 1-9 October 2014
logo
Nexperia B.V. All right...
74AXP2G14 NEXPERIA-74AXP2G14 Datasheet
842Kb / 17P
   Low-power dual Schmitt trigger inverter
logo
NXP Semiconductors
74AUP2G14 NXP-74AUP2G14 Datasheet
106Kb / 18P
   Low-power dual Schmitt trigger inverter
Rev. 02-3 July 2009
logo
Nexperia B.V. All right...
74AUP2G14 NEXPERIA-74AUP2G14 Datasheet
291Kb / 20P
   Low-power dual Schmitt trigger inverter
Rev. 8 - 31 January 2022
logo
NXP Semiconductors
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14_15 Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com