Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6685E Datasheet(PDF) 4 Page - Texas Instruments

Part # PT6685E
Description  5 Amp 18-36V Input Integrated Switching Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6685E Datasheet(HTML) 4 Page - Texas Instruments

  PT6685E Datasheet HTML 1Page - Texas Instruments PT6685E Datasheet HTML 2Page - Texas Instruments PT6685E Datasheet HTML 3Page - Texas Instruments PT6685E Datasheet HTML 4Page - Texas Instruments PT6685E Datasheet HTML 5Page - Texas Instruments PT6685E Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Application Notes continued
1.8
(1.4)k
1.9
(2.9)k
2.0
(5.0)k
2.1
(8.1)k
2.2
(13.3)k
(1.0)k
2.3
(23.7)k
(2.3)k
2.4
(54.9)k
(3.9)k
2.5
(5.8)k
2.6
59.9k
(8.4)k
2.7
28.7k
(11.7)k
2.8
18.3k
(16.5)k
2.9
13.1k
(23.6)k
3.0
10.0k
(35.4)k
(1.6)k
3.1
7.9k
(59.0)k
(2.3)k
3.2
6.4k
(130.0)k
(3.1)k
3.3
5.3k
(4.0)k
3.4
4.4k
81.5k
(5.1)k
3.5
3.8k
38.3k
(6.2)k
3.6
3.2k
23.8k
(7.6)k
3.7
2.7k
16.6k
(9.1)k
3.8
2.3k
12.3k
(10.9)k
3.9
2.0k
9.4k
(13.0)k
4.01.7k
7.4k
(15.6)k
4.1
1.4k
5.8k
(18.7)k
4.2
1.2k
4.6k
(22.6)k
4.3
1.0k
3.7k
(27.6)k
4.4
2.9k
(34.2)k
4.5
2.2k
(43.6)k
4.6
1.7k
(57.6)k
4.7
1.2k
(80.9)k
4.8
(128.0)k
4.9
(268.0)k
5.0
5.1
88.4k
5.2
41.7k
5.3
26.1k
5.4
18.4k
5.5
13.7k
5.6
10.6k
5.7
8.4k
5.8
6.7k
5.9
5.4k
6.04.4k
6.1
3.5k
6.2
2.8k
6.3
2.2k
6.4
1.7k
6.5
1.2k
Table 2
PT6680 ADJUSTMENT RESISTOR VALUES
Series Pt #
PT6682
PT6681
PT6683
Series Pt #
PT6684
PT6686
PT6685
Current
5Adc
5Adc
5Adc
Current
5Adc
4Adc
4Adc
Vo (nom)
2.5Vdc
3.3Vdc
5.0Vdc
Vo (nom)
9.0Vdc
12.0Vdc
15.0Vdc
Va (req’d)
Va (req’d)
6.0
(6.9)k
6.2
(9.2)k
6.4
(11.9)k
6.6
(14.0)k
6.8
(18.6)k
7.0
(23.0)k
7.2
(28.3)k
7.4
(35.0)k
7.6
(43.5)k
7.8
(55.0)k
8.0
(71.0)k
8.2
(95.0)k
8.4
(135.0)k
8.6
(215.0)k
8.8
(455.0)k
9.0
(31.7)k
9.2
64.8k
(36.1)k
9.4
26.1k
(41.2)k
9.6
13.1k
(47.1)k
9.8
6.7k
(54.1)k
10.0
2.8k
(62.6)k
(25.8)k
10.2
0.2k
(72.8)k
(28.3)k
10.4
(85.7)k
(31.1)k
10.6
(102.0)k
(34.1)k
10.8
(124.0)k
(37.3)k
11.0
(155.0)k
(40.9)k
11.2
(201.0)k
(44.9)k
11.4
(278.0)k
(49.3)k
11.6
(432.0)k
(54.3)k
11.8
(895.0)k
(59.8)k
12.0
(66.1)k
12.2
94.8k
(73.3)k
12.4
41.1k
(81.6)k
12.6
23.1k
(91.3)k
12.8
14.2k
(103.0)k
13.08.8k
(117.0)k
13.2
5.2k
(133.0)k
13.4
2.7k
(154.0)k
13.6
0.7k
(181.0)k
13.8
(217.0)k
14.0
(268.0)k
14.2
(343.0)k
14.5
(570.0)k
15.0
15.5
42.3k
16.014.8k
16.5
5.6k
17.01.1k
R1 = (Blue)
R2 = Black
PT6680 Series


Similar Part No. - PT6685E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6685 TI1-PT6685 Datasheet
161Kb / 7P
[Old version datasheet]   Single Device: 5A Output
PT6685R TI1-PT6685R Datasheet
161Kb / 7P
[Old version datasheet]   Single Device: 5A Output
More results

Similar Description - PT6685E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6650 TI-PT6650 Datasheet
242Kb / 5P
[Old version datasheet]   5 AMP 24V INPUT INTEGRATED SWITCHING REGULATOR
logo
List of Unclassifed Man...
PT5800 ETC-PT5800 Datasheet
203Kb / 11P
   18-A 5-V Input Adjustable Integrated Switching Regulator
logo
Texas Instruments
PT6620 TI-PT6620 Datasheet
237Kb / 5P
[Old version datasheet]   6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR
PT7706 TI-PT7706 Datasheet
180Kb / 3P
[Old version datasheet]   18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7705 TI-PT7705 Datasheet
200Kb / 4P
[Old version datasheet]   18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7707 TI-PT7707 Datasheet
199Kb / 4P
[Old version datasheet]   18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT6405D TI1-PT6405D Datasheet
527Kb / 7P
[Old version datasheet]   3 Amp 5V Input Adjustable Integrated Switching Regulator
PT5120 TI1-PT5120 Datasheet
474Kb / 4P
[Old version datasheet]   1 AMP LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6120 TI-PT6120 Datasheet
512Kb / 6P
[Old version datasheet]   1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6705 TI-PT6705 Datasheet
358Kb / 6P
[Old version datasheet]   13 Amp 5V/3.3V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com