Electronic Components Datasheet Search |
|
04021K8R2PBSTR Datasheet(PDF) 5 Page - AVX Corporation |
|
04021K8R2PBSTR Datasheet(HTML) 5 Page - AVX Corporation |
5 / 20 page 9 1 Size Size Code 0603 0805 Voltage 100 50 25 100 50 25 Cap in Cap pF(1) code 0.1 — 0R1 0.2 — 0R2 0.3 — 0R3 0.4 — 0R4 0.5 — 0R5 0.6 — 0R6 0.7 — 0R7 0.8 — 0R8 0.9 — 0R9 1.0 — 1R0 1.2 — 1R2 1.5 — 1R5 1.8 — 1R8 2.2 — 2R2 2.7 — 2R7 3.3 — 3R3 3.9 — 3R9 4.7 — 4R7 5.6 — 5R6 6.8 — 6R8 8.2 — 8R2 10 — 100 12 — 120 15 — 150 18 — 180 22 — 220 27 — 270 33 — 330 39 — 390 47 — 470 56 — 560 68 — 680 82 — 820 100 — 101 120 — 121 150 — 151 Size Size Code 0603 0805 Voltage 100 50 25 100 50 25 Cap in Cap pF ( (1) code 0.1 — 0R1 0.2 — 0R2 0.3 — 0R3 0.4 — 0R4 0.5 — 0R5 0.6 — 0R6 0.7 — 0R7 0.8 — 0R8 0.9 — 0R9 1.0 — 1R0 1.2 — 1R2 1.5 — 1R5 1.8 — 1R8 2.2 — 2R2 2.7 — 2R7 3.3 — 3R3 3.9 — 3R9 4.7 — 4R7 5.6 — 5R6 6.8 — 6R8 8.2 — 8R2 10 — 100 12 — 120 15 — 150 18 — 180 22 — 220 27 — 270 33 — 330 39 — 390 47 — 470 56 — 560 68 — 680 82 — 820 100 — 101 120 — 121 150 — 151 TEMP. COEFFICIENT CODE “J” = 0±30ppm/°C (-55°C to +125°C) (2) Accu-F® * Signal Type Capacitors TEMP. COEFFICIENT CODE “K” = 0±60ppm/°C (-55°C to +125°) (2) (1) For capacitance values higher than listed in table, please consult factory. (2) TC shown is per EIA/IEC Specifications. (1) For capacitance values higher than listed in table, please consult factory. (2) TC shown is per EIA/IEC Specifications. Accu-F ® Capacitance Ranges (pF) Intermediate values are available within the indicated range. * Not recommended for new designs. Accu-P’s are recommended. |
Similar Part No. - 04021K8R2PBSTR |
|
Similar Description - 04021K8R2PBSTR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |