Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5255B Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 1N5255B
Description  Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1N5255B Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1N5255B Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N5255B Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N5255B Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon planar power zener diodes
Standard Zener voltage tolerance is ±5%. With a "B"
suffix. Other tolerances are available upon request.
Case:DO-35, Glass Case
Terminals: Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band
Marking: Type Number
Approx. Weight: 0.13 grams.
Thermal resistance junction to ambient
Forw ard voltage at IF=200mA
3001)
Storage temperature range
Ts
-55---+175
Power dissipation at Tamb=25
Ptot
5001)
N
OTES: (1) Valid provided that leads at a distance of 10 mm from case are kept at ambient temperature.
1.2
V
/W
SYMBOL
VF
UNIT
MAX
TYP
MIN
RθJA
Junction temperature
TJ
175
mW
Zener current (see Table "Characteristics")
POWER DISSIPATION: 500 mW
DO-35(GLASS)
UNIT
VALUE
SYMBOL
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
Dimensions in millimeters
1N5221B-1N5279B
Zener Diodes
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 1N5255B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5255B VISHAY-1N5255B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Zibo Seno Electronic En...
1N5255B ZSELEC-1N5255B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
EIC discrete Semiconduc...
1N5255B EIC-1N5255B Datasheet
38Kb / 2P
   ZENER DIODES
logo
Weitron Technology
1N5255B WEITRON-1N5255B Datasheet
308Kb / 3P
   Surface Mount Zener Diodes
logo
Yea Shin Technology Co....
1N5255B YEASHIN-1N5255B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - 1N5255B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com