Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74CBTK6800DBQRE4 Datasheet(PDF) 9 Page - Texas Instruments

Part # 74CBTK6800DBQRE4
Description  10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74CBTK6800DBQRE4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button 74CBTK6800DBQRE4 Datasheet HTML 5Page - Texas Instruments 74CBTK6800DBQRE4 Datasheet HTML 6Page - Texas Instruments 74CBTK6800DBQRE4 Datasheet HTML 7Page - Texas Instruments 74CBTK6800DBQRE4 Datasheet HTML 8Page - Texas Instruments 74CBTK6800DBQRE4 Datasheet HTML 9Page - Texas Instruments 74CBTK6800DBQRE4 Datasheet HTML 10Page - Texas Instruments 74CBTK6800DBQRE4 Datasheet HTML 11Page - Texas Instruments 74CBTK6800DBQRE4 Datasheet HTML 12Page - Texas Instruments 74CBTK6800DBQRE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
SN74CBTK6800DBQR
SSOP
DBQ
24
2500
367.0
367.0
38.0
SN74CBTK6800DGVR
TVSOP
DGV
24
2000
367.0
367.0
35.0
SN74CBTK6800DWR
SOIC
DW
24
2000
367.0
367.0
45.0
SN74CBTK6800PWR
TSSOP
PW
24
2000
367.0
367.0
38.0
PACKAGE MATERIALS INFORMATION
www.ti.com
16-Aug-2012
Pack Materials-Page 2


Similar Part No. - 74CBTK6800DBQRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74CBTK16245DGGRE4 TI-74CBTK16245DGGRE4 Datasheet
350Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH WITH ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
74CBTK16245DGGRG4 TI-74CBTK16245DGGRG4 Datasheet
350Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH WITH ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
74CBTK16245DGVRE4 TI-74CBTK16245DGVRE4 Datasheet
350Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH WITH ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
74CBTK16245DGVRG4 TI-74CBTK16245DGVRG4 Datasheet
350Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH WITH ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
74CBTK16245DLRG4 TI-74CBTK16245DLRG4 Datasheet
350Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH WITH ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
More results

Similar Description - 74CBTK6800DBQRE4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810_02 Datasheet
90Kb / 9P
   10-bit bus switch with precharged outputs and Schottky undershoot protection
2002 Dec 13
logo
Fairchild Semiconductor
FSTU6800MTCX FAIRCHILD-FSTU6800MTCX Datasheet
192Kb / 5P
   10-Bit Bus Switch with Precharged Outputs and ??V Undershoot Protection
FSTU6800 FAIRCHILD-FSTU6800_06 Datasheet
191Kb / 5P
   10-Bit Bus Switch with Precharged Outputs and −2V Undershoot Protection
logo
Texas Instruments
SN74CBTK16245 TI-SN74CBTK16245 Datasheet
350Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH WITH ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
SN74CBTK32245 TI-SN74CBTK32245 Datasheet
274Kb / 10P
[Old version datasheet]   32 BIT FET BUS SWITCH WITH ACTIVE CLAMP UNDERSHOOT PROTECTION CIRCUIT
logo
Fairchild Semiconductor
FSTU32X800 FAIRCHILD-FSTU32X800 Datasheet
194Kb / 5P
   20-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection
logo
Pericom Semiconductor C...
PI5C6801C PERICOM-PI5C6801C Datasheet
339Kb / 5P
   10-Bit Bus Switch with Precharged Outputs for Live Insertion and - 2V Undershoot Protection
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810 Datasheet
52Kb / 8P
   10-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
logo
Texas Instruments
SN74CBT6800A TI-SN74CBT6800A Datasheet
56Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800C TI1-SN74CBT6800C Datasheet
816Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS WITCH WITH-2-V UNDERSHOOT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com