Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62142 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62142
Description  3-V to 17-V 2-A Step-Down Converter in 3-mm3-mm QFN Package
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62142 Datasheet(HTML) 2 Page - Texas Instruments

  TPS62142 Datasheet HTML 1Page - Texas Instruments TPS62142 Datasheet HTML 2Page - Texas Instruments TPS62142 Datasheet HTML 3Page - Texas Instruments TPS62142 Datasheet HTML 4Page - Texas Instruments TPS62142 Datasheet HTML 5Page - Texas Instruments TPS62142 Datasheet HTML 6Page - Texas Instruments TPS62142 Datasheet HTML 7Page - Texas Instruments TPS62142 Datasheet HTML 8Page - Texas Instruments TPS62142 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
TPS62140
TPS62141, TPS62142, TPS62143
SLVSAJ0
– NOVEMBER 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TA
OUTPUT VOLTAGE
PART NUMBER(2)
PACKAGE
ORDERING
PACKAGE MARKING
Adjustable
TPS62140
TPS62140RGT
QTZ
1.8 V
TPS62141
TPS62141RGT
QWA
–40°C to 85°C
16-Pin QFN
3.3 V
TPS62142
TPS62142RGT
QWB
5 V
TPS62143
TPS62143RGT
QWC
(1)
For detailed ordering information, see the PACKAGE OPTION ADDENDUM section at the end of this data sheet.
(2)
Contact the factory to check availability of other fixed output voltage versions.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
AVIN, PVIN
–0.3
20
V
EN, SS/TR
–0.3
VIN+0.3
Pin voltage range(2)
SW
–0.3
VIN+0.3
V
DEF, FSW, FB, PG, VOS
–0.3
7
V
Power-good sink current
PG
10
mA
Operating junction temperature range, TJ
–40
125
Temperature range
°C
Storage temperature range, Tstg
–65
150
HBM Human-body model
2
kV
ESD rating(3)
CDM Charged-device model
0.5
kV
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to network ground terminal.
(3)
ESD testing is performed according to the respective JESD22 JEDEC standard.
THERMAL INFORMATION
TPS6214X
THERMAL METRIC(1)
UNITS
RGT (16) PINS
θJA
Junction-to-ambient thermal resistance
29.1
θJC(TOP)
Junction-to-case(top) thermal resistance
15
θJB
Junction-to-board thermal resistance
11
°C/W
ψJT
Junction-to-top characterization parameter
0.5
ψJB
Junction-to-board characterization parameter
10
θJC(BOTTOM)
Junction-to-case(bottom) thermal resistance
3.5
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
Supply voltage, VIN (at AVIN and P VIN)
3
17
V
Operating free-air temperature, TA
–40
85
°C
Operating junction temperature, TJ
–40
125
°C
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS62140 TPS62141 TPS62142 TPS62143


Similar Part No. - TPS62142

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62142 TI-TPS62142 Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
TPS62142RGTR TI-TPS62142RGTR Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
TPS62142RGTT TI-TPS62142RGTT Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
More results

Similar Description - TPS62142

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62140 TI-TPS62140_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS6214x 3-V to 17-V 2-A Step-Down Converter in 3 횞 3 QFN Package
TPS62152-Q1 TI1-TPS62152-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   3 to 17-V 1-A Step-Down Converter in 3x3-mm QFN Package
TPS62140 TI-TPS62140_13 Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62816-Q1 TI-TPS62816-Q1 Datasheet
7Mb / 40P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
TPS62816-Q1 TI-TPS62816-Q1_V01 Datasheet
8Mb / 41P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
DECEMBER 2021
TLV62085 TI1-TLV62085_16 Datasheet
417Kb / 22P
[Old version datasheet]   High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com