Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74GTL2010PWE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74GTL2010PWE4
Description  10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74GTL2010PWE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74GTL2010PWE4 Datasheet HTML 1Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 2Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 3Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 4Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 5Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 6Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 7Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 8Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.ti.com
Electrical Characteristics
GTL2010
10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SCDS221 – SEPTEMBER 2006
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VDD = 3 V, VSREF = 1.365 V, VSn or VDn = 0.175 V,
VOL
Low-level output voltage
260
350
mV
Iclamp = 15.2 mA
VIK
Input clamp voltage
II = –18 mA,
VGREF = 0 V
–1.2
V
IIH
Gate input leakage
VI = 5 V,
VGREF = 0 V
5
µA
CI(GREF)
Gate capacitance
VI = 3 V or 0 V
56
pF
CIO(OFF)
OFF capacitance
VO = 3 V or 0 V,
VGREF = 0 V
7.4
pF
CIO(ON)
ON capacitance
VO = 3 V or 0 V,
VGREF = 3 V
18.6
pF
VGREF = 4.5 V
3.5
5
VGREF = 3 V
4.4
7
IO = 64 mA
VI = 0 V
VGREF = 2.3 V
5.5
9
VGREF = 1.5 V
67
105
ron(2)
ON-state resistance
VGREF = 1.5 V,
IO = 30 mA
9
15
VGREF = 4.5 V
7
10
VI = 2.4 V
VGREF = 3 V
IO = 15 mA
58
80
VI = 1.7 V
VGREF = 2.3 V
50
70
(1)
All typical values are measured at Tamb = 25°C.
(2)
Measured by the voltage drop between the Sn and the Dn terminals at the indicated current through the switch. On-state resistance is
determined by the lowest voltage of the two (Sn or Dn) terminals.
5
Submit Documentation Feedback


Similar Part No. - SN74GTL2010PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTL2010PWE4 TI-SN74GTL2010PWE4 Datasheet
149Kb / 15P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010PWE4 TI-SN74GTL2010PWE4 Datasheet
299Kb / 17P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
More results

Similar Description - SN74GTL2010PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GTL2010 TI-GTL2010 Datasheet
149Kb / 15P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
GTL2010 TI-GTL2010_07 Datasheet
299Kb / 17P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
NXP Semiconductors
GTL2010 NXP-GTL2010 Datasheet
125Kb / 20P
   10-bit bidirectional low voltage translator
Rev. 06-3 March 2008
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003_15 Datasheet
995Kb / 25P
[Old version datasheet]   8-Bit Bidirectional Low-Voltage Translator
SN74GTL2003 TI1-SN74GTL2003 Datasheet
652Kb / 20P
[Old version datasheet]   8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
NXP Semiconductors
GTL2003 NXP-GTL2003 Datasheet
121Kb / 19P
   8-bit bidirectional low voltage translator
Rev. 01-27 July 2007
GTL2002 NXP-GTL2002 Datasheet
138Kb / 22P
   2-bit bidirectional low voltage translator
GTL2003 PHILIPS-GTL2003 Datasheet
113Kb / 19P
   8-bit bidirectional low voltage translator
Rev. 01-27 July 2007
logo
Pericom Semiconductor C...
PI4GTL2002 PERICOM-PI4GTL2002 Datasheet
537Kb / 12P
   2-bit bidirectional low voltage translator
logo
Texas Instruments
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com