Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62172DSG Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS62172DSG
Description  3-17V 0.5A Step-Down Converter with DCS-ControlTM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62172DSG Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62172DSG Datasheet HTML 6Page - Texas Instruments TPS62172DSG Datasheet HTML 7Page - Texas Instruments TPS62172DSG Datasheet HTML 8Page - Texas Instruments TPS62172DSG Datasheet HTML 9Page - Texas Instruments TPS62172DSG Datasheet HTML 10Page - Texas Instruments TPS62172DSG Datasheet HTML 11Page - Texas Instruments TPS62172DSG Datasheet HTML 12Page - Texas Instruments TPS62172DSG Datasheet HTML 13Page - Texas Instruments TPS62172DSG Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
0.0
3.0
6.0
9.0
12.0
15.0
18.0 20.0
−40°C
25°C
85°C
Input Voltage (V)
G001
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
3.0
6.0
9.0
12.0
15.0
18.0 20.0
−40°C
25°C
85°C
Input Voltage (V)
G001
0.0
50.0
100.0
150.0
200.0
250.0
300.0
350.0
400.0
450.0
500.0
550.0
600.0
3.0
6.0
9.0
12.0
15.0
18.0
−40°C
−20°C
25°C
85°C
125°C
Input Voltage (V)
G001
0.0
25.0
50.0
75.0
100.0
125.0
150.0
175.0
200.0
225.0
250.0
3.0
6.0
9.0
12.0
15.0
18.0
20.0
−40°C
−20°C
25°C
85°C
125°C
Input Voltage (V)
G001
0
0.01
0.02
0.03
0.04
0.05
0
0.1
0.2
0.3
0.4
0.5
VIN=5V
VIN=12V
VIN=17V
Output Current (A)
VOUT=3.3V,
L=2.2uH (VLF3012ST)
Cout=22uF
G000
0
0.2
0.5
0.8
1
1.2
1.5
4
5
6
7
8
9
10
11
12
13
14
15
16
17
−40°C
25°C
85°C
Input Voltage (V)
VOUT=3.3V
L=2.2uH (VLF3012ST)
Cout=22uF
G000
TPS62170, TPS62171
TPS62172, TPS62173
SLVSAT8A – NOVEMBER 2011 – REVISED APRIL 2012
www.ti.com
INPUT CURRENT
INPUT CURRENT
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 17. Quiescent Current
Figure 18. Shutdown Current
STATIC DRAIN-SOURCE-RESISTANCE (RDSon)
STATIC DRAIN-SOURCE-RESISTANCE (RDSon)
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 19. High-Side Switch
Figure 20. Low-Side Switch
OUTPUT VOLTAGE RIPPLE
OUTPUT CURRENT
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 21. Output Voltage Ripple
Figure 22. Maximum Output Current
10
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS62170 TPS62171 TPS62172 TPS62173


Similar Part No. - TPS62172DSG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62172DSGR TI1-TPS62172DSGR Datasheet
1Mb / 34P
[Old version datasheet]   Step-Down Converters
TPS62172DSGT TI1-TPS62172DSGT Datasheet
1Mb / 34P
[Old version datasheet]   Step-Down Converters
More results

Similar Description - TPS62172DSG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TPS62160 TI1-TPS62160 Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62160 TI1-TPS62160_14 Datasheet
1Mb / 35P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TLV62150ARGTR TI-TLV62150ARGTR Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TLV62150 TI1-TLV62150_14 Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62150 TI1-TLV62150 Datasheet
1Mb / 31P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control?
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TPS62150A-Q1 TI-TPS62150A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6215xA-Q1 3V to 17-V 1A Step-Down Converter with DCS-ControlTM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com