Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62262-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62262-Q1
Description  2.25-MHz 600-mA STEP-DOWN CONVERTERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62262-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62262-Q1 Datasheet HTML 3Page - Texas Instruments TPS62262-Q1 Datasheet HTML 4Page - Texas Instruments TPS62262-Q1 Datasheet HTML 5Page - Texas Instruments TPS62262-Q1 Datasheet HTML 6Page - Texas Instruments TPS62262-Q1 Datasheet HTML 7Page - Texas Instruments TPS62262-Q1 Datasheet HTML 8Page - Texas Instruments TPS62262-Q1 Datasheet HTML 9Page - Texas Instruments TPS62262-Q1 Datasheet HTML 10Page - Texas Instruments TPS62262-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
I − OutputCurrent − mA
O
0
10
20
30
40
90
100
0.01
0.1
100
1000
50
60
V =2.3V
I
V =2.7V
I
V =3.6V
I
V =4.5V
I
V
=1.2V
MODE=GND
L =2 H
MIPSA2520
C
=10 F0603
O
O
m
m
70
80
10
1
I − OutputCurrent − mA
O
0
10
20
30
40
90
100
1
10
100
1000
50
60
V =2.3V
I
V =2.3V
I
V =2.7V
I
V =3.6V
I
V =4.5V
I
V
=1.2V,
MODE=V ,
L =2 H,
MIPSA2520
C
=10 F0603
O
I
O
m
m
70
80
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
1000
I
– OutputCurrent – mA
OUT
100
V
=4.2V
IN
V
=4.5V
IN
V
=3.6V
IN
V
=3.3V
MODE=GND
L =2.2 H
DCR=110mH
C
=10 F0603
OUT
OUT
m
m
V
=5V
IN
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
I
– OutputCurrent – mA
OUT
V
=3.3V
MODE=V
L =2.2 H
DCR110m
C
=10 F0603
OUT
IN
OUT
m
W
m
V
=3.6V
IN
V
=4.2V
IN
V
=4.5V
IN
V
=5V
IN
TPS62260-Q1, TPS62261-Q1
TPS62262-Q1, TPS62263-Q1
www.ti.com
SLVSA16C – AUGUST 2009 – REVISED JULY 2012
EFFICIENCY (PWM Mode)
EFFICIENCY (Power Save Mode)
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 3.
Figure 4.
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 5.
Figure 6.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS62260-Q1 TPS62261-Q1 TPS62262-Q1 TPS62263-Q1


Similar Part No. - TPS62262-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62262-Q1 TI1-TPS62262-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
More results

Similar Description - TPS62262-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DDCT TI-TPS62262DDCT Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62270 TI-TPS62270_09 Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_08 Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com