Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62366AYZHT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62366AYZHT
Description  4A Processor Supply with I2C Compatible Interface and Remote Sense
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62366AYZHT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62366AYZHT Datasheet HTML 6Page - Texas Instruments TPS62366AYZHT Datasheet HTML 7Page - Texas Instruments TPS62366AYZHT Datasheet HTML 8Page - Texas Instruments TPS62366AYZHT Datasheet HTML 9Page - Texas Instruments TPS62366AYZHT Datasheet HTML 10Page - Texas Instruments TPS62366AYZHT Datasheet HTML 11Page - Texas Instruments TPS62366AYZHT Datasheet HTML 12Page - Texas Instruments TPS62366AYZHT Datasheet HTML 13Page - Texas Instruments TPS62366AYZHT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
TPS62366A, TPS62366B
SLUSAX3 – JULY 2012
www.ti.com
TYPICAL CHARACTERISTICS
Table 1. Table of Graphs
FIGURE
VOUT = 1.5V
Figure 3
VOUT = 1.2V
Figure 4
vs. Output Current (Power Save and
Forced PWM Mode)
VOUT = 0.9V
Figure 5
VOUT = 0.6V
Figure 6
η
Efficiency
IOUT = 4000mA
Figure 7
IOUT = 1000mA
Figure 8
vs. Input Voltage (Power Save and
Forced PWM Mode)
IOUT = 100mA
Figure 9
IOUT = 10mA
Figure 10
VOUT = 1.5V, TA = 25°C
Figure 11
VOUT = 1.2V, TA = 25°C
Figure 12
vs. Output Current (Power Save and
VO
DC Output Voltage
Forced PWM Mode)
VOUT = 0.9V, TA = 25°C
Figure 13
VOUT = 0.6V, TA = 25°C
Figure 14
VOUT = 0.5V, IOUT = 0mA
Figure 15
Into No Load
VOUT = 1.5V, IOUT = 0mA
Figure 16
Startup
VOUT = 0.5V, IOUT = 1000mA
Figure 17
Into Load
VOUT = 1.5V, IOUT = 1000mA
Figure 18
IOUT = 10mA
Figure 19
IOUT = 200mA
Figure 20
L = 1
μH
IOUT = 1000mA
Figure 21
IOUT = 4000mA
Figure 22
Switching Wave forms
IOUT = 10mA
Figure 23
IOUT = 200mA
Figure 24
L = 0.47
μH
IOUT = 1000mA
Figure 25
IOUT = 4000mA
Figure 26
IOUT = 0mA
Figure 27
Output Voltage Ramp Control
Transition 0.5V .. 1.5V
IOUT = 1000mA
Figure 28
IOUT = 50mA to 200mA
Figure 29
L = 1
μH
IOUT = 200mA to 1000mA
Figure 30
IOUT = 2500mA to 4000mA
Figure 31
Load Transient Response
IOUT = 50mA to 200mA
Figure 32
L = 0.47
μH
IOUT = 200mA to 1000mA
Figure 33
IOUT = 2500mA to 4000mA
Figure 34
Line Transient Response
VIN = 3.6 to 4.2V, IOUT = 3500mA
Figure 35
ISD(VIN),
Shutdown Current at AVIN and
vs. Input Voltage
TA = [-40°C, 25°C, 125°C]
Figure 36
ISD(AVIN)
VIN
TA = [-40°C, 25°C, 125°C], auto
IQ
Operating Quiescent Current
vs. Input Voltage
Figure 37
PFM/PWM
fSW
Switching Frequency
vs. Output Current
VOUT = 1.2V
Figure 38
ILIM
Current Limit
vs. Input Voltage
Figure 39
IOUT
Maximum DC Output current
vs. Input Voltage
VOUT = [0.6V, 0.9V, 1.2V, 1.5V]
Figure 40
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS62366A TPS62366B


Similar Part No. - TPS62366AYZHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62360 TI1-TPS62360 Datasheet
1Mb / 51P
[Old version datasheet]   Processor Supply with I2C Compatible Interface and Remote Sense
MAY2011
TPS62360 TI-TPS62360 Datasheet
1Mb / 52P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360 Datasheet
1Mb / 53P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360 Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI-TPS62360 Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
More results

Similar Description - TPS62366AYZHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62360 TI1-TPS62360 Datasheet
1Mb / 51P
[Old version datasheet]   Processor Supply with I2C Compatible Interface and Remote Sense
MAY2011
TPS62360_1108 TI-TPS62360_1108 Datasheet
1Mb / 52P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI-TPS62360_15 Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360_17 Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360_12 Datasheet
1Mb / 53P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
logo
Texas Instruments
INA226 TI1-INA226_15 Datasheet
1Mb / 38P
[Old version datasheet]   Bi-Directional Current and Power Monitor with I2C Compatible Interface
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650_10 Datasheet
241Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 4; 7/10
MAX6650 MAXIM-MAX6650_12 Datasheet
284Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
MAX6650 MAXIM-MAX6650_14 Datasheet
260Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com